Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61178RNWR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61178RNWR
Description  20-V, 10-A Fully-Integrated Synchronous Boost with Load Disconnect Control
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61178RNWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS61178RNWR Datasheet HTML 2Page - Texas Instruments TPS61178RNWR Datasheet HTML 3Page - Texas Instruments TPS61178RNWR Datasheet HTML 4Page - Texas Instruments TPS61178RNWR Datasheet HTML 5Page - Texas Instruments TPS61178RNWR Datasheet HTML 6Page - Texas Instruments TPS61178RNWR Datasheet HTML 7Page - Texas Instruments TPS61178RNWR Datasheet HTML 8Page - Texas Instruments TPS61178RNWR Datasheet HTML 9Page - Texas Instruments TPS61178RNWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
6
TPS61178, TPS611781
SLVSDA7 – FEBRUARY 2017
www.ti.com
Product Folder Links: TPS61178 TPS611781
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
VIN = 2.7 V to 14 V and VOUT = 16 V, TJ = - 40 °C to 125 °C , Typical values are at TJ = 25 °C, unless otherwise noted.
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
EN / SYNC LOGIC
VEN_H
EN Logic high threshold
1.2
V
VEN_L
EN Logic Low threshold
0.4
V
REN
EN pulldown resistor
800
VSYNC_H
SYNC clock high threshold
1.2
V
VSYNC_L
SYNC clock low threshold
0.4
V
ERROR AMPLIFIER
VCOMPH
COMP output high voltage
High threshold, VFB = VREF - 200 mV,
RLIMIT = 80.6 kΩ, Minimum On time
1.9
V
VCOMPL
COMP output low voltage
Low threshold, VFB = VREF + 200 mV,
RLIMIT = 80.6 kΩ, Minimum On time
1.25
V
GmEA
Error amplifier trans conductance
VCOMP = 1.5 V
195
µS
ISINK
Comp pin sink current
VFB = VREF + 200 mV, VCOMP = 1.5 V
20
µA
ISOURCE
Comp pin source current
VFB = VREF –200 mV, VCOMP = 1.5 V
20
µA
7.6 Timing Requirements
VIN = 2.7 V to 14 V and VOUT = 16 V, TJ = - 40 °C to 125 °C , Typical values are at TJ = 25 °C, unless otherwise noted.
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
CURRENT LIMIT
tHIC_OFF
Waiting time for restart in hiccup
mode
90
ms
SOFT START
tSTARTUP
Startup time
3.2
ms
tPRE_CHARG
Pre-charge time
1.8
2.6
3.4
ms
PROTECTION
tSD_R
Thermal shutdown rising
threshold
TJ rising
150
°C
tSD_F
Thermal shutdown falling
threshold
TJ falling
130
°C
7.7 Switching Characteristics
VIN = 2.7 V to 14 V and VOUT = 16 V, TJ = - 40 °C to 125 °C , Typical values are at TJ = 25 °C, unless otherwise noted.
PARAMETER
CONDITION
MIN
TYP
MAX
Unit
SWITCHING FREQUENCY / SYNC
RFREQ = 342 kΩ
400
500
600
kHz
fSW
Switching frequency
RFREQ = 842 kΩ
160
200
240
kHz
RFREQ = 75 kΩ
1900
2200
2500
kHz
tON_min
Minimum on time
105
135
ns
tOFF_min
Minimum off time
140
180
ns
fSYNC_MIN
Minimum external frequency
190
200
210
kHz
fSYNC_MAX
Maximum external frequency
2090
2200
2310
kHz
GATE DRIVER FOR LOAD DISCONNECT
IGD_SINK
Driver current for the external FET
55
µA


Similar Part No. - TPS61178RNWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61178RNWR TI1-TPS61178RNWR Datasheet
728Kb / 35P
[Old version datasheet]   20-V, 10-A Fully-Integrated Synchronous Boost with Load Disconnect Control
More results

Similar Description - TPS61178RNWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61178 TI1-TPS61178 Datasheet
728Kb / 35P
[Old version datasheet]   20-V, 10-A Fully-Integrated Synchronous Boost with Load Disconnect Control
TPS61372 TI1-TPS61372_18 Datasheet
1Mb / 29P
[Old version datasheet]   16-V, 3.8-A Synchronous Boost With Load Disconnect
TPS61372 TI1-TPS61372 Datasheet
805Kb / 35P
[Old version datasheet]   16-V, 3.6-A Synchronous Boost with Load Disconnect
TPS61088-Q1 TI1-TPS61088-Q1_18 Datasheet
1Mb / 32P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
TPS61088-Q1 TI1-TPS61088-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
TPS61088 TI-TPS61088_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS61088 10-A Fully-Integrated Synchronous Boost Converter
TPS61088 TI1-TPS61088_16 Datasheet
1Mb / 32P
[Old version datasheet]   TPS61088 10-A Fully-Integrated Synchronous Boost Converter
TPS61288 TI-TPS61288_V01 Datasheet
2Mb / 30P
[Old version datasheet]   TPS61288 18-V, 15-A, Fully Integrated Synchronous Boost Converter
DECEMBER 2021
TPS61288 TI-TPS61288 Datasheet
2Mb / 25P
[Old version datasheet]   TPS61288 18-V, 15-A, Fully Integrated Synchronous Boost Converter
logo
Fairchild Semiconductor
FAN5340 FAIRCHILD-FAN5340 Datasheet
931Kb / 12P
   Synchronous Constant-Current Series Boost LED Driver with PWM Brightness Control and Integrated Load Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com