Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4210AEUA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4210AEUA
Description  High-Side Power and Current Monitors
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4210AEUA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4210AEUA Datasheet HTML 1Page - Maxim Integrated Products MAX4210AEUA Datasheet HTML 2Page - Maxim Integrated Products MAX4210AEUA Datasheet HTML 3Page - Maxim Integrated Products MAX4210AEUA Datasheet HTML 4Page - Maxim Integrated Products MAX4210AEUA Datasheet HTML 5Page - Maxim Integrated Products MAX4210AEUA Datasheet HTML 6Page - Maxim Integrated Products MAX4210AEUA Datasheet HTML 7Page - Maxim Integrated Products MAX4210AEUA Datasheet HTML 8Page - Maxim Integrated Products MAX4210AEUA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Comparator Propagation
Delay
tPD+, tPD-
CLOAD = 10pF, RLOAD = 10k
Ω pullup to
VCC, 5mV overdrive
4µs
Minimum INHIBIT Pulse
Width
1µs
Minimum LE Pulse Width
1µs
Comparator Power-Up
Blanking Time From VCC
tON
VCC from 0 to (2.7V to 5.5V)
300
µs
LATCH Setup Time
tSETUP
3µs
MAX4210A/MAX4211A (power gain = 0.667)
TA = +25
°C
±0.5
±1.5
∆VPOUT/
∆VSENSE
VSENSE = 10mV to
100mV, VRS+ = 25V
TA = TMIN to TMAX
±3.0
TA = +25
°C
±0.5
±1.5
POUT Gain Accuracy
(Note 9)
∆VPOUT/
∆VRS+
VSENSE = 100mV,
VRS+ = 5V to 25V
TA = TMIN to TMAX
±3.0
%
TA = +25
°C
±0.15
±1.5
∆VPOUT_MAX/
FSO
VSENSE = 5mV to
100mV, VRS+ = 5V to
25V
TA = TMIN to TMAX
±3.0
% FSO*
TA = +25
°C
±0.2
±1.5
VSENSE = 150mV,
VRS+
≥ 15V
TA = TMIN to TMAX
±3.0
VSENSE = 100mV, VRS+
≥ 4V
±2.5
VSENSE = 100mV, VRS+
≥ 9V
±1.2
VSENSE = 50mV, VRS+
≥ 6V
±1.8
Total POUT Output Error
(Note 10)
∆VPOUT_MAX/
VPOUT
VSENSE = 25mV, VRS+
≥ 15V
±1.8
%
TA = +25
°C
1.5
5
POUT Output Offset Voltage
(Note 11)
VSENSE = 0V,
VRS+ = 25V
TA = TMIN to TMAX
15
mV
MAX4210B/MAX4211B (power gain = 1.00)
TA = +25
°C
±0.5
±1.5
∆VPOUT/
∆VSENSE
VSENSE = 10mV to
100mV, VRS+ = 25V
TA = TMIN to TMAX
±3.0
TA = +25
°C
±0.5
±1.5
POUT Gain Accuracy
(Note 9)
∆VPOUT/
∆VRS+
VSENSE = 100mV,
VRS+ = 5V to 25V
TA = TMIN to TMAX
±3.0
%
High-Side Power and
Current Monitors
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 5.0V, VRS+ = 25V, VSENSE = 5mV, VIN = 1.0V, VLE = 0V, RIOUT = RPOUT = 1M
Ω, VCIN1+ = VCIN2+ = VREF, VCIN1- = VCIN2- =
GND, VINHIBIT = 0V, RCOUT1 = RCOUT2 = 5k
Ω connected to VCC, TA = -40°C to +85°C, unless otherwise noted. Typical values are at
TA = +25
°C, unless otherwise noted.) (Note 1)
*FSO refers to full-scale output under the conditions: VSENSE = 100mV, VRS+ = +25V, or VIN = 1V.


Similar Part No. - MAX4210AEUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4210AEUA MAXIM-MAX4210AEUA Datasheet
676Kb / 32P
   High-Side Power and Current Monitors
Rev 1; 5/05
More results

Similar Description - MAX4210AEUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4210 MAXIM-MAX4210_05 Datasheet
676Kb / 32P
   High-Side Power and Current Monitors
Rev 1; 5/05
logo
Diodes Incorporated
ZXCT1107 DIODES-ZXCT1107 Datasheet
374Kb / 17P
   LOW POWER HIGH-SIDE CURRENT MONITORS
ZXCT11 DIODES-ZXCT11 Datasheet
263Kb / 2P
   Low power high side current monitors
ZXCT1107_1107 DIODES-ZXCT1107_1107 Datasheet
341Kb / 16P
   LOW POWER HIGH-SIDE CURRENT MONITORS
ZXCT1087E5TA DIODES-ZXCT1087E5TA Datasheet
306Kb / 13P
   PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
ZXCT1082 DIODES-ZXCT1082 Datasheet
309Kb / 13P
   PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
DS32162 Rev. 1 - 2
ZXCT1084E5TA DIODES-ZXCT1084E5TA Datasheet
307Kb / 14P
   PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
logo
Maxim Integrated Produc...
MAX4004 MAXIM-MAX4004_V01 Datasheet
1Mb / 11P
   High-Accuracy, High-Side Current Monitors in SOT23
2015
MAX4004 MAXIM-MAX4004 Datasheet
241Kb / 10P
   High-Accuracy, High-Side Current Monitors in SOT23
Rev 1; 5/03
logo
Diodes Incorporated
ZXCT1082Q DIODES-ZXCT1082Q Datasheet
500Kb / 13P
   AUTOMOTIVE GRADE PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
April 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com