Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLHG5400-AS12Z Datasheet(PDF) 6 Page - Vishay Siliconix

Part # TLHG5400-AS12Z
Description  Choice of three bright colors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHG5400-AS12Z Datasheet(HTML) 6 Page - Vishay Siliconix

  TLHG5400-AS12Z Datasheet HTML 1Page - Vishay Siliconix TLHG5400-AS12Z Datasheet HTML 2Page - Vishay Siliconix TLHG5400-AS12Z Datasheet HTML 3Page - Vishay Siliconix TLHG5400-AS12Z Datasheet HTML 4Page - Vishay Siliconix TLHG5400-AS12Z Datasheet HTML 5Page - Vishay Siliconix TLHG5400-AS12Z Datasheet HTML 6Page - Vishay Siliconix TLHG5400-AS12Z Datasheet HTML 7Page - Vishay Siliconix TLHG5400-AS12Z Datasheet HTML 8Page - Vishay Siliconix TLHG5400-AS12Z Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TLHR540., TLHY540., TLHG540.
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 16-Mar-15
6
Document Number: 83012
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 13 - Relative Intensity vs. Wavelength
Fig. 14 - Forward Current vs. Forward Voltage
Fig. 15 - Relative Luminous Intensity vs. Ambient Temperature
Fig. 16 - Specific Luminous Intensity vs. Forward Current
Fig. 17 - Relative Luminous Intensity vs. Forward Current
Fig. 18 - Relative Intensity vs. Wavelength
550
570
590
610
630
0
0.2
0.4
0.6
0.8
1.2
650
95 10039
λ - Wavelength (nm)
1.0
yellow
0.1
1
10
100
1000
10
8
6
4
2
0
95 10034
VF - Forward Voltage (V)
green
t
p/T = 0.001
t
p = 10 µs
0
0.4
0.8
1.2
1.6
95 10035
green
I
F = 10 mA
Tamb - Ambient Temperature (°C)
20
40
60
80
0100
10
20
50
100
200
0
0.4
0.8
1.2
1.6
2.4
95 10263
500
2.0
green
I
F (mA)
0.5
0.2
0.1
0.05
0.02
1
t
p/T
IF - Forward Current (mA)
100
green
0.1
1
10
95 10037
10
1
520
540
560
580
600
0
0.2
0.4
0.6
0.8
1.2
620
95 10038
λ - Wavelength (nm)
1.0
green


Similar Part No. - TLHG5400-AS12Z

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHG5400-AS12 VISHAY-TLHG5400-AS12 Datasheet
198Kb / 9P
   High Efficiency LED, Ø 5 mm Tinted Diffused Package
01-Jan-2023
More results

Similar Description - TLHG5400-AS12Z

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHG460 VISHAY-TLHG460 Datasheet
182Kb / 9P
   Choice of three bright colors
Rev. 2.2, 14-Oct-15
TLHG420 VISHAY-TLHG420 Datasheet
210Kb / 11P
   Choice of five bright colors
Rev. 2.1, 09-Jan-17
logo
A-Data Technology
UV110 A-DATA-UV110 Datasheet
972Kb / 1P
   Choice of four popular colors
logo
Grayhill, Inc
30-102 GRAYHILL-30-102 Datasheet
91Kb / 1P
   Convenient Snap-in Panel Mounting Choice of 6 Button Colors
logo
List of Unclassifed Man...
9001KR1U ETC2-9001KR1U Datasheet
80Kb / 1P
   pushbutton head - 횠 30 - 7 colors choice
logo
Honeywell Solid State E...
HOA0708-011 HONEYWELL-HOA0708-011 Datasheet
437Kb / 1P
   Choice of phototransistor or photodarlington
logo
Everlight Electronics C...
EALP02RRAGA0 EVERLIGHT-EALP02RRAGA0 Datasheet
227Kb / 8P
   Choice of various viewing angles
EALP03RDAYA0 EVERLIGHT-EALP03RDAYA0 Datasheet
593Kb / 8P
   Choice of various viewing angles
EALP03RDAYA2 EVERLIGHT-EALP03RDAYA2 Datasheet
289Kb / 8P
   Choice of various viewing angles
EALP03RDAYA4 EVERLIGHT-EALP03RDAYA4 Datasheet
362Kb / 8P
   Choice of various viewing angles
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com