Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC7225IMX Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC7225IMX
Description  Micro-Power, Rail-to-Rail CMOS Comparators with Open-Drain/Push-Pull Outputs and TinyPak??Package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC7225IMX Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMC7225IMX Datasheet HTML 1Page - National Semiconductor (TI) LMC7225IMX Datasheet HTML 2Page - National Semiconductor (TI) LMC7225IMX Datasheet HTML 3Page - National Semiconductor (TI) LMC7225IMX Datasheet HTML 4Page - National Semiconductor (TI) LMC7225IMX Datasheet HTML 5Page - National Semiconductor (TI) LMC7225IMX Datasheet HTML 6Page - National Semiconductor (TI) LMC7225IMX Datasheet HTML 7Page - National Semiconductor (TI) LMC7225IMX Datasheet HTML 8Page - National Semiconductor (TI) LMC7225IMX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
2.7V to 5V Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 2.7V to 5V, V= 0V, V
CM = VO = V+/2. Boldface limits
apply at the temperature extremes.
Typ
LMC7215
LMC7225
Symbol
Parameter
Conditions
(Note 5)
Limit
Limit
Units
(Note 6)
(Note 6)
Current (Note 10)
V
+ = 5.0V, Sinking
30
mA
I
Leakage
Output Leakage Current
V
+ = 2.2V
nA
V
IN+ = 0.1V, VIN− = 0V,
0.01
NA
500
max
V
OUT = 15V
I
S
Supply Current
V
+ = 5.0V
0.7
1
1
µA
V
IN+ = 5V, VIN− = 0V
1.2
1.2
max
AC Electrical Characteristics
Unless otherwise specified, T
J = 25˚C, V
+ = 5V, V= 0V, V
CM = V
+/2
LMC7215
LMC7225
Symbol
Parameter
Conditions
Typ
Typ
Units
(Note 5)
(Notes 5, 8)
t
rise
Rise Time
Overdrive = 10 mV (Note 8)
1
12.2
µs
t
fall
Fall Time
Overdrive = 10 mV (Note 8)
0.4
0.35
µs
t
PHL
Propagation Delay
(Notes 8, 9)
Overdrive = 10 mV
24
24
µs
(High to Low)
Overdrive = 100 mV
12
12
V
+ = 2.7V
Overdrive = 10 mV
17
17
µs
(Notes 8, 9)
Overdrive = 100 mV
11
11
t
PLH
Propagation Delay
(Notes 8, 9)
Overdrive = 10 mV
24
29
µs
(Low to High)
Overdrive = 100 mV
12
17
V
+ = 2.7V
Overdrive = 10 mV
17
22
µs
(Notes 8, 9)
Overdrive = 100 mV
11
16
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is in-
tended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note 2: Human body model, 1.5 k
Ω in series with 100 pF.
Note 3: Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in exceeding the
maximum allowed junction temperature of 150˚C.
Note 4: The maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(max) −TA)/θJA. All numbers apply for packages soldered directly into a PC board.
Note 5: Typical values represent the most likely parametric norm.
Note 6: All limits are guaranteed by testing or statistical analysis.
Note 7: CMRR measured at VCM = 0V to 2.5V and 2.5V to 5V when VS = 5V, VCM = 0.2V to 1.35V and 1.35V to 2.7V when VS = 2.7V. This eliminates units that
have large VOS at the VCM extremes and low or opposite VOS at VCM = VS/2.
Note 8: All measurements made at 10 kHz. A 100 k
Ω pull-up resistor was used when measuring the LMC7225. CLOAD = 50 pF including the test jig and scope probe.
The rise times of the LMC7225 are a function of the R-C time constant.
Note 9: Input step voltage for the propagation measurements is 100 mV.
Note 10: Do not short the output of the LMC7225 to voltages greater than 10V or damage may occur.
www.national.com
4


Similar Part No. - LMC7225IMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC7225IM5 NSC-LMC7225IM5 Datasheet
775Kb / 11P
   Micro-Power, Rail-to-Rail CMOS Comparators with Push-Pull/Open-Drain Outputs and TinyPak??Package
logo
Texas Instruments
LMC7225IM5 TI-LMC7225IM5 Datasheet
1Mb / 19P
[Old version datasheet]   Micro-Power, Rail-to-Rail CMOS Comparators with Push-Pull/Open-Drain Outputs
LMC7225IM5/NOPB TI-LMC7225IM5/NOPB Datasheet
1Mb / 19P
[Old version datasheet]   Micro-Power, Rail-to-Rail CMOS Comparators with Push-Pull/Open-Drain Outputs
logo
National Semiconductor ...
LMC7225IM5X NSC-LMC7225IM5X Datasheet
775Kb / 11P
   Micro-Power, Rail-to-Rail CMOS Comparators with Push-Pull/Open-Drain Outputs and TinyPak??Package
logo
Texas Instruments
LMC7225IM5X TI-LMC7225IM5X Datasheet
1Mb / 19P
[Old version datasheet]   Micro-Power, Rail-to-Rail CMOS Comparators with Push-Pull/Open-Drain Outputs
More results

Similar Description - LMC7225IMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC7215 NSC-LMC7215_06 Datasheet
775Kb / 11P
   Micro-Power, Rail-to-Rail CMOS Comparators with Push-Pull/Open-Drain Outputs and TinyPak??Package
logo
Texas Instruments
LMC7215 TI-LMC7215_15 Datasheet
1Mb / 19P
[Old version datasheet]   Micro-Power, Rail-to-Rail CMOS Comparators with Push-Pull/Open-Drain Outputs
LMC7215IM5-NOPB TI1-LMC7215IM5-NOPB Datasheet
1Mb / 19P
[Old version datasheet]   LMC7215/LMC7215-Q1/LMC7225 Micro-Power, Rail-to-Rail CMOS Comparators with Push- Pull/Open-Drain Outputs
TLV7211 TI-TLV7211_07 Datasheet
474Kb / 19P
[Old version datasheet]   CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
TLV7211 TI-TLV7211_10 Datasheet
722Kb / 20P
[Old version datasheet]   CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
TLV7211 TI-TLV7211 Datasheet
469Kb / 16P
[Old version datasheet]   CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
logo
Global Mixed-mode Techn...
G1337 GMT-G1337 Datasheet
80Kb / 1P
   Dual Rail-to-Rail CMOS Comparators with Open- Drain Output
logo
New Japan Radio
NJU77230 NJRC-NJU77230 Datasheet
1Mb / 25P
   Rail-to-Rail Input,Push-Pull Output Low power CMOS Comparators
Ver.3
logo
Texas Instruments
TLV1811 TI1-TLV1811_V05 Datasheet
3Mb / 57P
[Old version datasheet]   TLV181x and TLV182x Family of 40 V Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
REVISED SEPTEMBER 2023
TLV1811 TI1-TLV1811_V04 Datasheet
2Mb / 49P
[Old version datasheet]   TLV181x and TLV182x Family of 40 V Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
REVISED SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com