Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLVD4200-MSZ Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TLVD4200-MSZ
Description  Categorized for luminous flux
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLVD4200-MSZ Datasheet(HTML) 5 Page - Vishay Siliconix

  TLVD4200-MSZ Datasheet HTML 1Page - Vishay Siliconix TLVD4200-MSZ Datasheet HTML 2Page - Vishay Siliconix TLVD4200-MSZ Datasheet HTML 3Page - Vishay Siliconix TLVD4200-MSZ Datasheet HTML 4Page - Vishay Siliconix TLVD4200-MSZ Datasheet HTML 5Page - Vishay Siliconix TLVD4200-MSZ Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TLVD4200
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 27-Jan-15
5
Document Number: 83058
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TAPE DIMENSIONS in millimeters
Option
Dim. “H” ± 0.5 mm
MS
25.5
Reel
(Mat. - No. 1764)
Quantity per:
2000
94 8171
2.54
+ 0.6
- 0.1
12.7 ± 0.2
5.08 ± 0.7
Measure limit over 20 index-holes: ± 1
0.9 max.
6.35 ± 0.7
Ø 4 ± 0.2
12.7 ± 1
± 1
± 2


Similar Part No. - TLVD4200-MSZ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLVD4200-MSZ VISHAY-TLVD4200-MSZ Datasheet
195Kb / 6P
   DH Backlighting LED in Ø 3 mm Tinted Non-Diffused Package
01-Jan-2023
More results

Similar Description - TLVD4200-MSZ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLVY42N1P2-34 VISHAY-TLVY42N1P2-34 Datasheet
142Kb / 5P
   Categorized for luminous flux
Rev. 1.2, 14-Oct-14
VLMW21 VISHAY-VLMW21 Datasheet
333Kb / 10P
   Luminous intensity categorized
Rev. 1.4, 09-Feb-10
TLUR2400 VISHAY-TLUR2400 Datasheet
763Kb / 5P
   Luminous intensity categorized
Rev. 1.5, 22-Apr-13
TLHG44K1L2 VISHAY-TLHG44K1L2 Datasheet
109Kb / 5P
   Luminous intensity categorized
Rev. 1.2, 14-Oct-14
TLHP42J2L1 VISHAY-TLHP42J2L1 Datasheet
109Kb / 5P
   Luminous intensity and color categorized
Rev. 1.3, 14-Oct-14
logo
HB Electronic Component...
E12RGB-3W HB-E12RGB-3W Datasheet
682Kb / 1P
   Highest Luminous Flux
logo
OptoSupply Internationa...
OSWWH2E3E1E_VER.A.2 OPTOSUPPLY-OSWWH2E3E1E_VER.A.2 Datasheet
175Kb / 2P
   Highest Luminous Flux
OS4W7NE1E1E OPTOSUPPLY-OS4W7NE1E1E Datasheet
144Kb / 2P
   Highest Luminous Flux
logo
HB Electronic Component...
E12RGB-1W HB-E12RGB-1W Datasheet
810Kb / 1P
   Highest Luminous Flux
PLCC5630-W6 HB-PLCC5630-W6 Datasheet
1Mb / 13P
   High luminous flux output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com