Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLVP4200 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # TLVP4200
Description  Tinted clear package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLVP4200 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button TLVP4200 Datasheet HTML 2Page - Vishay Siliconix TLVP4200 Datasheet HTML 3Page - Vishay Siliconix TLVP4200 Datasheet HTML 4Page - Vishay Siliconix TLVP4200 Datasheet HTML 5Page - Vishay Siliconix TLVP4200 Datasheet HTML 6Page - Vishay Siliconix TLVP4200 Datasheet HTML 7Page - Vishay Siliconix TLVP4200 Datasheet HTML 8Page - Vishay Siliconix TLVP4200 Datasheet HTML 9Page - Vishay Siliconix TLVP4200 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
TLVH420., TLVS4200, TLVY4200, TLVG4200, TLVP420.
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 14-Oct-14
9
Document Number: 83057
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE DIMENSIONS in millimeters
Drawing-No.: 6.544-5268.01-4
Issue: 3; 28.07.14
Ø 2.95 ± 0.1
2.54 nom.
AC
AREA NOT PLANE
technical drawings
according to DIN
specifications
0.5
+ 0.2
- 0.1
0.4
+ 0.15
- 0.05


Similar Part No. - TLVP4200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLVP420 VISHAY-TLVP420 Datasheet
169Kb / 9P
   Backlighting LED in 횠 3 mm Tinted Non-Diffused Package
01-Jan-2022
TLVP420 VISHAY-TLVP420_V01 Datasheet
169Kb / 9P
   Backlighting LED in 횠 3 mm Tinted Non-Diffused Package
01-Jan-2022
More results

Similar Description - TLVP4200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHP4200 VISHAY-TLHP4200 Datasheet
112Kb / 5P
   High Intensity LED in 횠 3 mm Tinted Clear Package
01-Jan-2022
TLHP42J2L1 VISHAY-TLHP42J2L1_V01 Datasheet
113Kb / 5P
   High Intensity LED in 횠 3 mm Tinted Clear Package
01-Jan-2022
logo
Lite-On Technology Corp...
LTE4208 LITEON-LTE4208 Datasheet
117Kb / 3P
   CLEAR TRANSPARENT COLOR PACKAGE
logo
Vishay Siliconix
TLHK5400 VISHAY-TLHK5400 Datasheet
73Kb / 5P
   High Intensity LED, 5 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLHR42 VISHAY-TLHR42 Datasheet
120Kb / 10P
   High Efficiency LED, 3 mm Tinted Undiffused Package
Rev. A1, 04-Feb-99
TLUR440 VISHAY-TLUR440 Datasheet
117Kb / 5P
   Universal LED in 3 mm Tinted Diffused Package
Rev. 1.7, 14-Jun-06
TLUR240 VISHAY-TLUR240 Datasheet
112Kb / 8P
   Universal LED, 1.8 mm Tinted Diffused Miniplast Package
Rev. A1, 04-Feb-99
TLUR54 VISHAY-TLUR54 Datasheet
100Kb / 6P
   Universal LED in 5 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLHF5400 VISHAY-TLHF5400 Datasheet
73Kb / 5P
   High Intensity LED, 5 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLHGY420 VISHAY-TLHGY420 Datasheet
313Kb / 10P
   High Efficiency LED, 3 mm Tinted Undiffused Package
Rev. 1.3, 31-Aug-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com