Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VDMR10.0 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VDMR10.0
Description  Standard 7-Segment SMD Display 10 mm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VDMR10.0 Datasheet(HTML) 3 Page - Vishay Siliconix

  VDMR10.0 Datasheet HTML 1Page - Vishay Siliconix VDMR10.0 Datasheet HTML 2Page - Vishay Siliconix VDMR10.0 Datasheet HTML 3Page - Vishay Siliconix VDMR10.0 Datasheet HTML 4Page - Vishay Siliconix VDMR10.0 Datasheet HTML 5Page - Vishay Siliconix VDMR10.0 Datasheet HTML 6Page - Vishay Siliconix VDMR10.0 Datasheet HTML 7Page - Vishay Siliconix VDMR10.0 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
VDMR10.0, VDMO10.0, VDMY10.0, VDMG10.0
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 29-Nov-13
3
Document Number: 84196
For technical questions, contact: LED@Vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Luminous intensity is measured with a light sensor and filter combination that approximates the CIE eye-response curve.
(2) Reverse voltage is only for IR test.It can not continue to operate at this situation.
(3) Cross talk specification ≤ 2.5 %.
Note
• The above type numbers represent the order groups which
include only a few brightness groups. Only one group will be
shipped in one tube (there will be no mixing of two groups in one
tube).
In order to ensure availability, single brightness groups will not
be orderable.
Note
• Wavelengths are tested at a current pulse duration of 25 ms.
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VDMG10A0, VDMG10C0, GREEN
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
IF = 1 mA
VDMG10A0
IV
110
400
-
μcd
VDMG10C0
IF = 10 mA
VDMG10A0
IV
-
4400
-
μcd
VDMG10C0
Dominant wavelength
IF = 20 mA
VDMG10A0,
VDMG10C0
λd
-
572
-
nm
Peak emmision wavelength
IF = 20 mA
λp
-
571
-
nm
Spectral line half-width
IF = 10 mA
Δλ
-15
-
Forward voltage per segment
IF = 20 mA
VF
-2.0
2.6
V
Reverse current per segment (2)
VR = 5 V
IR
-
-
100
μA
Luminous intensity matching ratio
IF = 10 mA
Iv-m
--
2:1
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LIGHT INTENSITY (μcd)
STANDARD
MIN.
MAX.
D
110
220
E
180
360
F
280
560
G
450
900
H
700
1400
I
1100
2200
K
1800
3600
L
2800
5600
M
4500
9000
N
7000
14 000
P
11 000
22 000
Q
18 000
36 000
R
28 000
56 000
S
45 000
90 000
COLOR CLASSIFICATION
GROUP
SOFT ORANGE
YELLOW
GREEN
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
1
598
601
581
584
-
-
2
600
603
583
586
-
-
3
602
605
585
588
562
565
4
604
607
587
590
564
567
5
606
609
589
592
566
569
6
608
611
591
594
568
571
7
----
570
573
8
----
572
575


Similar Part No. - VDMR10.0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDMR10.0 VISHAY-VDMR10.0 Datasheet
283Kb / 8P
   Standard 7-Segment SMD Display 10 mm
01-Jan-2022
VDMR10.0 VISHAY-VDMR10.0 Datasheet
282Kb / 8P
   Standard 7-Segment SMD Display 10 mm
01-Jan-2023
VDMR10.0 VISHAY-VDMR10.0_V02 Datasheet
282Kb / 8P
   Standard 7-Segment SMD Display 10 mm
01-Jan-2023
More results

Similar Description - VDMR10.0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDMR10A1 VISHAY-VDMR10A1 Datasheet
232Kb / 8P
   Standard 7-Segment SMD Display 10 mm
Rev. 1.0, 13-May-13
VDMG10A1 VISHAY-VDMG10A1_V01 Datasheet
266Kb / 8P
   Standard 7-Segment SMD Display 10 mm
01-Jan-2022
VDMR10A1 VISHAY-VDMR10A1_V02 Datasheet
265Kb / 8P
   Standard 7-Segment SMD Display 10 mm
01-Jan-2023
VDMG10.0 VISHAY-VDMG10.0_V01 Datasheet
283Kb / 8P
   Standard 7-Segment SMD Display 10 mm
01-Jan-2022
VDMR10.0 VISHAY-VDMR10.0_V02 Datasheet
282Kb / 8P
   Standard 7-Segment SMD Display 10 mm
01-Jan-2023
TDSG3150 VISHAY-TDSG3150 Datasheet
163Kb / 12P
   Standard 7-Segment Display 10 mm
Rev. 1.6, 23-May-11
TDSY3150 VISHAY-TDSY3150_V01 Datasheet
129Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2022
TDSG3150 VISHAY-TDSG3150_V02 Datasheet
128Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2023
TDSG3150-M VISHAY-TDSG3150-M Datasheet
127Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2022
TDSO1150 VISHAY-TDSO1150 Datasheet
163Kb / 8P
   Standard 7- Segment Display 7 mm
Rev. 1.4, 31-Aug-04
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com