Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W6113B0100 Datasheet(PDF) 9 Page - Pulse A Technitrol Company

Part # W6113B0100
Description  2x2 MIMO LTE GNSS FPC ANTENNA
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

W6113B0100 Datasheet(HTML) 9 Page - Pulse A Technitrol Company

Back Button W6113B0100 Datasheet HTML 5Page - Pulse A Technitrol Company W6113B0100 Datasheet HTML 6Page - Pulse A Technitrol Company W6113B0100 Datasheet HTML 7Page - Pulse A Technitrol Company W6113B0100 Datasheet HTML 8Page - Pulse A Technitrol Company W6113B0100 Datasheet HTML 9Page - Pulse A Technitrol Company W6113B0100 Datasheet HTML 10Page - Pulse A Technitrol Company W6113B0100 Datasheet HTML 11Page - Pulse A Technitrol Company W6113B0100 Datasheet HTML 12Page - Pulse A Technitrol Company W6113B0100 Datasheet HTML 13Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Issue: 1707
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
Description: 2x2 MIMO LTE + GNSS FPC
ANTENNA
PART NUMBER: W6113B0100
Series: Internal Antenna
CHARTS
9
Efficiency(%)
0
10
20
30
40
50
60
70
80
90
100
LTE1 & LTE2 Efficiency (%)
LTE 1
LTE 2


Similar Part No. - W6113B0100

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W6113B0100 PULSE-W6113B0100 Datasheet
760Kb / 4P
   : Flexible PCB Antennas ISM, WiFi ,2G/3G/4G, LTE, GNSS
More results

Similar Description - W6113B0100

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W6112B0100 PULSE-W6112B0100 Datasheet
2Mb / 17P
   2x2 MIMO LTE FPC ANTENNA
W3906B0100 PULSE-W3906B0100 Datasheet
1Mb / 20P
   LTE Primary GNSS FPC Antenna
logo
Taoglas antenna solutio...
MA9909.W.A.002 TAOGLAS-MA9909.W.A.002 Datasheet
9Mb / 81P
   GuardianX 9in1 GNSS & 8*LTE MIMO Antenna
logo
Pulse A Technitrol Comp...
W6114XXXX PULSE-W6114XXXX Datasheet
3Mb / 9P
   Internal Antenna 5G/4G 2x2 MIMO FPC Antenna
logo
Maxtena Inc.
NETZ5IN1 MAXTENA-NETZ5IN1 Datasheet
2Mb / 5P
   LTE-MIMO/WIFI-MIMO/GNSS
REV A
logo
Taoglas antenna solutio...
MA9909.A.002 TAOGLAS-MA9909.A.002 Datasheet
9Mb / 80P
   GuardianX 9in1 GNSS & 8*LTE MIMO Antenna
MA250ALBI001 TAOGLAS-MA250ALBI001 Datasheet
5Mb / 62P
   Sentinel Adhesive Mount 3in1 LTE MIMO GNSS Antenna
logo
Maxtena Inc.
NETZ5IN1-MIMO MAXTENA-NETZ5IN1-MIMO Datasheet
3Mb / 6P
   CELLULAR/LTE MIMO and GNSS - Screw mount antenna
REV A
logo
Taoglas antenna solutio...
MA250.A.LBI.001 TAOGLAS-MA250.A.LBI.001_17 Datasheet
5Mb / 62P
   Sentinel 3in1 Adhesive Mount 2*LTE MIMO & GNSS Antenna
logo
Suzhou Maswell Communic...
AN_MASTER_001-4 MASWELL-AN_MASTER_001-4 Datasheet
1Mb / 14P
   Maswell 5G/4G/LTE GNSS Panel MIMO Combo Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com