Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT88E43 Datasheet(PDF) 1 Page - Zarlink Semiconductor Inc

Part # MT88E43
Description  Extended Voltage Calling Number Identification Circuit 2
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT88E43 Datasheet(HTML) 1 Page - Zarlink Semiconductor Inc

  MT88E43 Datasheet HTML 1Page - Zarlink Semiconductor Inc MT88E43 Datasheet HTML 2Page - Zarlink Semiconductor Inc MT88E43 Datasheet HTML 3Page - Zarlink Semiconductor Inc MT88E43 Datasheet HTML 4Page - Zarlink Semiconductor Inc MT88E43 Datasheet HTML 5Page - Zarlink Semiconductor Inc MT88E43 Datasheet HTML 6Page - Zarlink Semiconductor Inc MT88E43 Datasheet HTML 7Page - Zarlink Semiconductor Inc MT88E43 Datasheet HTML 8Page - Zarlink Semiconductor Inc MT88E43 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
5-53
Features
Compatible with:
British Telecom (BT) SIN227 & SIN242
U.K.’s Cable Communications Association
(CCA) specification TW/P&E/312
Bellcore GR-30-CORE (formerly known as
TR-NWT-000030) & SR-TSV-002476
Bellcore "CPE Alerting Signal (CAS)" and BT
"Idle State Tone Alert Signal" detection
Ring and line reversal detection
1200 baud Bell 202 and CCITT V.23 Frequency
Shift Keying (FSK) demodulation
3 or 5V
±10% supply voltage
High input sensitivity (-40dBV Tone and FSK
Detection)
Selectable 3-wire data interface
(microcontroller or MT88E43 controlled)
Low power CMOS with powerdown mode
Input gain adjustable amplifier
Carrier detect status output
Uses 3.58 MHz crystal
Applications
BT Calling Line Identity Presentation (CLIP),
CCA CLIP, and Bellcore Calling Identity
Delivery (CID) systems
Feature phones, including Analog Display
Services Interface (ADSI) phones
Phone set adjunct boxes
FAX and answering machines
Database query and Computer Telephony
Integration (CTI) systems
Description
The MT88E43 Calling Number Identification Circuit 2
(ECNIC2) is a low power CMOS integrated circuit
intended
for
receiving
physical
layer
signals
transmitted
according
to
BT
(British
Telecom)
SIN227
&
SIN242,
the
U.K.’s
CCA
(Cable
Communications
Association)
TW/P&E/312
and
Bellcore
GR-30-CORE
&
SR-TSV-002476
specifications.
The
MT88E43
is
suitable
for
applications using a fixed voltage power source
between 3 and 5V
±10%.
Figure 1- Functional Block Diagram
+
-
Anti-alias
Filter
FSK Bandpass
Filter
FSK
Demodulator
Data Timing
Recovery
Carrier
Detector
Alert Signal High
Tone Filter
Alert Signal Low
Tone Filter
Tone
Detection
Algorithm
Bias
Generator
Oscillator
Guard
Time
StD
St/GT
ESt
TRIGout
TRIGRC
TRIGin
DATA
DR
DCLK
MODE
FSKen
CD
CAP
OSCin OSCout
IN+
IN-
GS
VRef
INT
PWDN
VDD
VSS
To internal
To internal cct.
cct.
Interrupt
Generator
ISSUE 3
March 1997
Ordering Information
MT88E43AE
24 Pin Plastic DIP
(0.6 inch package only)
MT88E43AS
24 Pin SOIC
-40
°C to +85 °C
MT88E43
Extended Voltage Calling Number
Identification Circuit2
CMOS


Similar Part No. - MT88E43

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT88E43B ZARLINK-MT88E43B Datasheet
559Kb / 29P
   Extended Voltage Calling Number Identification Circuit 2
MT88E43BE ZARLINK-MT88E43BE Datasheet
559Kb / 29P
   Extended Voltage Calling Number Identification Circuit 2
MT88E43BS ZARLINK-MT88E43BS Datasheet
559Kb / 29P
   Extended Voltage Calling Number Identification Circuit 2
MT88E43BS1 ZARLINK-MT88E43BS1 Datasheet
559Kb / 29P
   Extended Voltage Calling Number Identification Circuit 2
MT88E43BSR ZARLINK-MT88E43BSR Datasheet
559Kb / 29P
   Extended Voltage Calling Number Identification Circuit 2
More results

Similar Description - MT88E43

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT88E43B ZARLINK-MT88E43B Datasheet
559Kb / 29P
   Extended Voltage Calling Number Identification Circuit 2
logo
List of Unclassifed Man...
SC88E43 ETC-SC88E43 Datasheet
389Kb / 25P
   EXTENDED VOLTAGE CALLING NUMBER IDENTIFICATION CIRCUIT 2
logo
Zarlink Semiconductor I...
MT88E41 ZARLINK-MT88E41 Datasheet
888Kb / 16P
   CMOS Extended Voltage Calling Number Identification Circuit (ECNIC)
MT88E39 ZARLINK-MT88E39 Datasheet
257Kb / 16P
   Calling Number Identification Circuit
logo
Mitel Networks Corporat...
MT88E39 MITEL-MT88E39 Datasheet
98Kb / 14P
   CMOS Calling Number Identification Circuit
logo
Zarlink Semiconductor I...
MT88E45B ZARLINK-MT88E45B Datasheet
488Kb / 28P
   4-Wire Calling Number Identification Circuit 2
logo
Mitel Networks Corporat...
MT8841 MITEL-MT8841 Datasheet
101Kb / 10P
   CMOS Calling Number Identification Circuit
MT8843 MITEL-MT8843 Datasheet
115Kb / 10P
   CMOS Calling Number Identification Circuit 2 Preliminary Information
logo
Texas Instruments
MT88E46 TI-MT88E46_06 Datasheet
406Kb / 23P
[Old version datasheet]   Bellcore Compliant Calling Number Identification Circuit
logo
Zarlink Semiconductor I...
MT88E46 ZARLINK-MT88E46 Datasheet
522Kb / 23P
   Bellcore Compliant Calling Number Identification Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com