Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR16R0824BN1-CG6 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # MR16R0824BN1-CG6
Description  RAMBUS MODULE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

MR16R0824BN1-CG6 Datasheet(HTML) 4 Page - Samsung semiconductor

  MR16R0824BN1-CG6 Datasheet HTML 1Page - Samsung semiconductor MR16R0824BN1-CG6 Datasheet HTML 2Page - Samsung semiconductor MR16R0824BN1-CG6 Datasheet HTML 3Page - Samsung semiconductor MR16R0824BN1-CG6 Datasheet HTML 4Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SERIAL PRESENCE DETECT
MR16R0824(6/8/C/G)BN1
- 4 -
RAMBUS MODULE
Version 1.1 Oct. 2000
<Notes>
1. Please refer to Look-Up Table (LUT) in the Direct RambusTM SPD specification 1.0
2. It is reserved to future use (RFU).
3. Unit is not available ( n/a).
4. These bytes are programmed by code of Date Week & Date Year with binary format.
5. These bytes are programmed by Samsung’s own Module Assembly Serial # system. All modules may have unique serial #.
91
Module Manufacturer Revision Code (PCB)
8
n/a
1
31h
3
92
...... Component Manufacturer Revision Code
8
n/a
B (B die)
42h
3
93
Module Manufacturing Year
8
n/a
-
-
3, 4
94
Module Manufacturing Week
8
n/a
-
-
3, 4
95~98
Module Serial Number
32
n/a
-
-
3, 5
99
Number of Devices on Module
4d
6
devices
4
04h
6d
6
devices
6
06h
8d
6
devices
8
08h
12d
6
devices
12
0Ch
16d
6
devices
16
10h
100
Module Data Width
8
bits
16bits
10h
101
Devices Enables
4d
8
bits
All 4 devices are enabled
0Fh
6d
8
bits
All 6 devices are enabled
3Fh
8d
8
bits
All 8 devices are enabled
FFh
12d
8
bits
All 12 devices are enabled
FFh
16d
8
bits
All 16 devices are enabled
FFh
102
...... Devices Enables
4d
8
bits
All 4 devices are enabled
00h
6d
8
bits
All 6 devices are enabled
00h
8d
8
bits
All 8 devices are enabled
00h
12d
8
bits
All 12 devices are enabled
0Fh
16d
8
bits
All 16 devices are enabled
FFh
103~104 ...... Devices Enables
16
bits
-
00h
105
Module Vdd[3:0],
Module Voltage Interface Level[3:0]
4,4
LUT
2.5V, 1.8V Vterm
10h
1
106
Module Vdd Tolerance
8
LUT
5% DC, 2% AC
52h
1
107~113 Reserved
56
-
-
00h
114
CDLY0/1 for tCDLY=3
8
tCYCLE
-
00h
115
CDLY0/1 for tCDLY=4
8
tCYCLE
-
00h
116
CDLY0/1 for tCDLY=5
8
tCYCLE
3 / 0
30h
117
CDLY0/1 for tCDLY=6
8
tCYCLE
3 / 1
31h
118
CDLY0/1 for tCDLY=7
8
tCYCLE
3 / 2
32h
119
CDLY0/1 for tCDLY=8
8
tCYCLE
4 / 2
42h
120
CDLY0/1 for tCDLY=9
8
tCYCLE
5 / 2
52h
121
CDLY0/1 for tCDLY=10
8
tCYCLE
-
00h
122
CDLY0/1 for tCDLY=11
8
tCYCLE
-
00h
123
CDLY0/1 for tCDLY=12
8
tCYCLE
-
00h
124
CDLY0/1 for tCDLY=13
8
tCYCLE
-
00h
125
CDLY0/1 for tCDLY=14
8
tCYCLE
-
00h
126
CDLY0/1 for tCDLY=15
8
tCYCLE
-
00h
127
Checksum for Bytes 99 ~ 126
4d
8
n/a
-
ACh
3
6d
8
n/a
-
DEh
8d
8
n/a
-
A0h
12d
8
n/a
-
B3h
16d
8
n/a
-
A7h
3
128 +
Open for Customer Use
-
-
-
Undefined
Byte #
(Dec)
Described Function
Option
Field
Width
Units
Supported Function
Hex Value
Note
K8
K7
G6
K8
K7
G6


Similar Part No. - MR16R0824BN1-CG6

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MR16R1622 SAMSUNG-MR16R1622 Datasheet
442Kb / 16P
   Key Timing Parameters
MR16R16224DF0 SAMSUNG-MR16R16224DF0 Datasheet
442Kb / 16P
   Key Timing Parameters
MR16R16228DF0 SAMSUNG-MR16R16228DF0 Datasheet
442Kb / 16P
   Key Timing Parameters
MR16R1622AF0 SAMSUNG-MR16R1622AF0 Datasheet
419Kb / 16P
   (16Mx16)x2(4/8/16)pcs RIMM Module based on 256Mb A-die, 32s banks,16K/32ms Ref, 2.5V
MR16R1622AF0-CK8 SAMSUNG-MR16R1622AF0-CK8 Datasheet
419Kb / 16P
   (16Mx16)x2(4/8/16)pcs RIMM Module based on 256Mb A-die, 32s banks,16K/32ms Ref, 2.5V
More results

Similar Description - MR16R0824BN1-CG6

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-4R64FKE8S-840 ELPIDA-MC-4R64FKE8S-840 Datasheet
124Kb / 14P
   Direct Rambus DRAM SO-RIMM Module
EBR12UC8ABFD ELPIDA-EBR12UC8ABFD Datasheet
110Kb / 12P
   128MB Direct Rambus DRAM RIMM Module
EBR51EC8ABFD ELPIDA-EBR51EC8ABFD Datasheet
114Kb / 12P
   512MB Direct Rambus??DRAM RIMM??Module
MC-4R64FKE8S ELPIDA-MC-4R64FKE8S Datasheet
124Kb / 14P
   Direct Rambus DRAM SO-RIMM Module
EBR25UC8ABFD ELPIDA-EBR25UC8ABFD Datasheet
114Kb / 12P
   256MB Direct Rambus??DRAM RIMM??Module
EBR12EC8ABFD ELPIDA-EBR12EC8ABFD Datasheet
110Kb / 12P
   128MB Direct Rambus DRAM RIMM Module
EBR25EC8ABFD ELPIDA-EBR25EC8ABFD Datasheet
114Kb / 12P
   256MB Direct Rambus??DRAM RIMM??Module
EBR51UC8ABFD ELPIDA-EBR51UC8ABFD Datasheet
114Kb / 12P
   512MB Direct Rambus??DRAM RIMM??Module
EBR25EC8ABSA ELPIDA-EBR25EC8ABSA Datasheet
108Kb / 11P
   256MB Direct Rambus DRAM SO-RIMM Module
EBR12EC8ABSA ELPIDA-EBR12EC8ABSA Datasheet
107Kb / 11P
   128MB Direct Rambus DRAM SO-RIMM??Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com