Electronic Components Datasheet Search |
|
TESD03P4U Datasheet(PDF) 1 Page - StarHope |
|
TESD03P4U Datasheet(HTML) 1 Page - StarHope |
1 / 3 page SPSEMI REV 2016 08 16 .. . www.spsemi.cn Page 1 of 3 Electro-Static Discharge TESD03P4U Quad-Direction TVS Diode Features Uni-directional ESD protection of four lines Low capacitance: 9 pF(Typ) Low reverse stand−off voltage: 3V Low reverse clamping voltage Low leakage current Excellent package:2.10mm×1.25mm×0.96mm Fast response time IEC 61000-4-2 Level 3 ESD protection ESD/TESD03P4U IEC Compatibility IEC61000-4-2 (ESD) ±9kV (air), ±8kV (contact) IEC61000-4-5 (Lightning) 2.5A (8/20 s) μ Mechanical Characteristics JEDEC SOT-353 Package Molding Compound Flammability Rating:UL 94V-O Quantity Per Reel:3000pcs Reel Size:7 inch Lead Finish:Lead Free Applications Computers and peripherals Audio and video equipment Cellular handsets and accessories Portable electronics Other electronics equipments communication systems SOT-353 Pin Configuration 1 2 3 5 4 |
Similar Part No. - TESD03P4U |
|
Similar Description - TESD03P4U |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |