Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AF162FR-0710R Datasheet(PDF) 2 Page - YAGEO Corporation

Part # AF162FR-0710R
Description  ANTI-SULFURATED CHIP RESISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AF162FR-0710R Datasheet(HTML) 2 Page - YAGEO Corporation

  AF162FR-0710R Datasheet HTML 1Page - YAGEO Corporation AF162FR-0710R Datasheet HTML 2Page - YAGEO Corporation AF162FR-0710R Datasheet HTML 3Page - YAGEO Corporation AF162FR-0710R Datasheet HTML 4Page - YAGEO Corporation AF162FR-0710R Datasheet HTML 5Page - YAGEO Corporation AF162FR-0710R Datasheet HTML 6Page - YAGEO Corporation AF162FR-0710R Datasheet HTML 7Page - YAGEO Corporation AF162FR-0710R Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SERIES
AF
122/124/162/164 (RoHS Compliant)
Chip Resistor Surface Mount
Product specification
2
8
www.yageo.com
Jun. 28, 2016 V.4
Y
YA
AG
GEEO
O B
BR
RA
AN
ND
D oorrddeerriinngg ccooddee
GLOBAL PART NUMBER (PREFERRED)
AF XX X - X X X XX XXXX L
(1) (2)
(3) (4) (5) (6)
(7)
(1) SIZE
12 = 0402 x 2 (0404)
12 = 0402 x 4 (0408)
16 = 0603 x 2 (0606)
16 = 0603 x 4 (0612)
(2) NUMBER OF RESISTORS
2 = 2 resistors
4 = 4 resistors
(3) TOLERANCE
F = ± 1%
J = ± 5% (for Jumper ordering, use code of J)
(4) PACKAGING TYPE
R = Paper taping reel
(5) TEMPERATURE COEFFICIENT OF RESISTANCE
– = Base on spec
(6) TAPING REEL
07 = 7 inch dia. Reel
13 = 13 inch dia. Reel
(7) RESISTANCE VALUE
There are 2~4 digits indicated the resistor value. Letter R/K/M is decimal point, no need
to mention the last zero after R/K/M, e.g.1K2, not 1K20.
Detailed resistance rules show in table of “Resistance rule of global part number”.
(8) DEFAULT CODE
Letter L is the system default code for ordering only. (Note)
ORDERING INFORMATION - GLOBAL PART NUMBER & 12NC
Both part numbers are identified by the series, size, tolerance, packing
type, temperature coefficient, taping reel and resistance value.
SCOPE
This specification describes
AF122/AF124/AF162/AF164
(convex)series chip resistor arrays
with lead-free terminations made
by thick film process.
APPLICATIONS
Terminal for SDRAM and
DDRAM
High-end Computer &
Multimedia Electronics in high
sulfur environment
Consume electronic
equipments: PDAs, PNDs
Mobile phone, telecom…
FEATURES
AEC-Q200 qualified
RoHS compliant
Reducing environmentally
hazardous wastes
High component and equipment
reliability
Saving of PCB space
None forbidden-materials used
in products/production
Halogen Free Epoxy
Moisture sensitivity level: MSL 1
ORDERING EXAMPLE
The ordering code of a AF122
convex chip resistor array, value
1,000Ω with ± 5% tolerance,
supplied in 7-inch tape reel is:
AF122-JR-071KL.
NOTE
1. All our R-Chip products meet RoHS
compliant. "LFP" of the internal 2D reel
label mentions "Lead Free Process"
2. On customized label, "LFP" or specific
symbol printed and the optional "L" at
the end of GLOBAL PART NUMBER
Resistance rule of global part
number
Resistance code rule
Example
0R
0R = Jumper
XRXX
(1 to 9.76 Ω)
1R = 1 Ω
1R5 = 1.5 Ω
9R76 = 9.76 Ω
XXRX
(10 to 97.6 Ω)
10R = 10 Ω
97R6 = 97.6 Ω
XXXR
(100 to 976 Ω)
100R = 100 Ω
XKXX
(1 to 9.76 KΩ)
1K = 1,000 Ω
9K76 = 9760 Ω
XM
(1 MΩ)
1M = 1,000,000 Ω


Similar Part No. - AF162FR-0710R

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AF162-FR-070RL YAGEO-AF162-FR-070RL Datasheet
560Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF162-FR-07100RL YAGEO-AF162-FR-07100RL Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF162-FR-07100RL YAGEO-AF162-FR-07100RL Datasheet
560Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF162-FR-0710RL YAGEO-AF162-FR-0710RL Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF162-FR-0710RL YAGEO-AF162-FR-0710RL Datasheet
560Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
More results

Similar Description - AF162FR-0710R

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AF122-FR-07ORL YAGEO-AF122-FR-07ORL Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF0201DR-071R YAGEO-AF0201DR-071R Datasheet
876Kb / 9P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-071RL YAGEO-AF122-FR-071RL Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-070RL YAGEO-AF122-FR-070RL Datasheet
560Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
logo
Panasonic Semiconductor
ERJ-S02F1742X PANASONIC-ERJ-S02F1742X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S02J103X PANASONIC-ERJ-S02J103X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S02F2200X PANASONIC-ERJ-S02F2200X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S06J750V PANASONIC-ERJ-S06J750V Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S03J221V PANASONIC-ERJ-S03J221V Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
logo
YAGEO Corporation
AA0805FR-1310ML YAGEO-AA0805FR-1310ML Datasheet
522Kb / 10P
   ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com