Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L2702-12 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # L2702-12
Description  SmartACFL Modem
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

L2702-12 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  L2702-12 Datasheet HTML 1Page - List of Unclassifed Manufacturers L2702-12 Datasheet HTML 2Page - List of Unclassifed Manufacturers L2702-12 Datasheet HTML 3Page - List of Unclassifed Manufacturers L2702-12 Datasheet HTML 4Page - List of Unclassifed Manufacturers L2702-12 Datasheet HTML 5Page - List of Unclassifed Manufacturers L2702-12 Datasheet HTML 6Page - List of Unclassifed Manufacturers L2702-12 Datasheet HTML 7Page - List of Unclassifed Manufacturers L2702-12 Datasheet HTML 8Page - List of Unclassifed Manufacturers L2702-12 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
SmartACFL
V.90/K56flex Modem Device Sets with SmartDAA Technology for Low Power Applications
4
Conexant
Doc. No. 100444A
Proprietary Information
Detailed Features
General Modem Features
• Downloadable Architecture
− Downloadable MCU firmware from the host/DTE
− Downloadable MDP code modules from the
MCU, transparent to the host
• V.90 data modem with receive rates up to 56k bps
and send rates up to V.34 rates
− ITU-T V.90, K56flex, V.34 (33.6 kbps), V.32 bis,
V.32, V.22 bis, V.22, V.23, and V.21; Bell 212A
and 103
− V.42 LAPM and MNP 2-4 error correction
− V.42 bis and MNP 5 data compression
− MNP 10EC™ enhanced cellular performance
− V.250 (ex V.25 ter) and V.251 (ex V.25 ter
Annex A) commands
• V.22 bis fast connect
• Analog cellular direct connect
• GSM direct connect
• V.17 fax modem with send and receive rates up to
14.4 kbps
− ITU-T V.17, V.29, V.27 ter, and V.21 ch. 2
− EIA/TIA 578 Class 1 and T.30 Class 1.0
commands
• V.80 synchronous access mode supports host-
controlled communication protocols with H.324
interface support
• Data/Fax/Voice call discrimination
• Hardware-based modem controller
• Worldwide operation
− US/Japan/Canada/TBR21 and other countries
− Caller ID and distinctive ring detection
− Call progress, blacklisting
• Telephony/TAM
− V.253 commands
− 8-bit µ-Law/A-Law coding (G.711)
− 8-bit/16-bit linear coding
− 8 kHz sample rate
− Concurrent DTMF, ring, and Caller ID detection
• Full-duplex speakerphone mode (S models)
− Microphone and speaker interface
− Telephone handset or headset interface
− Acoustic and line echo cancellation
− Microphone gain and muting
− Speaker volume control and muting
• PC Card interface (MCUP only) supports two
functions with programmable I/O and window size
• JTAG Boundary Scan support
• Built-in host/DTE interface with speeds up to 230.4
kbps
− Parallel 16550A UART-compatible interface
(MCU)
− Serial ITU-T V.24 (EIA/TIA-232-E) (MCU)
− PC Card (MCUP)
• Flow control and speed buffering
• Automatic format/speed sensing
• Serial sync/async data; parallel async data
• Sleep mode
• Thin packages support low profile designs (1.6 mm
max. height)
• MCU (L2702): 128-pin TQFP
• MDP (P9373): 100-pin TQFP
• LSD (20463): 32-pin TQFP
• VC (20437): 32-pin TQFP
Description
General
The SmartACFL device set, comprised of separate
microcontroller (MCU), modem data pump (MDP),
and line side device (LSD) devices, provides the
processing core for a complete modem design. The
optional Voice Codec (VC) supports voice/full-duplex
speakerphone (FDSP) operation with interfaces to a
microphone and speaker and to a telephone
handset/headset (S models). The S model can also
be ordered with an RCDSVD Speech Codec
Processor (SCP) in a 100-pin PQFP to support
DSVD.
Modem operation, including dialing, call progress,
telephone line interface, telephone handset interface,
voice/speakerphone interface, and host interface
functions are supported and controlled through the
V.250, V.251, and V.253-compatible command set.
The modem hardware connects to the host via a
parallel, serial, or PC Card interface. The OEM adds
discrete components as required by the modem
model and the application to complete the system
(Table 1). These components may include a crystal
circuit, EEPROM, DIB components, telephone line
interface, optional voice/speakerphone interface, and
optional cellular/GSM interface.
Parallel interface operation, including cellular and
GSM support, is selected by PARIF input high. Serial
interface operation is selected by PARIF input low.
Cellular operation is selected by LINE/CELL input
low. GSM operation is selected by LINE/GSM input
low.


Similar Part No. - L2702-12

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
L2701 POLYFET-L2701 Datasheet
53Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
L2701 POLYFET-L2701_14 Datasheet
61Kb / 2P
   RF POWER LDMOS TRANSISTOR
More results

Similar Description - L2702-12

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2313300 PHOENIX-2313300 Datasheet
148Kb / 9P
   Modem - PSI-MODEM/ETH
09/12/2020
logo
XFMRS Inc.
XFTEL2 XFMRS-XFTEL2_15 Datasheet
37Kb / 1P
   MODEM
logo
PHOENIX CONTACT
2313656 PHOENIX-2313656 Datasheet
291Kb / 7P
   Modem - PSI-MODEM-SHDSL/PB
2313436 PHOENIX-2313436 Datasheet
60Kb / 2P
   Modem - PSI-MODEM-BASIC/USB
2313669 PHOENIX-2313669 Datasheet
730Kb / 17P
   Modem - PSI-MODEM-SHDSL/SERIAL
Dec 2, 2022
2313643 PHOENIX-2313643 Datasheet
261Kb / 18P
   Modem - PSI-MODEM-SHDSL/ETH
09/12/2020
logo
Bel Fuse Inc.
2791C BEL-2791C Datasheet
34Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformer
2802A BEL-2802A Datasheet
38Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformers
2811B BEL-2811B Datasheet
30Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformer
logo
TDK Electronics
73K222AU TDK-73K222AU Datasheet
728Kb / 40P
   Single-Chip Modem Modem with UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com