Electronic Components Datasheet Search |
|
IEC61000-4-5 Datasheet(PDF) 1 Page - StarHope |
|
IEC61000-4-5 Datasheet(HTML) 1 Page - StarHope |
1 / 4 page SPSEMI REV 2017 03 02 .. . www.spsemi.cn Page 1 of 4 Electro-Static Discharge TUSD05J2U Ultra Low Capacitance TVS Diode Features With TVS Diode ESD Protection:Level 4 Low clamping voltage 150 Watts peak pulse power per line(tp=8/20uS) Ultra low capacitance:0.8pf max.(any I/O to GND.) Protection 2 lines I/O port ESD/TUSD05J2U IEC Compatibility E N61000-4 IEC61000-4-2(ESD):Level 4,Contact: 8kv,Air: 15kv IEC61000-4-4(EFT):40A-5/50ns IEC61000-4-5(Surge):4A-8/20µs Mechanical Characteristics JEDEC SOT-143 Package Molding Compound Flammability Rating:UL 94V-O Quantity Per Reel:3000pcs Reel Size:7 inch Halgen Free Applications Lan equipment Video DVI High Speed Data Line Ethernet USB 2.0 Power and Data line Protection SOT-143 Pin Configuration 1 2 4 3 |
Similar Part No. - IEC61000-4-5 |
|
Similar Description - IEC61000-4-5 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |