Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QT161 Datasheet(PDF) 8 Page - Quantum Research Group

Part # QT161
Description  6 KEY CHARGE TRANSFER QTOUCH SENSOR IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUANTUM [Quantum Research Group]
Direct Link  http://www.qprox.com
Logo QUANTUM - Quantum Research Group

QT161 Datasheet(HTML) 8 Page - Quantum Research Group

Back Button QT161 Datasheet HTML 4Page - Quantum Research Group QT161 Datasheet HTML 5Page - Quantum Research Group QT161 Datasheet HTML 6Page - Quantum Research Group QT161 Datasheet HTML 7Page - Quantum Research Group QT161 Datasheet HTML 8Page - Quantum Research Group QT161 Datasheet HTML 9Page - Quantum Research Group QT161 Datasheet HTML 10Page - Quantum Research Group QT161 Datasheet HTML 11Page - Quantum Research Group QT161 Datasheet HTML 12Page - Quantum Research Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
4.1 ABSOLUTE MAXIMUM SPECIFICATIONS
Operating temp.................................................................. as designated by suffix
Storage temp......................................................................... -55OC to +125OC
VDD..................................................................................... -0.5 to +7.0V
Max continuous pin current, any control or drive pin................................................. ±20mA
Short circuit duration to ground, any pin............................................................ infinite
Short circuit duration to VDD, any pin.............................................................. infinite
Voltage forced onto any pin..................................................... -0.6V to (Vdd + 0.6) Volts
4.2 RECOMMENDED OPERATING CONDITIONS
VDD...................................................................................... +3.0 to 5.5V
Operating temperature range, 4.5V - 5.5V (QT160-AS, QT161-AS)............................... -40 - +105C
Operating temperature range, 3.0V - 4.5V (QT160-AS, QT161-AS)................................ -40 - +85C
Operating temperature range (QT160-D, QT161-D)............................................... 0 - +70C
Operating frequency, 4.5V - 5.5V.............................................................. 4 - 20MHz
Operating frequency, 3.0V - 5.5V.............................................................. 4 - 10MHz
Short-term supply ripple+noise.................................................................. ±5mV/s
Long-term supply stability...................................................................... ±100mV
Cs value................................................................................ 1nF to 200nF
Cx value................................................................................... 0 to 100pF
4.3 AC SPECIFICATIONS Vdd = 5.0, Ta = recommended, Cx = 5pF, Cs = 39nF, Fosc = 10MHz
Including detection integrator
ms
99
Response time
TR
Before all timings degrade
ms
5.5
0.1
Allowable burst duration range
TBLMR
counts
1,000
Burst length, each channel
NBL
ms
3
Burst duration, each channel
TBL
ms
33
Burst spacing interval
TBS
µs
1.6
Transfer duration
TPT
µs
1.2
Charge duration
TPC
ms
330
Recalibration time
TRC
Notes
Units
Max
Typ
Min
Description
Parameter
4.4 DC SPECIFICATIONS
Vdd = 5.0V, Cs = 39nF, Cx = 5pF, Fosc = 10MHz, Ta = recommended range, unless otherwise noted
bits
14
10
Acquisition resolution
AR
OPT1, OPT2
µA
±1
Input leakage current
IIL
OUTn, 1mA source
V
Vdd-0.7
High output voltage
VOH
OUTn, 4mA sink
V
0.6
Low output voltage
VOL
OPT1, OPT2
V
2
High input logic level
VHL
OPT1, OPT2
V
0.7
Low input logic level
VIL
Req’d for startup, w/o reset circuit
V/s
100
Supply turn-on slope
VDDS
mA
8
2.5
Supply current
IDD
Notes
Units
Max
Typ
Min
Description
Parameter
lQ
8
QT160/161 1.07/0904


Similar Part No. - QT161

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT1+10G QUANTUM-QT1+10G Datasheet
381Kb / 12P
   QTOUCH??SENSOR IC
QT1+IG QUANTUM-QT1+IG Datasheet
381Kb / 12P
   QTOUCH??SENSOR IC
QT1+T+G QUANTUM-QT1+T+G Datasheet
421Kb / 14P
   CHARGE-TRANSFER TOUCH SENSOR
QT100 QUANTUM-QT100 Datasheet
64Kb / 10P
   CHARGE-TRANSFER IC
QT100 QUANTUM-QT100 Datasheet
73Kb / 12P
   CHARGE-TRANSFER QTOUCH??IC
More results

Similar Description - QT161

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT100_0707 QUANTUM-QT100_0707 Datasheet
73Kb / 12P
   CHARGE-TRANSFER QTOUCH??IC
QT100 QUANTUM-QT100_07 Datasheet
69Kb / 12P
   CHARGE-TRANSFER QTOUCH??IC
logo
ATMEL Corporation
AT42QT1040 ATMEL-AT42QT1040 Datasheet
323Kb / 18P
   QTouch??4-key Sensor IC
logo
Quantum Research Group
QT240 QUANTUM-QT240 Datasheet
258Kb / 12P
   4 KEY QTOUCH SENSOR IC
QT240-ISSG QUANTUM-QT240-ISSG Datasheet
277Kb / 12P
   4 KEY QTOUCH SENSOR IC
QT220 QUANTUM-QT220 Datasheet
326Kb / 12P
   2 KEY QTOUCH SENSOR IC
QT1103 QUANTUM-QT1103 Datasheet
287Kb / 22P
   QTOUCH??10-KEY SENSOR IC
logo
ATMEL Corporation
AT42QT1111MU ATMEL-AT42QT1111MU Datasheet
701Kb / 50P
   QTouch??11-key Sensor IC
logo
Quantum Research Group
QT1100A QUANTUM-QT1100A Datasheet
561Kb / 42P
   10 KEY QTOUCH SENSOR IC
QT1101 QUANTUM-QT1101 Datasheet
234Kb / 16P
   10 KEY QTOUCH SENSOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com