Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30KPA64A Datasheet(PDF) 4 Page - StarHope

Part # 30KPA64A
Description  Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 28 to 288 Volts 30000 Watt Peak Pulse Power
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

30KPA64A Datasheet(HTML) 4 Page - StarHope

  30KPA64A Datasheet HTML 1Page - StarHope 30KPA64A Datasheet HTML 2Page - StarHope 30KPA64A Datasheet HTML 3Page - StarHope 30KPA64A Datasheet HTML 4Page - StarHope 30KPA64A Datasheet HTML 5Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SPSEMI
Rating And Characteristic Curves
www.spsemi.cn
Page 4 of 5
Fig.3 Pulse Waverform
0
0
1.0
2.0
4.0
3.0
10/1000 s Waveform
μ
as defined by R.E.A
Half Value
IPPM
2
tr=10 s
μ
Peak Value
IPPM
T=25
J
Pulse width(td) is defined
ad the Point where the Peak
Current Decays to 50% of IPPM
50
100
150
t-Time(mS)
td
1
10
100
100
350
450
Number of Cycles at 60HZ
5
50
..
.
Fig.4 Typical Junction Capacitance
0.0
50.0
1
100
1000
V
-Reverse Breakdown Voltage(V)
BR
10000
Fig.5 Steady State Power Dissipation Derating Curve
0
0
50
75
150
100
1.0
2.0
T - Lead Temperature (°C)
L
25
125
175 200
3.0
8.0
L = 0.375" (9.5 mm)
Lead Lengths
1.6×1.6×0.040"
(40×40×1mm)
Copper Heat Sirks
4.0
5.0
6.0
7.0
60HZ
Resistive or
Inductive Load
150
250
Fig.6 Maximum Non-Repetitive Peak
Forward Surge Current
400
300
200
50
0
TJ=25
f=1.0MHZ
Vsig=50mVp-p
Uni-Directional V=0V
Bi-Directional V=0V
Uni-Directional @VR
Bi-Directional @VR
100000
10
100.0 150.0 200.0 250.0 300.0 350.0
Recommended Soldering Conditions
Recommended Conditions
Reflow Soldering
ts
tP
tL
Time
25
time to peak temperature
(t 25
to peak)
T (min)
s
T (max)
s
TL
TP
Preheat
Ramp-down
Ramp-up
Critical Zone
Tto T
LP
Re”ow Condition
Pb-Free assembly
(see Fig.1)
Pre Heat
-Temperature Min(T
)
s(min)
-Temperature Max(T
)
s(max)
-Time(Min to Max)(t )
s
Average ramp up rate
(Liquidus Temp(T ) to peak)
L
T
to T -Ramp-up Rate
s(max)
L
Re”ow
-Temperature(T )(Liquidus)
L
-Temperature(t )
L
Peak Temp(T )
P
Time within 5
of actual Peak Temp(t )
P
Ramp-down Rate
Time 25
to Peak Temp(T )
P
Do not exceed
+150
+200
60-180secs
3
/sec.Max.
3
/sec.Max.
+217
60-150secs
+260(+0/-5)
30 secs.Max.
6
/sec.Max.
8 min.Max.
+260
30KPA(30KW) Series
REV 2016 08 10


Similar Part No. - 30KPA64A

ManufacturerPart #DatasheetDescription
logo
Protek Devices
30KPA64A PROTEC-30KPA64A Datasheet
81Kb / 4P
   POWER TVS COMPONENT
logo
New Jersey Semi-Conduct...
30KPA64A NJSEMI-30KPA64A Datasheet
157Kb / 3P
   STAND-OFF VOLTAGE-30 TO 288 Volts 30000 Watt Peak Pulse Power
logo
HuaXinAn Electronics CO...
30KPA64A HUAXINAN-30KPA64A Datasheet
424Kb / 5P
   30000W Transient Voltage Suppressors
logo
Protek Devices
30KPA64A PROTEC-30KPA64A Datasheet
60Kb / 4P
   POWER TVS COMPONENT
logo
Ruilongyuan Electronics...
30KPA64A RUILON-30KPA64A Datasheet
904Kb / 7P
   Transient Voltage Suppressors
More results

Similar Description - 30KPA64A

ManufacturerPart #DatasheetDescription
logo
StarHope
30KPA SPSEMI-30KPA Datasheet
718Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE-28 TO 288 Volts
logo
New Jersey Semi-Conduct...
30KPA NJSEMI-30KPA Datasheet
157Kb / 3P
   STAND-OFF VOLTAGE-30 TO 288 Volts 30000 Watt Peak Pulse Power
logo
StarHope
TVS-20KPA SPSEMI-TVS-20KPA Datasheet
324Kb / 5P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 20 to 300 Volts 20000 Watt Peak Pulse Power
TVS-SA SPSEMI-TVS-SA Datasheet
323Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 180 Volts 500 Watt Peak Pulse Power
TVS-15KPA SPSEMI-TVS-15KPA Datasheet
344Kb / 5P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 17 to 280 Volts 15000 Watt Peak Pulse Power
TVS-5KP SPSEMI-TVS-5KP Datasheet
326Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 250 Volts 5000 Watt Peak Pulse Power
TVS-3KP SPSEMI-TVS-3KP Datasheet
322Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 220 Volts 3000 Watt Peak Pulse Power
TVS-1KE SPSEMI-TVS-1KE Datasheet
324Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 6.8 to 550 Volts 1500 Watt Peak Pulse Power/6.5 Watt Steady State
logo
Pan Jit International I...
1.5SMC-AU PANJIT-1.5SMC-AU Datasheet
126Kb / 7P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watt
logo
Leshan Radio Company
15KW LRC-15KW Datasheet
26Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-17 TO 280 Volts 15000 Watt Peak Pulse Power
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com