Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAC18 Datasheet(PDF) 1 Page - StarHope

Part # SAC18
Description  Low Capacitance Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 50 Volts 500 Watt Peak Pulse Power
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

SAC18 Datasheet(HTML) 1 Page - StarHope

  SAC18 Datasheet HTML 1Page - StarHope SAC18 Datasheet HTML 2Page - StarHope SAC18 Datasheet HTML 3Page - StarHope SAC18 Datasheet HTML 4Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPSEMI
..
.
www.spsemi.cn
Page 1 of 4
Low Capacitance Transient Voltage Suppressor
Stand-Off Voltage - 5.0 to 50 Volts
500 Watt Peak Pulse Power
Features
SAC(500W) Series
Mechanical Data
Maximum Ratings And Characteristics
Ratings at 25
ambient temperature unless otherwise specified.
Notes :
1.Non-repetitive current pulse , per Fig. 3 and derated above TA = 25
per Fig. 2 .
Peak Pulse Power Dissipation on 10/1000μs waveform (Note 1)
Steady State Power Dissipation at T = 75°C with lead lengths or 0.375"
L
(9.5mm)
Peak Pulse Power Surge Current with a 10/1000 μS waveform
(Note1.FIG.3)
Operating junction and Storage Temperature Range
RATING
SYMBOL
VALUE
UNITS
PPPM
PM(AV)
IPPM
T, T
JSTG
Minimum
500
3
-55 to
+175
SEE
TABLE1
Watts
Amps
Amps
Case: JEDEC DO-15. Molded plastic over a passivated junction
Terminals: Solderable per MIL-STD-750, Method 2026
Polarity: Color band denotes positive end (cathode)
Any
Mounting Position:
0.015ounce,0.4gram
Weight:
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
Glass passivated junction
500W Peak Pulse Power capability on 10/1000 s waveform
μ
Excellent clamping capability
Repetition rate (duty cycle):0.01%
Low incremental surge resistance
Fast response time: typically less than 1.0ps from 0 Volts to B min.
V
Ideal for data line applications
High temperature soldering guaranteed: 265°C/10 seconds/.375",
(9.5mm) lead length, 5lbs., (2.3kg) tension
Pb-free plated
REV 2016 08 10


Similar Part No. - SAC18

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SAC18 EIC-SAC18 Datasheet
38Kb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE VBR : 5.0 - 50 Volts SUPPRESSOR
logo
Littelfuse
SAC18 LITTELFUSE-SAC18 Datasheet
3Mb / 146P
   TVS Diode Products
logo
Shanghai Semitech Semic...
SAC18 SEMITECH-SAC18 Datasheet
85Kb / 2P
   Glass Passivated Die Construction
logo
Microsemi Corporation
SAC18 MICROSEMI-SAC18 Datasheet
65Kb / 2P
   LOW CAPACITANCE TRANSIENT ABSORPTION ZENER
logo
MERITEK ELECTRONICS COR...
SAC18 MERITEK-SAC18 Datasheet
460Kb / 3P
   Transient Voltage Suppressors
More results

Similar Description - SAC18

ManufacturerPart #DatasheetDescription
logo
StarHope
TVS-SACB SPSEMI-TVS-SACB Datasheet
105Kb / 4P
   Low Capacitance Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 50 Volts 500 Watt Peak Pulse Power
logo
MDE Semiconductor, Inc.
HSMBJSAC MDE-HSMBJSAC Datasheet
130Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE- 5.0 TO 50 Volts 500 Watt Peak Pulse Power
logo
StarHope
SAC SPSEMI-SAC Datasheet
284Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE-5.0 TO 50 Volts
TVS-SA SPSEMI-TVS-SA Datasheet
323Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 180 Volts 500 Watt Peak Pulse Power
TVS-SMAJ SPSEMI-TVS-SMAJ Datasheet
143Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 400 Watt Peak Pulse Power
TVS-SMBJ SPSEMI-TVS-SMBJ Datasheet
147Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 600 Watt Peak Pulse Power
TVS-PMF SPSEMI-TVS-PMF Datasheet
173Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 180 Volts 200 Watt Peak Pulse Power
TVS-SMCJ SPSEMI-TVS-SMCJ Datasheet
151Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 1500 Watt Peak Pulse Power
TVS-SMDJ SPSEMI-TVS-SMDJ Datasheet
154Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 170 Volts 3000 Watt Peak Pulse Power
TVS-5KP SPSEMI-TVS-5KP Datasheet
326Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 250 Volts 5000 Watt Peak Pulse Power
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com