Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4KE27A Datasheet(PDF) 3 Page - StarHope

Part # P4KE27A
Description  Glass Passivated Junction Transient Voltage Suppressor Voltage - 6.8 to 550 Volts 400 Watt Peak Power/1.0Watt Steady State
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

P4KE27A Datasheet(HTML) 3 Page - StarHope

  P4KE27A Datasheet HTML 1Page - StarHope P4KE27A Datasheet HTML 2Page - StarHope P4KE27A Datasheet HTML 3Page - StarHope P4KE27A Datasheet HTML 4Page - StarHope P4KE27A Datasheet HTML 5Page - StarHope P4KE27A Datasheet HTML 6Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SPSEMI
www.spsemi.cn
Page 3 of
6
P4KE56A
P4KE62A
P4KE68A
P4KE75A
P4KE82A
P4KE91A
P4KE100A
P4KE110A
P4KE120A
P4KE130A
P4KE150A
P4KE160A
P4KE170A
P4KE180A
P4KE200A
P4KE220A
P4KE250A
P4KE300A
P4KE350A
P4KE400A
P4KE440A
P4KE480A
P4KE510A
P4KE530A
P4KE540A
P4KE550A
P4KE
Part Number
Reverse
Stand-Off
Voltage
V
(V)
RWM
Breakdown
Voltage
@IT
V
(V)Min.
BR
Breakdown
Voltage
@IT
V
(V)Max.
BR
Test
Current
IT(mA)
Maximum
Clamping
Voltage
@Ipp
Vc(V)
Peak Pulse
Current
Ipp(A)
Reverse
Leakage
@VRWM
I(
A)
R
UNI-Polar
BI-Polar
Electrical Characteristics
TABLE1
“ ”Stand for commonly used models
*
P4KE56CA
P4KE62CA
P4KE68CA
P4KE75CA
P4KE82CA
P4KE91CA
P4KE100CA
P4KE110CA
P4KE120CA
P4KE130CA
P4KE150CA
P4KE160CA
P4KE170CA
P4KE180CA
P4KE200CA
P4KE220CA
P4KE250CA
P4KE300CA
P4KE350CA
P4KE400CA
P4KE440CA
P4KE480CA
P4KE510CA
P4KE530CA
P4KE540CA
P4KE550CA
47.80
53.00
58.10
64.10
70.10
77.80
85.50
94.00
102.00
111.00
128.00
136.00
145.00
154.00
171.00
185.00
214.00
256.00
300.00
342.00
376.00
408.00
434.00
450.00
459.00
467.00
53.20
58.90
64.60
71.30
77.90
86.50
95.00
105.00
114.00
124.00
143.00
152.00
162.00
171.00
190.00
209.00
237.00
285.00
332.00
380.00
418.00
456.00
485.00
503.50
513.00
522.50
58.80
65.10
71.40
78.80
86.10
95.50
105.00
116.00
126.00
137.00
158.00
168.00
179.00
189.00
210.00
231.00
263.00
315.00
368.00
420.00
462.00
504.00
535.00
556.50
567.00
577.50
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
77.0
85.0
92.0
103.0
113.0
125.0
137.0
152.0
165.0
179.0
207.0
219.0
234.0
246.0
274.0
328.0
344.0
414.0
482.0
548.0
602.0
658.0
698.0
725.0
740.0
760.0
5.30
4.80
4.50
4.00
3.60
3.30
3.00
2.70
2.50
2.30
2.00
1.90
1.80
1.70
1.50
1.30
1.20
1.00
0.85
0.75
0.68
0.61
0.57
0.55
0.54
0.52
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
Notes :
1.For bidirectional type having V
of 10 volts and less, the I limit is double
RWM
R
For parts with A , the V
is ± 5%
2.
BR
P4KE(400W) Series
..
.
REV 2016 08 10
μ


Similar Part No. - P4KE27A

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
P4KE27A SY-P4KE27A Datasheet
662Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
RFE international
P4KE27A RFE-P4KE27A Datasheet
333Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
2011.10.03
logo
Pan Jit International I...
P4KE27A PANJIT-P4KE27A Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Zowie Technology Corpor...
P4KE27A ZOWIE-P4KE27A Datasheet
180Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotec Semiconductor
P4KE27A DIOTEC-P4KE27A Datasheet
153Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results

Similar Description - P4KE27A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4KE PANJIT-P4KE Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
StarHope
TVS-1KE SPSEMI-TVS-1KE Datasheet
324Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 6.8 to 550 Volts 1500 Watt Peak Pulse Power/6.5 Watt Steady State
logo
DB Lectro Inc
1.5KE DBLECTRO-1.5KE Datasheet
147Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 TO 440 Volts 1500 watt Peak Power / 6.5 Watt Steady State
logo
StarHope
TVS-P6KE SPSEMI-TVS-P6KE Datasheet
323Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Voltage - 6.8 to 600 Volts 600 Watt Peak Power/5.0Watt Steady State
logo
Pan Jit International I...
P6KE PANJIT-P6KE Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
DB Lectro Inc
BZW04 DBLECTRO-BZW04 Datasheet
195Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 440 Volts 400 Watts Peak 1.0 Watt Steady Stae
logo
Leshan Radio Company
P4KE6.8 LRC-P4KE6.8 Datasheet
190Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts
logo
StarHope
P4KE SPSEMI-P4KE Datasheet
373Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 550 Volts
logo
Leshan Radio Company
P6KE6 LRC-P6KE6 Datasheet
288Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts
logo
Micro Commercial Compon...
SMAJP4KE6.8A MCC-SMAJP4KE6.8A Datasheet
301Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 400 Watt
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com