Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAC50 Datasheet(PDF) 2 Page - StarHope

Part # SAC50
Description  Low Capacitance Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 50 Volts 500 Watt Peak Pulse Power
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

SAC50 Datasheet(HTML) 2 Page - StarHope

  SAC50 Datasheet HTML 1Page - StarHope SAC50 Datasheet HTML 2Page - StarHope SAC50 Datasheet HTML 3Page - StarHope SAC50 Datasheet HTML 4Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPSEMI
..
.
www.spsemi.cn
Page 2 of 4
SAC5.0
SAC6.0
SAC7.0
SAC8.0
SAC8.5
SAC10
SAC12
SAC15
SAC18
SAC22
SAC26
SAC30
SAC36
SAC45
SAC50
Electrical Characteristics
TABLE1
“ ”Stand for commonly used models
*
SAC
Part
Number
Stand-Off
Voltage
V
(V)
RWM
Minimum
Breakdown
Voltage
at I =1.0mA
T
Maximum
Reverse
Leakage
at VWM
Maximum
Clamping
Voltage
at I
=5.0A
PP
Maximum
Peak Pulse
Current
Per FIG.3
Maximum
Junction
Capacitance
at 0 Volts
Working
Inverse
Blocking
Voltage
Inverse
Blocking
Leakage
Current
Peak
Inverse
Blocking
Voltage
V
(V)
BR
I(uA)
R
V (V)
C
I
(A)
PP
C(pF)
J
V
(V)
WIB
I (mA)
IB
V(V)
PIB
5.0
6.0
7.0
8.0
8.5
10.0
12.0
15.0
18.0
22.0
26.0
30.0
36.0
45.0
50.0
7.60
7.90
8.33
8.89
9.44
11.10
13.30
16.70
20.00
24.40
28.90
33.30
40.00
50.00
55.50
300
300
300
100
50
5
1
1
1
1
1
1
1
1
1
10.0
11.2
12.6
13.4
14.0
16.3
19.0
23.6
28.8
35.4
42.3
48.6
60.0
77.0
88.0
44.0
41.0
38.0
36.0
34.0
29.0
25.0
20.0
15.0
14.0
11.1
10.0
8.6
6.8
5.8
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
75
75
75
75
75
75
75
75
75
75
75
75
75
150
150
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
100
100
100
100
100
100
100
100
100
100
100
100
100
200
200
*
SAC(500W) Series
Dimensions (DO-15)
DO-204AC(DO-15)
Dimensions in inches and(millimeters)
1.0 25.4
()
MIN.
0.300 7 6
(.)
0.230 5 8
(.)
1.0 25.4
()
MIN.
0.034 0.86
()
0.028 0.71
()
0.140 3 6
(.)
0.104 2 6
(.)
DIA.
DIA.
REV 2016 08 10


Similar Part No. - SAC50

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SAC50 EIC-SAC50 Datasheet
38Kb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE VBR : 5.0 - 50 Volts SUPPRESSOR
logo
Littelfuse
SAC50 LITTELFUSE-SAC50 Datasheet
3Mb / 146P
   TVS Diode Products
logo
Shanghai Semitech Semic...
SAC50 SEMITECH-SAC50 Datasheet
85Kb / 2P
   Glass Passivated Die Construction
logo
Microsemi Corporation
SAC50 MICROSEMI-SAC50 Datasheet
65Kb / 2P
   LOW CAPACITANCE TRANSIENT ABSORPTION ZENER
logo
MERITEK ELECTRONICS COR...
SAC50 MERITEK-SAC50 Datasheet
460Kb / 3P
   Transient Voltage Suppressors
More results

Similar Description - SAC50

ManufacturerPart #DatasheetDescription
logo
StarHope
TVS-SACB SPSEMI-TVS-SACB Datasheet
105Kb / 4P
   Low Capacitance Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 50 Volts 500 Watt Peak Pulse Power
logo
MDE Semiconductor, Inc.
HSMBJSAC MDE-HSMBJSAC Datasheet
130Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE- 5.0 TO 50 Volts 500 Watt Peak Pulse Power
logo
StarHope
SAC SPSEMI-SAC Datasheet
284Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE-5.0 TO 50 Volts
TVS-SA SPSEMI-TVS-SA Datasheet
323Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 180 Volts 500 Watt Peak Pulse Power
TVS-SMAJ SPSEMI-TVS-SMAJ Datasheet
143Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 400 Watt Peak Pulse Power
TVS-SMBJ SPSEMI-TVS-SMBJ Datasheet
147Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 600 Watt Peak Pulse Power
TVS-PMF SPSEMI-TVS-PMF Datasheet
173Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 180 Volts 200 Watt Peak Pulse Power
TVS-SMCJ SPSEMI-TVS-SMCJ Datasheet
151Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 1500 Watt Peak Pulse Power
TVS-SMDJ SPSEMI-TVS-SMDJ Datasheet
154Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 170 Volts 3000 Watt Peak Pulse Power
TVS-5KP SPSEMI-TVS-5KP Datasheet
326Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 250 Volts 5000 Watt Peak Pulse Power
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com