Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20KPA160A Datasheet(PDF) 3 Page - StarHope

Part # 20KPA160A
Description  Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 20 to 300 Volts 20000 Watt Peak Pulse Power
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

20KPA160A Datasheet(HTML) 3 Page - StarHope

  20KPA160A Datasheet HTML 1Page - StarHope 20KPA160A Datasheet HTML 2Page - StarHope 20KPA160A Datasheet HTML 3Page - StarHope 20KPA160A Datasheet HTML 4Page - StarHope 20KPA160A Datasheet HTML 5Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SPSEMI
www.spsemi.cn
Page 3 of 5
20KPA120A
20KPA132A
20KPA144A
20KPA160A
20KPA172A
20KPA180A
20KPA192A
20KPA204A
20KPA216A
20KPA232A
20KPA240A
20KPA256A
20KPA280A
20KPA300A
20KPA
Part Number
Reverse
Stand-Off
Voltage
V
(V)
RWM
Breakdown
Voltage
@IT
V
(V)Min.
BR
Breakdown
Voltage
@IT
V
(V)Max.
BR
Test
Current
IT(mA)
Maximum
Clamping
Voltage
@Ipp
Vc(V)
Peak Pulse
Current
Ipp(A)
Reverse
Leakage
@VRWM
I(
A)
R
UNI-Polar
BI-Polar
Electrical Characteristics
TABLE1
20KPA120CA
20KPA132CA
20KPA144CA
20KPA160CA
20KPA172CA
20KPA180CA
20KPA192CA
20KPA204CA
20KPA216CA
20KPA232CA
20KPA240CA
20KPA256CA
20KPA280CA
20KPA300CA
120
132
144
160
172
180
192
204
216
232
240
256
280
300
133.2
146.8
160.0
177.6
191.2
200.0
213.2
226.8
240.0
257.6
266.8
284.4
311.2
333.2
147.2
162.4
176.8
196.4
211.2
221.2
235.6
250.8
265.2
284.8
294.8
314.4
344.0
368.4
5
5
5
5
5
5
5
5
5
5
5
5
5
5
194.0
213.0
232.0
258.0
277.0
291.0
309.0
329.0
348.0
374.0
387.0
412.0
451.0
483.0
104.1
94.8
87.1
78.3
72.9
69.4
65.4
61.4
58.0
54.0
52.2
49.0
44.8
41.8
2
2
2
2
2
2
2
2
2
2
2
2
2
2
Notes :
1.For bidirectional type having V
of 10 volts and less, the I limit is double
RWM
R
For parts with A , the V
is ± 5%
2.
BR
..
.
“ ”Stand for commonly used models
*
20KPA(20KW) Series
Rating And Characteristic Curves
Fig.2 Pulse Derating Curve
T --Ambient Temperature(
)
A
100
125
150
175
75
50
25
0
0
20
40
60
80
100
120
Fig.1 Peak Pulse Power Rating Curve
1
100
1000
td - Pulse Width (sec.)
10
1.0
μs
10
μs
100
μs
1.0m
s
REV 2016 08 10
μ


Similar Part No. - 20KPA160A

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
20KPA160A TAITRON-20KPA160A Datasheet
211Kb / 6P
   20KW Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
20KPA160A SUNMATE-20KPA160A Datasheet
767Kb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR DIODE
logo
MDE Semiconductor, Inc.
20KPA160A MDE-20KPA160A Datasheet
30Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
20KPA160A MDE-20KPA160A Datasheet
81Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Littelfuse
20KPA160A LITTELFUSE-20KPA160A Datasheet
140Kb / 5P
   Transient Voltage Suppression Diodes
More results

Similar Description - 20KPA160A

ManufacturerPart #DatasheetDescription
logo
StarHope
TVS-30KPA SPSEMI-TVS-30KPA Datasheet
325Kb / 5P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 28 to 288 Volts 30000 Watt Peak Pulse Power
TVS-SA SPSEMI-TVS-SA Datasheet
323Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 180 Volts 500 Watt Peak Pulse Power
TVS-15KPA SPSEMI-TVS-15KPA Datasheet
344Kb / 5P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 17 to 280 Volts 15000 Watt Peak Pulse Power
TVS-5KP SPSEMI-TVS-5KP Datasheet
326Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 250 Volts 5000 Watt Peak Pulse Power
TVS-3KP SPSEMI-TVS-3KP Datasheet
322Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 220 Volts 3000 Watt Peak Pulse Power
TVS-1KE SPSEMI-TVS-1KE Datasheet
324Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 6.8 to 550 Volts 1500 Watt Peak Pulse Power/6.5 Watt Steady State
logo
Pan Jit International I...
1.5SMC-AU PANJIT-1.5SMC-AU Datasheet
126Kb / 7P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watt
logo
Leshan Radio Company
15KW LRC-15KW Datasheet
26Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-17 TO 280 Volts 15000 Watt Peak Pulse Power
logo
Pan Jit International I...
15KP PANJIT-15KP Datasheet
63Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE- 17 to 220 Volts 15000 Watt Peak Pulse Power)
3KP PANJIT-3KP Datasheet
173Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com