Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TECB22A Datasheet(PDF) 4 Page - StarHope

Part # TECB22A
Description  Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 6.0 to 440 Volts 600 Watt Peak Pulse Power
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

TECB22A Datasheet(HTML) 4 Page - StarHope

  TECB22A Datasheet HTML 1Page - StarHope TECB22A Datasheet HTML 2Page - StarHope TECB22A Datasheet HTML 3Page - StarHope TECB22A Datasheet HTML 4Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SPSEMI
www.spsemi.cn
Page 4 of 4
Marking Code
Tape And Reel Specification
Recommended Soldering Conditions
Recommended Conditions
Reflow Soldering
ts
tP
tL
Time
25
time to peak temperature
(t 25
to peak)
T (min)
s
T (max)
s
TL
TP
Preheat
Ramp-down
Ramp-up
Critical Zone
Tto T
LP
Re”ow Condition
Pb-Free assembly
(see Fig.1)
Pre Heat
-Temperature Min(T
)
s(min)
-Temperature Max(T
)
s(max)
-Time(Min to Max)(t )
s
Average ramp up rate
(Liquidus Temp(T ) to peak)
L
T
to T -Ramp-up Rate
s(max)
L
Re”ow
-Temperature(T )(Liquidus)
L
-Temperature(t )
L
Peak Temp(T )
P
Time within 5
of actual Peak Temp(t )
P
Ramp-down Rate
Time 25
to Peak Temp(T )
P
Do not exceed
+150
+200
60-180secs
3
/sec.Max.
3
/sec.Max.
+217
60-150secs
+260(+0/-5)
30 secs.Max.
6
/sec.Max.
8 min.Max.
+260
Cathode Band
6 G
****
Marking Code
Logo
Date Code
6 F
****
Marking Code
Logo
Date Code
TECB(600W) Series
0.157
(4.0)
0.47
(12.0)
0.157
(4.0)
0.49
(12.4)
Symbol
Ea Per Reel
REEL DIA
(mm)
Industry Standard
TECB***
5000
330
EIA RS-481
13.0(330)
REV 2017
..03 01
.


Similar Part No. - TECB22A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TEC-4A ETC2-TEC-4A Datasheet
131Kb / 8P
   HIGH EFFICIENCY TEC CONTROLLER
TEC-4A-3V-XX ETC2-TEC-4A-3V-XX Datasheet
131Kb / 8P
   HIGH EFFICIENCY TEC CONTROLLER
TEC-4A-5V-XX ETC2-TEC-4A-5V-XX Datasheet
131Kb / 8P
   HIGH EFFICIENCY TEC CONTROLLER
TEC-A1-3V-XX-D ETC2-TEC-A1-3V-XX-D Datasheet
297Kb / 9P
   HIGH EFFICIENCY TEC CONTROLLER
TEC-A1-3V-XX-S ETC2-TEC-A1-3V-XX-S Datasheet
297Kb / 9P
   HIGH EFFICIENCY TEC CONTROLLER
More results

Similar Description - TECB22A

ManufacturerPart #DatasheetDescription
logo
StarHope
TVS-TECA SPSEMI-TVS-TECA Datasheet
85Kb / 4P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 6.0 to 440 Volts 400 Watt Peak Pulse Power
TVS-SMBJ SPSEMI-TVS-SMBJ Datasheet
147Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 600 Watt Peak Pulse Power
TVS-TECC SPSEMI-TVS-TECC Datasheet
148Kb / 4P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 6.0 to 170 Volts 1000 Watt Peak Pulse Power
TVS-TECD SPSEMI-TVS-TECD Datasheet
131Kb / 4P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 6.0 to 60 Volts 2000 Watt Peak Pulse Power
TVS-SMAJ SPSEMI-TVS-SMAJ Datasheet
143Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 400 Watt Peak Pulse Power
TVS-SMCJ SPSEMI-TVS-SMCJ Datasheet
151Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 1500 Watt Peak Pulse Power
TVS-5SMDJ SPSEMI-TVS-5SMDJ Datasheet
161Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 11 to 170 Volts 5000 Watt Peak Pulse Power
TVS-PMF SPSEMI-TVS-PMF Datasheet
173Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 180 Volts 200 Watt Peak Pulse Power
TVS-SMDJ SPSEMI-TVS-SMDJ Datasheet
154Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 170 Volts 3000 Watt Peak Pulse Power
logo
Yea Shin Technology Co....
P4SMAJ5.0 YEASHIN-P4SMAJ5.0 Datasheet
102Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 440 Volts 400 Watt Peak Power Pulse
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com