Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSA16U Datasheet(PDF) 1 Page - StarHope

Part # TSA16U
Description  TSA(240W) Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

TSA16U Datasheet(HTML) 1 Page - StarHope

  TSA16U Datasheet HTML 1Page - StarHope TSA16U Datasheet HTML 2Page - StarHope TSA16U Datasheet HTML 3Page - StarHope TSA16U Datasheet HTML 4Page - StarHope TSA16U Datasheet HTML 5Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPSEMI
REV 2017 02 07
..
.
www.spsemi.cn
Page 1 of 5
TSA(240W) Series
Features
For surface mounted applications in order to optimize board space
Pb-free plated
Peak Power is 240W@1ms
ESD Rating of Class X (> 15 kV) (IEC6100-4-2)
Response Time is Typically<1 ns
Low profile package
Typical IR less than 1µA above 10V
Low inductance
Excellent clamping capability
AEC-Q101
Applications
I/O interface
AC/DC power supply
Low frequency signal transmission line (RS232, RS485, etc.)
Mechanical Characteristics
Case: JEDEC SOD-123FL. Molded plastic over glass passivated junction
Solderable per MIL-STD-750, Method 2026
Terminal:
Color band denoted positive end (cathode) except Bidirectional
Polarity:
Maximum Ratings And Characteristics
Ratings at 25
ambient temperature unless otherwise specified.
Notes :
1.Non-repetitive current pulse , per Fig. 3 and derated above TA = 25
per Fig. 2 .
2.Mounted on 5.0mm x 5.0mm (0.03mm thick) Copper Pads to each terminal
3.8.3ms single half sine-wave , or equivalent square wave, Duty cycle = 4 pulses per minutes maximum.
Peak Pulse Power Dissipation on 10/1000µs waveform
Peak Forward Surge Current,8.3ms Single Half Sine-Wave
Superimposed on Rated Load,(JEDEC Method) (Note2,3)
Operating junction and Storage Temperature Range
RATING
SYMBOL
VALUE
UNITS
PPPM
IFSM
T, T
JSTG
Minimum
240
-55 to
+150
20
Watts
Amps
Functional Diagram
Bi-directional
Uni-directional
Cathode
Anode


Similar Part No. - TSA16U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSA16 ETC1-TSA16 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
logo
Thinki Semiconductor Co...
TSA16N50M THINKISEMI-TSA16N50M Datasheet
1Mb / 7P
   THINKISEMI 16A,500V N-CHANNEL PLANAR STRIPE POWER MOSFETs
Rev.11T
More results

Similar Description - TSA16U

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MDR-240S MPD-MDR-240S Datasheet
557Kb / 2P
   240W Output Power
logo
ETA-USA
AOJS240 ETA-USA-AOJS240 Datasheet
1Mb / 5P
   240W AC/DC
logo
MORNSUN Science& Techno...
LI240-10B24 MORNSUN-LI240-10B24_15 Datasheet
234Kb / 4P
   240W, AC/DC converter
logo
Arch Electronics Corp.
AQF360E_SERIES ARCH-AQF360E_SERIES Datasheet
351Kb / 6P
   240W Convection without FAN
logo
ETA-USA
AOLL1-240 ETA-USA-AOLL1-240 Datasheet
1Mb / 4P
   240W Exterior LED Driver
logo
TDK Electronics
CME150-24 TDK-CME150-24 Datasheet
654Kb / 9P
   Single Output 150W - 240W
logo
Inventronics Inc.
EUD-240SXXXDT INVENTRONICS-EUD-240SXXXDT Datasheet
1Mb / 15P
   240W Programmable IP67 Driver
Rev. G
EUD-240SXXXDTA INVENTRONICS-EUD-240SXXXDTA Datasheet
738Kb / 14P
   240W Programmable IP67 Driver
Rev. D
EUD-240SXXXDVA INVENTRONICS-EUD-240SXXXDVA Datasheet
848Kb / 13P
   240W Programmable IP67 Driver
Rev.D
EUD-240SXXXDV INVENTRONICS-EUD-240SXXXDV Datasheet
1Mb / 13P
   240W Programmable IP67 Driver
Rev. F
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com