Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S4242PP Datasheet(PDF) 10 Page - Summit Microelectronics, Inc.

Part # S4242PP
Description  Dual Voltage Supervisory Circuit With Watchdog Timer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

S4242PP Datasheet(HTML) 10 Page - Summit Microelectronics, Inc.

Back Button S4242PP Datasheet HTML 6Page - Summit Microelectronics, Inc. S4242PP Datasheet HTML 7Page - Summit Microelectronics, Inc. S4242PP Datasheet HTML 8Page - Summit Microelectronics, Inc. S4242PP Datasheet HTML 9Page - Summit Microelectronics, Inc. S4242PP Datasheet HTML 10Page - Summit Microelectronics, Inc. S4242PP Datasheet HTML 11Page - Summit Microelectronics, Inc. S4242PP Datasheet HTML 12Page - Summit Microelectronics, Inc. S4242PP Datasheet HTML 13Page - Summit Microelectronics, Inc. S4242PP Datasheet HTML 14Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
S4242/S42WD42/S4261/S42WD61
2025 6.0 4/17/00
FIGURE 12. CURRENT ADDRESS BYTE READ MODE
FIGURE 11. ACKNOWLEDGE POLLING
Acknowledge Polling
When the S42xxx is performing an internal WRITE opera-
tion, it will ignore any new START conditions. Since the
device will only return an acknowledge after it accepts the
START, the part can be continuously queried until an
acknowledge is issued, indicating that the internal WRITE
cycle is complete.
To poll the device, give it a START condition, followed by
a slave address for a WRITE operation (See Figure 9).
READ OPERATIONS
Read operations are initiated with the R/W bit of the
identification field set to “1.” There are four different read
options:
1.
Current Address Byte Read
2.
Random Address Byte Read
3.
Current Address Sequential Read
4.
Random Address Sequential Read
Current Address Byte Read
The S42xxx contains an internal address counter which
maintains the address of the last word accessed,
incremented by one. If the last address accessed (either
a read or write) was to address location n, the next read
operation would access data from address location n+1
and increment the current address pointer. When the
S42xxx receives the slave address field with the R/W bit
set to “1,” it issues an acknowledge and transmits the 8-
bit word stored at address location n+1.
The current address byte read operation only accesses a
single byte of data. The master does not acknowledge the
transfer, but does generate a stop condition. At this point,
the S42xxx discontinues data transmission. See
Figure 12 for the address acknowledge and data transfer
sequence.
Issue Start
Internal WRITE Cycle
In Progress;
Begin ACK Polling
Issue Slave
Address and
R/W = 0
ACK
Returned?
Next
operation a
WRITE?
Issue Byte
Address
Proceed with
WRITE
Issue Stop
Await Next
Command
Issue Stop
No
No
Yes (Internal WRITE Cycle is completed)
Yes
2025 ILL11.0
S
T
A
R
T
S
T
O
P
Slave Address
Device
Type
Address
Read/Write
1= Read
A10,A9,A8
SDA Bus Activity
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
Master sends Read
request to Slave
Slave sends
Data to Master
Master Transmitter
to
Slave Receiver
Slave Transmitter
to
Master Receiver
1
1
1
00
1
Lack of ACK (low)
from Master
determines last
data byte to be read
1
Shading Denotes
42xxx
SDA Output Active
A
9
A
10
R
W
A
C
K
A
8
Data Byte
2025 ILL12.1


Similar Part No. - S4242PP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
S4240 MICROSEMI-S4240 Datasheet
120Kb / 3P
   Silicon Power Rectifier
logo
Sensitron
S424CA SENSITRON-S424CA Datasheet
48Kb / 2P
   THREE PHASE FULL WAVE RECTIFIER ASSEMBLY
S424GC SENSITRON-S424GC Datasheet
258Kb / 2P
   THREE PHASE FULL WAVE RECTIFIER ASSEMBLY
S424GE SENSITRON-S424GE Datasheet
157Kb / 2P
   THREE PHASE FULL WAVE RECTIFIER ASSEMBLY
S424GE SENSITRON-S424GE_09 Datasheet
48Kb / 2P
   THREE PHASE FULL WAVE RECTIFIER ASSEMBLY
More results

Similar Description - S4242PP

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMS2902 SUMMIT-SMS2902 Datasheet
157Kb / 14P
   Voltage Supervisory Circuit With Watchdog Timer
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823 Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823_07 Datasheet
316Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
List of Unclassifed Man...
SMS2916 ETC1-SMS2916 Datasheet
101Kb / 16P
   Precision Voltage Supervisory Circuit With Watchdog Timer and 16K I2C Memory
logo
Toshiba Semiconductor
TA8041HA TOSHIBA-TA8041HA Datasheet
326Kb / 8P
   DUAL VOLTAGE REGULATOR WITH WATCHDOG TIMER
logo
Renesas Technology Corp
ICS9WDV3501B RENESAS-ICS9WDV3501B Datasheet
249Kb / 10P
   VOLTAGE MONITOR/WATCHDOG TIMER CIRCUIT
05/30/08
logo
Integrated Device Techn...
ICS9WDV3501B IDT-ICS9WDV3501B Datasheet
106Kb / 9P
   VOLTAGE MONITOR/WATCHDOG TIMER CIRCUIT
logo
STMicroelectronics
STWD100 STMICROELECTRONICS-STWD100 Datasheet
225Kb / 25P
   Watchdog timer circuit
logo
Rohm
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com