Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMDJ51A Datasheet(PDF) 3 Page - StarHope

Part # SMDJ51A
Description  Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 170 Volts 3000 Watt Peak Pulse Power
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

SMDJ51A Datasheet(HTML) 3 Page - StarHope

  SMDJ51A Datasheet HTML 1Page - StarHope SMDJ51A Datasheet HTML 2Page - StarHope SMDJ51A Datasheet HTML 3Page - StarHope SMDJ51A Datasheet HTML 4Page - StarHope SMDJ51A Datasheet HTML 5Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SPSEMI
..
.
www.spsemi.cn
Page 3 of 5
SMDJ30A
SMDJ33A
SMDJ36A
SMDJ40A
SMDJ43A
SMDJ45A
SMDJ48A
SMDJ51A
SMDJ54A
SMDJ58A
SMDJ60A
SMDJ64A
SMDJ70A
SMDJ75A
SMDJ78A
SMDJ85A
SMDJ90A
SMDJ100A
SMDJ110A
SMDJ120A
SMDJ130A
SMDJ150A
SMDJ160A
SMDJ170A
SMDJ
Part Number
Device
Marking Code
Reverse
Stand-Off
Voltage
V
(V)
RWM
Breakdown
Voltage
@IT
V
(V)Min.
BR
Breakdown
Voltage
@IT
V
(V)Max.
BR
Test
Current
IT(mA)
Maximum
Clamping
Voltage
@Ipp
Vc(V)
Peak Pulse
Current
Ipp(A)
Reverse
Leakage
@VRWM
I(
A)
R
UNI-Polar
UNI
BI-Polar
BI
PFK
PFM
PFP
PFR
PFT
PFV
PFX
PFZ
RGE
PGG
PGK
PGM
PGP
PGR
PGT
PGV
PGX
PGZ
PHE
PHG
PHK
PHM
PHP
PHR
30.0
33.0
36.0
40.0
43.0
45.0
48.0
51.0
54.0
58.0
60.0
64.0
70.0
75.0
78.0
85.0
90.0
100.0
110.0
120.0
130.0
150.0
160.0
170.0
33.30
36.70
40.00
44.40
47.80
50.00
53.30
56.70
60.00
64.40
66.70
71.10
77.80
83.30
86.70
94.40
100.00
111.00
122.00
133.00
144.00
167.00
178.00
189.00
36.80
40.60
44.20
49.10
52.80
55.30
58.90
62.70
66.30
71.20
73.70
78.60
86.00
92.10
95.80
104.00
111.00
123.00
135.00
147.00
159.00
185.00
197.00
209.00
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
48.4
53.3
58.1
64.5
69.4
72.7
77.4
82.4
87.1
93.6
96.8
103.0
113.0
121.0
126.0
137.0
146.0
162.0
177.0
193.0
209.0
243.0
259.0
275.0
62.0
56.3
51.6
46.5
43.2
41.3
38.8
36.4
34.4
32.1
31.0
29.1
26.5
24.8
23.8
21.9
20.5
18.5
16.9
15.5
14.4
12.3
11.6
10.9
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
SMDJ30CA
SMDJ33CA
SMDJ36CA
SMDJ40CA
SMDJ43CA
SMDJ45CA
SMDJ48CA
SMDJ51CA
SMDJ54CA
SMDJ58CA
SMDJ60CA
SMDJ64CA
SMDJ70CA
SMDJ75CA
SMDJ78CA
SMDJ85CA
SMDJ90CA
SMDJ100CA
SMDJ110CA
SMDJ120CA
SMDJ130CA
SMDJ150CA
SMDJ160CA
SMDJ170CA
DFK
DFM
DFP
DFR
DFT
DFV
DFX
DFZ
DGE
DGG
DGK
DGM
DGP
DGR
DGT
DGV
DGX
DGZ
DHE
DHG
DHK
DHM
DHP
DHR
Electrical Characteristics
TABLE1
“ ”Stand for commonly used models
*
Notes :
1.For bidirectional type having V
of 10 volts and less, the I limit is double
RWM
R
For parts with A , the V
is ± 5%
2.
BR
*
*
*
SMDJ(3000W) Series
μ
REV 2016 08 10


Similar Part No. - SMDJ51A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMDJ51A ETC1-SMDJ51A Datasheet
546Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
Littelfuse
SMDJ51A LITTELFUSE-SMDJ51A Datasheet
1,011Kb / 6P
   TVS Diodes Surface Mount ? 3000W > SMDJ series
Revised: JC.10/29/20
logo
SUNMATE electronic Co.,...
SMDJ51A SUNMATE-SMDJ51A Datasheet
537Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
logo
Shanghai Yint Electroni...
SMDJ51A YINT-SMDJ51A Datasheet
1Mb / 5P
   SMDJ Transient Voltage Suppressor Diode Series
logo
MDE Semiconductor, Inc.
SMDJ51A MDE-SMDJ51A Datasheet
118Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMDJ51A

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
SMLJ MDE-SMLJ Datasheet
96Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
List of Unclassifed Man...
SMDJ ETC1-SMDJ Datasheet
546Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
StarHope
TVS-5SMDJ SPSEMI-TVS-5SMDJ Datasheet
161Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 11 to 170 Volts 5000 Watt Peak Pulse Power
TVS-TECC SPSEMI-TVS-TECC Datasheet
148Kb / 4P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 6.0 to 170 Volts 1000 Watt Peak Pulse Power
SMDJ SPSEMI-SMDJ Datasheet
404Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 170 Volts
TVS-SMAJ SPSEMI-TVS-SMAJ Datasheet
143Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 400 Watt Peak Pulse Power
TVS-SMBJ SPSEMI-TVS-SMBJ Datasheet
147Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 600 Watt Peak Pulse Power
TVS-PMF SPSEMI-TVS-PMF Datasheet
173Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 180 Volts 200 Watt Peak Pulse Power
TVS-SMCJ SPSEMI-TVS-SMCJ Datasheet
151Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 1500 Watt Peak Pulse Power
logo
Yea Shin Technology Co....
P2SMSJ YEASHIN-P2SMSJ Datasheet
745Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 170 Volts 200 Watt Peak Power Pulse
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com