Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4KE510A Datasheet(PDF) 4 Page - StarHope

Part # P4KE510A
Description  Glass Passivated Junction Transient Voltage Suppressor Voltage - 6.8 to 550 Volts 400 Watt Peak Power/1.0Watt Steady State
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

P4KE510A Datasheet(HTML) 4 Page - StarHope

  P4KE510A Datasheet HTML 1Page - StarHope P4KE510A Datasheet HTML 2Page - StarHope P4KE510A Datasheet HTML 3Page - StarHope P4KE510A Datasheet HTML 4Page - StarHope P4KE510A Datasheet HTML 5Page - StarHope P4KE510A Datasheet HTML 6Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SPSEMI
Rating And Characteristic Curves
Fig.1 Peak Pulse Power Rating Curve
Fig.2 Pulse Derating Curve
T --Ambient Temperature(
)
A
100
125
150
175
75
50
25
0
0
20
40
60
80
100
120
www.spsemi.cn
Page 4 of
6
Fig.3 Pulse Waverform
Fig.4 Typ.Junction Capacitance Uni-Directional
Fig.5 Steady State Power Dissipation Derating Curve
0
0
1.0
2.0
4.0
3.0
10/1000 s Waveform
μ
as defined by R.E.A
Half Value
IPPM
2
tr=10 s
μ
Peak Value
IPPM
T=25
J
Pulse width(td) is defined
ad the Point where the Peak
Current Decays to 50% of IPPM
50
100
150
t-Time(mS)
1
10
200
10
100
1000
10000
V
-Reverse Stand-Off Voltage(V)
WM
td
100
0.1
μs
10
μs
10ms
0.1
10
100
td - Pulse Width (sec.)
1
1.0
μs
100
μs
1.0m
s
0
0
50
75
150
100
0.25
0.50
T - Lead Temperature (°C)
L
25
125
1
175 200
0.75
1.0
P4KE(400W) Series
Measrued at
Stand-Off
Voltage VWM
Measured at Zero Bias
T=25
J
f=1.0MHz
Vsig=50mVp-p
L = 0.375" (9.5 mm)
Lead Lengths
1.6×1.6×0.040"
(40×40×1mm)
Copper Heat Sirks
Fig.6 Maximum Non-Repetitive Peak
Forward Surge Current Uni-Directional Only
1
10
100
10
50
100
200
Number of Cycles at 60HZ
T=Tmax
JJ
8.3mS single half sine-wave
(JEDEC Method)
5
50
..
.
REV 2016 08 10
Non-Repetitive Pulse
Waveform shown in Fig. 3
TA = 25 °C


Similar Part No. - P4KE510A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P4KE510A LITTELFUSE-P4KE510A Datasheet
186Kb / 4P
   Silicon Avalanche Diodes - 400W Axial Leaded Transient Voltage Supressors
logo
New Jersey Semi-Conduct...
P4KE510A NJSEMI-P4KE510A Datasheet
132Kb / 3P
   TRANSZORB짰 Transient Voltage Suppressors
logo
Vishay Siliconix
P4KE510A VISHAY-P4KE510A Datasheet
81Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
P4KE510A VISHAY-P4KE510A Datasheet
107Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
P4KE510A VISHAY-P4KE510A Datasheet
86Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
More results

Similar Description - P4KE510A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4KE PANJIT-P4KE Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
StarHope
TVS-1KE SPSEMI-TVS-1KE Datasheet
324Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 6.8 to 550 Volts 1500 Watt Peak Pulse Power/6.5 Watt Steady State
logo
DB Lectro Inc
1.5KE DBLECTRO-1.5KE Datasheet
147Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 TO 440 Volts 1500 watt Peak Power / 6.5 Watt Steady State
logo
StarHope
TVS-P6KE SPSEMI-TVS-P6KE Datasheet
323Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Voltage - 6.8 to 600 Volts 600 Watt Peak Power/5.0Watt Steady State
logo
Pan Jit International I...
P6KE PANJIT-P6KE Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
DB Lectro Inc
BZW04 DBLECTRO-BZW04 Datasheet
195Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 440 Volts 400 Watts Peak 1.0 Watt Steady Stae
logo
Leshan Radio Company
P4KE6.8 LRC-P4KE6.8 Datasheet
190Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts
logo
StarHope
P4KE SPSEMI-P4KE Datasheet
373Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 550 Volts
logo
Leshan Radio Company
P6KE6 LRC-P6KE6 Datasheet
288Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts
logo
Micro Commercial Compon...
SMAJP4KE6.8A MCC-SMAJP4KE6.8A Datasheet
301Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 400 Watt
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com