Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSD22U Datasheet(PDF) 3 Page - StarHope

Part # TSD22U
Description  TSD(1800W) Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

TSD22U Datasheet(HTML) 3 Page - StarHope

  TSD22U Datasheet HTML 1Page - StarHope TSD22U Datasheet HTML 2Page - StarHope TSD22U Datasheet HTML 3Page - StarHope TSD22U Datasheet HTML 4Page - StarHope TSD22U Datasheet HTML 5Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
瞬 雷 电 子
S P S E M I
www.spsemi.cn
Page 3 of 5
TSD(1800W) Series
Ratings And Characteristic Curves(TA=25℃ Unless otherwise noted)
Fig.1 Peak Pulse Power Rating
Fig.2 Pulse Derating Cruve
I-V Curve Characteristics
Uni-directional
Bi-directional
IPP
IR
IT
VC VBR VRWM
IPP
IR
IT
VC
VBR
VRWM
V
IPP
IR
IT
VC VBR VRWM
VF
V
Fig.3 Pulse Waveform
Fig.4 Typical Junction Capacitance
0
0
1.0
2.0
4.0
3.0
10/1000
μsec.Waveform
as defined by R.E.A
Half Value
IPPM
2
tr=10uS
Peak Value
IPPM
TJ=25℃
Pulse width(td) is defined
ad the Point where the Peak
Current Decays to 50% of IPPM
50
100
150
t-Time(mS)
td
0
25
50
75
100 125 150 175 200
0
25
50
75
100
TA-Ambient Temperature(℃)
0.2×0.2"(5.0×5.0mm)
Copper Pad Areas
0.1
μs
10
μs
10ms
0.1
10
100
td - Pulse Width (sec.)
1
1.0
μs
100
μs 1.0ms
Non-repetitive pulse
waveform shown in
Fig.3 TA = 25°C
1
10
100
10
100
1000
20000
VWM-Reverse Stand-off Voltage(V)
400
VR,Measured at
Stand-Off
Voltage,VWM
TJ=25℃
f=1.0MHZ
Vsig=50mVp-p
Uni-Directional
Bi-Directional
Measured at
Zero Bias
10000
..
.
REV 2016 08 10


Similar Part No. - TSD22U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSD22 ETC1-TSD22 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
logo
Vishay Siliconix
TSD22 VISHAY-TSD22 Datasheet
152Kb / 3P
   Lower Voltage Disc Capacitors
Revision 14-May-02
logo
FENGJUI TECHNOLOGY CO.,...
TSD220 FENGJUI-TSD220 Datasheet
299Kb / 4P
   SMD POWER INDUCTOR-RoHS
TSD221 FENGJUI-TSD221 Datasheet
299Kb / 4P
   SMD POWER INDUCTOR-RoHS
TSD222 FENGJUI-TSD222 Datasheet
299Kb / 4P
   SMD POWER INDUCTOR-RoHS
More results

Similar Description - TSD22U

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
LC1800 TRIPPLITE-LC1800 Datasheet
499Kb / 3P
   1800W 120V Power Conditioner
logo
PHOENIX CONTACT
1212597 PHOENIX-1212597 Datasheet
52Kb / 2P
   Torque screwdriver - TSD 08 SAC
1208429 PHOENIX-1208429 Datasheet
53Kb / 3P
   Torque screwdriver - TSD 04 SAC
logo
First Silicon Co., Ltd
FTVS0871P FS-FTVS0871P Datasheet
349Kb / 4P
   1800W peak pulse power (8/20μs)
2021. 10. 01 Revision No : 0
logo
PHOENIX CONTACT
1208487 PHOENIX-1208487 Datasheet
52Kb / 3P
   Torque screwdriver - TSD 02 SAC
1212226 PHOENIX-1212226 Datasheet
59Kb / 3P
   Torque screwdriver - TSD-M 6NM
1212315 PHOENIX-1212315 Datasheet
48Kb / 3P
   Torque screwdriver - TSD 25 SAC
logo
Diodes Incorporated
D28V0H1U2P5Q DIODES-D28V0H1U2P5Q Datasheet
474Kb / 5P
   1800W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PHOENIX CONTACT
1212020 PHOENIX-1212020 Datasheet
49Kb / 3P
   Torque screwdriver - TSD 20 SAC
1212224 PHOENIX-1212224 Datasheet
58Kb / 3P
   Torque screwdriver - TSD-M 1,2NM
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com