Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DR04QR118TL355 Datasheet(PDF) 2 Page - Alpha Wire

Part # DR04QR118TL355
Description  M12 Male to RJ45 Male
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

DR04QR118TL355 Datasheet(HTML) 2 Page - Alpha Wire

  DR04QR118TL355 Datasheet HTML 1Page - Alpha Wire DR04QR118TL355 Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • •
Alpha Wire | 711 Lidgerwood Ave, Elizabeth, NJ 07207
www.alphawire.com | 1-800-52 ALPHA
2
Customer Specification
PART NO: DR04QR118
M12 Male to RJ45 Male
Although Alpha Wire (“Alpha”) makes every reasonable effort to ensure their accuracy at the time of this publication, information and
specifications described herein are subject to error or omission and to change without notice, and the listing of such information and
specifications does not ensure product availability. Alpha provides the information and specification herein on an “AS IS” basis, with no
representations or warranties, whether express, statutory or implied. In no event will Alpha be liable any damages (including consequential,
indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Alpha has been advised of the possibility of such damages,
whether in an action under contact, negligence or any other theory, arising out of or in connection with the use, or inability to use, the
information or specification described herein.
Contact
Copper Alloy, gold plated
Plug
Polycarbonate
Available Lengths
0.6, 1, 3, 5, 10, 15, 20 Meters
Applicable Specifications-
Cable
UL
CMR
75°C
AWM/STYLE 20626
80°C / 600 VRMS
CSA International
CMG
75°C
FT4
Applicable Specifications-
Cord Set
Ingress Protection
IP67 / IP20
Environmental Compliance
CE
All materials used in the manufacture of
this part meet the requirements of
European Directive 2011/65/EU regarding
the restriction of use of certain hazardous
substances in electrical and electronic
equipment. Exemption used; 6a.
REACH Regulation (EC
1907/2006)
This product does not contain Substances
of Very High Concern (SVHC) listed on the
European Union’s REACH candidate list in
excess of 0.1% mass of the item.
Physical & Electrical
Properties
Temperature Range, Cord
-40 to 75°C(operating), -25 to 75°C
(installation)
Temperature Range, Cord
Set
-20 to 60°C
Bend Radius
10X Cable Diameter (2 million cycles), 20X
Cable Diameter (10 million cycles)
Voltage Rating
30Vac / 42Vdc
Current Rating
1.6 Amps
Ordering Information
DR04QR118 TL355
0.6 Meters
DR04QR118 TL356
1.0 Meters
DR04QR118 TL357
3.0 Meters
DR04QR118 TL358
5.0 Meters
DR04QR118 TL359
10.0 Meters
DR04QR118 TL400
15.0 Meters
DR04QR118 TL401
20.0 Meters
Standard Package
Each


Similar Part No. - DR04QR118TL355

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
DR04QR118 ALPHAWIRE-DR04QR118 Datasheet
136Kb / 2P
   M12 Male to RJ45 Male
More results

Similar Description - DR04QR118TL355

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
DR04QR118 ALPHAWIRE-DR04QR118 Datasheet
136Kb / 2P
   M12 Male to RJ45 Male
DR04QR117 ALPHAWIRE-DR04QR117 Datasheet
121Kb / 2P
   M12 Male to RJ45 Male
DW04QR117 ALPHAWIRE-DW04QR117 Datasheet
122Kb / 2P
   M12 Male 90 Degree to RJ45 Male
DW04QR117-TL355 ALPHAWIRE-DW04QR117-TL355 Datasheet
122Kb / 2P
   M12 Male 90 Degree to RJ45 Male
DW04QR117-TL401 ALPHAWIRE-DW04QR117-TL401 Datasheet
122Kb / 2P
   M12 Male 90 Degree to RJ45 Male
DW04QR117-TL356 ALPHAWIRE-DW04QR117-TL356 Datasheet
122Kb / 2P
   M12 Male 90 Degree to RJ45 Male
DW04QR117-TL358 ALPHAWIRE-DW04QR117-TL358 Datasheet
122Kb / 2P
   M12 Male 90 Degree to RJ45 Male
DR04DR118 ALPHAWIRE-DR04DR118 Datasheet
141Kb / 2P
   M12 Male to M12 Male
DR04DR117 ALPHAWIRE-DR04DR117 Datasheet
121Kb / 2P
   M12 Male to M12 Male
QR04AC118 ALPHAWIRE-QR04AC118 Datasheet
127Kb / 2P
   RJ45 Male to M12 Female Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com