Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QR04AC117TL356 Datasheet(PDF) 1 Page - Alpha Wire

Part # QR04AC117TL356
Description  RJ45 Male to M12 Female Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

QR04AC117TL356 Datasheet(HTML) 1 Page - Alpha Wire

  QR04AC117TL356 Datasheet HTML 1Page - Alpha Wire QR04AC117TL356 Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • •
Alpha Wire | 711 Lidgerwood Ave, Elizabeth, NJ 07207
www.alphawire.com | 1-800-52 ALPHA
1
Customer Specification
PART NO: QR04AC117
RJ45 Male to M12 Female Receptacle
Drawings
Technical Data
Cordage Construction
Diameters (In)
Cordage Part Number
117
Component
2 PAIR
a) Conductor
24 (7/32) AWG Tinned Copper
0.024
b) Insulation
0.008” Wall, Nom. Polyolefin
0.040
Insulation Colors
White/Orange - Orange, White/Green -
Green
c) Pair
2/Cond Cabled Together, Staggered Lays
Cable Assembly
2 Components Cabled
a) Twists
4.8 Twists/foot (min)
Jacket
0.035” Wall, Nom. TPE
0.246
a) Color(s)
TEAL
Cord Configuration
End 1
RJ45 Male
Boot
Elastomer Polyolefin
Contact
Copper Alloy, gold plated
Plug
Polycarbonate
End 2
M12 Female Receptacle
Insert
Black TPU
Contact
Copper Alloy, gold plated
Housing
Copper Alloy, nickel plated
Available Lengths
0.6, 1, 3, 5, 10, 15, 20 Meters
Applicable Specifications-
Cable
UL
CMR
75°C
CSA International
CMG
75°C


Similar Part No. - QR04AC117TL356

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
QR04AC117 ALPHAWIRE-QR04AC117 Datasheet
124Kb / 2P
   RJ45 Male to M12 Female Receptacle
More results

Similar Description - QR04AC117TL356

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
QR04AC118 ALPHAWIRE-QR04AC118 Datasheet
127Kb / 2P
   RJ45 Male to M12 Female Receptacle
QR04AC117 ALPHAWIRE-QR04AC117 Datasheet
124Kb / 2P
   RJ45 Male to M12 Female Receptacle
DR04QR118-TL358 ALPHAWIRE-DR04QR118-TL358 Datasheet
136Kb / 2P
   M12 Male to RJ45 Male
DR04QR118 ALPHAWIRE-DR04QR118 Datasheet
136Kb / 2P
   M12 Male to RJ45 Male
DR04QR117 ALPHAWIRE-DR04QR117 Datasheet
121Kb / 2P
   M12 Male to RJ45 Male
DR04AR117 ALPHAWIRE-DR04AR117 Datasheet
314Kb / 2P
   M12 Male to M12 Female
DW04QR117 ALPHAWIRE-DW04QR117 Datasheet
122Kb / 2P
   M12 Male 90 Degree to RJ45 Male
DW04QR117-TL355 ALPHAWIRE-DW04QR117-TL355 Datasheet
122Kb / 2P
   M12 Male 90 Degree to RJ45 Male
DW04QR117-TL401 ALPHAWIRE-DW04QR117-TL401 Datasheet
122Kb / 2P
   M12 Male 90 Degree to RJ45 Male
DW04QR117-TL356 ALPHAWIRE-DW04QR117-TL356 Datasheet
122Kb / 2P
   M12 Male 90 Degree to RJ45 Male
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com