Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S4261SP Datasheet(PDF) 1 Page - Summit Microelectronics, Inc.

Part # S4261SP
Description  Dual Voltage Supervisory Circuit With Watchdog Timer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

S4261SP Datasheet(HTML) 1 Page - Summit Microelectronics, Inc.

  S4261SP Datasheet HTML 1Page - Summit Microelectronics, Inc. S4261SP Datasheet HTML 2Page - Summit Microelectronics, Inc. S4261SP Datasheet HTML 3Page - Summit Microelectronics, Inc. S4261SP Datasheet HTML 4Page - Summit Microelectronics, Inc. S4261SP Datasheet HTML 5Page - Summit Microelectronics, Inc. S4261SP Datasheet HTML 6Page - Summit Microelectronics, Inc. S4261SP Datasheet HTML 7Page - Summit Microelectronics, Inc. S4261SP Datasheet HTML 8Page - Summit Microelectronics, Inc. S4261SP Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SUMMIT MICROELECTRONICS, Inc.
300 Orchard City Drive, Suite 131
Campbell, CA 95008
Telephone 408-378-6461
Fax 408-378-6586
www.summitmicro.com
1
© SUMMIT MICROELECTRONICS, Inc. 2000
2025 6.0 4/17/00
Characteristics subject to change without notice
FEATURES
Precision Dual Voltage Monitor
–VCC Supply Monitor
- Dual reset outputs for complex
microcontroller systems
- Integrated memory write lockout function
- No external components required
Second Voltage Monitor Output
– Separate VLOW output
– Generates interrupt to MCU
– Generates RESET for dual supply systems
- Guaranteed output assertion to VCC - 1V
Watchdog Timer (S42WD42, S42WD61)
–1.6s
Memory Internally Organized 2 x8
Extended Programmable Functions
Available on SMS24
Dual Voltage Supervisory Circuit
With Watchdog Timer(S42WD61) (S42WD42)
S4242/S42WD42/S4261/S42WD61
High Reliability
– Endurance: 100,000 erase/write cycles
– Data retention: 100 years
OVERVIEW
The S42xxx are a precision power supervisory circuit. It
automatically monitors the device’s VCC level and will
generate a reset output on two complementary open drain
outputs. In addition to the VCC monitoring, the S42xxx also
provides a second voltage comparator input. This input
has an independent open drain output that can be wire-
OR’ed with the RESET I/O or it can be used as a system
interrupt.
The S42xxx also has an integrated 4k/16k-bit nonvolatile
memory. The memory conforms to the industry standard
two-wire serial interface. In addition to the reset circuitry,
the S42WD42/S42WD61 also has a watchdog timer.
BLOCK DIAGRAM
PROGRAMMABLE
WATCHDOG
TIMER
+
GND
VCC
8
4
RESET#
2
VTRIP
RESET
CONTROL
RESET
7
1.26V
SCL
6
SDA
5
2025 T BD 2.0
WRITE
CONTROL
NONVOLATILE
MEMORY
ARRAY
PROGRAMMABLE
RESET PULSE
GENERATOR
+
VLOW#
UV
OV
VSENSE 3
1
(S42WD42,
S42WD61)


Similar Part No. - S4261SP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
S4260 MICROSEMI-S4260 Datasheet
120Kb / 3P
   Silicon Power Rectifier
logo
Switchcraft, Inc.
S4263 SWITCH-S4263 Datasheet
71Kb / 2P
   INSULATING WASHER
More results

Similar Description - S4261SP

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMS2902 SUMMIT-SMS2902 Datasheet
157Kb / 14P
   Voltage Supervisory Circuit With Watchdog Timer
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823 Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823_07 Datasheet
316Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
List of Unclassifed Man...
SMS2916 ETC1-SMS2916 Datasheet
101Kb / 16P
   Precision Voltage Supervisory Circuit With Watchdog Timer and 16K I2C Memory
logo
Toshiba Semiconductor
TA8041HA TOSHIBA-TA8041HA Datasheet
326Kb / 8P
   DUAL VOLTAGE REGULATOR WITH WATCHDOG TIMER
logo
Renesas Technology Corp
ICS9WDV3501B RENESAS-ICS9WDV3501B Datasheet
249Kb / 10P
   VOLTAGE MONITOR/WATCHDOG TIMER CIRCUIT
05/30/08
logo
Integrated Device Techn...
ICS9WDV3501B IDT-ICS9WDV3501B Datasheet
106Kb / 9P
   VOLTAGE MONITOR/WATCHDOG TIMER CIRCUIT
logo
STMicroelectronics
STWD100 STMICROELECTRONICS-STWD100 Datasheet
225Kb / 25P
   Watchdog timer circuit
logo
Rohm
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com