Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM25141QRGERQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM25141QRGERQ1
Description  2.2-MHz, 42-V Synchronous Buck Controller With Low IQ
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM25141QRGERQ1 Datasheet(HTML) 5 Page - Texas Instruments

  LM25141QRGERQ1 Datasheet HTML 1Page - Texas Instruments LM25141QRGERQ1 Datasheet HTML 2Page - Texas Instruments LM25141QRGERQ1 Datasheet HTML 3Page - Texas Instruments LM25141QRGERQ1 Datasheet HTML 4Page - Texas Instruments LM25141QRGERQ1 Datasheet HTML 5Page - Texas Instruments LM25141QRGERQ1 Datasheet HTML 6Page - Texas Instruments LM25141QRGERQ1 Datasheet HTML 7Page - Texas Instruments LM25141QRGERQ1 Datasheet HTML 8Page - Texas Instruments LM25141QRGERQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
5
LM25141-Q1
www.ti.com
SNVSAP9 – MARCH 2017
Product Folder Links: LM25141-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per AEC Q100-002(1)
±2000
V
Charged-device model (CDM), per AEC
Q100-011
All pins except
1,6,7,12,13,18,19, and 24
±500
Pins 1,6,7,12,13,18,19, and
24
±750
(1)
Recommended Operating Conditions are conditions under which the device is intended to be functional. For specifications and test
conditions, see Electrical Characteristics.
(2)
High junction temperatures degrade operating lifetimes. Operating lifetime is de-rated for junction temperatures greater than 125°C.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
NOM
MAX
UNIT
VIN
Input voltage
VIN
3.8
42
V
SW to PGND
–0.3
42
V
HB to SW
–0.3
5
5.25
V
HO, HOL to SW
–0.3
HB + 0.3
V
LO, LOL to PGND
–0.3
5
5.25
V
FB, PG, OSC, SS, RES, DEMB,
VCCX
–0.3
5
V
EN to PGND
–0.3
42
V
VCC, VDD
–0.3
5
5.25
V
VOUT, CS
1.5
5
15
V
PGND to AGND
–0.3
0.3
V
Operating junction temperature(2)
–40
150
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
LM25141-Q1
UNIT
RGE (VQFN)
24 PINS
RθJA
Junction-to-ambient thermal resistance
34.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
36.8
°C/W
RθJB
Junction-to-board thermal resistance
12.1
°C/W
ψJT
Junction-to-top characterization parameter
0.5
°C/W
ψJB
Junction-to-board characterization parameter
12.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
2.9
°C/W


Similar Part No. - LM25141QRGERQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25141QRGERQ1 TI-LM25141QRGERQ1 Datasheet
2Mb / 50P
[Old version datasheet]   LM25141-Q1 2.2-MHz, 42-V Synchronous Buck Controller With Low IQ
More results

Similar Description - LM25141QRGERQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25141-Q1 TI-LM25141-Q1_V01 Datasheet
2Mb / 50P
[Old version datasheet]   LM25141-Q1 2.2-MHz, 42-V Synchronous Buck Controller With Low IQ
LM25143-Q1 TI-LM25143-Q1 Datasheet
3Mb / 70P
[Old version datasheet]   LM25143-Q1 Automotive 3.5-V to 42-V Dual Synchronous Buck Controller With Low IQ
MAY 2022
LM25143 TI-LM25143 Datasheet
4Mb / 69P
[Old version datasheet]   LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
MARCH 2022
TPS43350-Q1 TI1-TPS43350-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   LOW IQ, DUAL SYNCHRONOUS BUCK CONTROLLER
TPS43350-Q1 TI-TPS43350-Q1_15 Datasheet
1Mb / 33P
[Old version datasheet]   LOW IQ, DUAL SYNCHRONOUS BUCK CONTROLLER
LM25149 TI-LM25149 Datasheet
2Mb / 49P
[Old version datasheet]   LM25149 42-V Synchronous Buck DC/DC Controller with Ultra-Low IQ and Integrated Active EMI Filter
LM25148 TI-LM25148 Datasheet
5Mb / 64P
[Old version datasheet]   LM25148 42-V Synchronous Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
DECEMBER 2021
logo
Linear Technology
LTC7813 LINER-LTC7813 Datasheet
1Mb / 42P
   Low IQ, 60V Synchronous BoostBuck Controller
LTC7812 LINER-LTC7812 Datasheet
2Mb / 44P
   Low IQ, 38V Synchronous BoostBuck Controller
logo
Texas Instruments
LM5123-Q1 TI-LM5123-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   LM5123-Q1 2.2-MHz Wide VIN Low-IQ Synchronous Boost Controller with VOUT Tracking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com