Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RBQ10T45ANZ Datasheet(PDF) 1 Page - Rohm

Part # RBQ10T45ANZ
Description  Schottky Barrier Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RBQ10T45ANZ Datasheet(HTML) 1 Page - Rohm

  RBQ10T45ANZ Datasheet HTML 1Page - Rohm RBQ10T45ANZ Datasheet HTML 2Page - Rohm RBQ10T45ANZ Datasheet HTML 3Page - Rohm RBQ10T45ANZ Datasheet HTML 4Page - Rohm RBQ10T45ANZ Datasheet HTML 5Page - Rohm RBQ10T45ANZ Datasheet HTML 6Page - Rohm RBQ10T45ANZ Datasheet HTML 7Page - Rohm RBQ10T45ANZ Datasheet HTML 8Page - Rohm RBQ10T45ANZ Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Data Sheet
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
Schottky Barrier Diode
RBQ10T45ANZ
lApplication
lDimensions (Unit : mm)
lStructure
General rectification
lFeatures
1) Cathode common type.
2) Low IR
3) High reliability
lConstruction
Silicon epitaxial planar
lPackage Dimensions (Unit : mm)
lAbsolute maximum ratings (Tc= 25°C)
Reverse voltage (repetitive)
VRM
V
Reverse voltage (DC)
VR
V
Average rectified forward current (*1)
Io
A
Forward current surge peak (60Hz・1cyc)
IFSM
A
Junction temperature
Tj
°C
Storage temperature
Tstg
°C
(*1) Rating of per diode : Io/2
Symbol
Min.
Typ.
Max.
Unit
Forward voltage
VF
-
-
0.65
V
IF=5A
Reverse current
IR
-
-
150
mA
VR=45V
Parameter
Conditions
Parameter
-40 to +150
lElectrical characteristics (Tj = 25°C)
Symbol
Limits
Unit
45
45
10
50
150
ROHM TO220FN
Manufacture Date
1
1.2
1.3
0.8
(1) (2) (3)
10.0±0.3
    0.1
2.8±0.2
    0.1
4.5±0.3
    0.1
0.7±0.1
0.05
2.6±0.5
1
540
7
1/5
2016.09 - Rev.A


Similar Part No. - RBQ10T45ANZ

ManufacturerPart #DatasheetDescription
logo
Rohm
RBQ10T45A ROHM-RBQ10T45A Datasheet
1Mb / 5P
   Schottky Barrier Diode
More results

Similar Description - RBQ10T45ANZ

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com