Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EGSM900 Datasheet(PDF) 5 Page - Pulse A Technitrol Company

Part # EGSM900
Description  Ceramic Dual Band Monopole Antenna
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

EGSM900 Datasheet(HTML) 5 Page - Pulse A Technitrol Company

  EGSM900 Datasheet HTML 1Page - Pulse A Technitrol Company EGSM900 Datasheet HTML 2Page - Pulse A Technitrol Company EGSM900 Datasheet HTML 3Page - Pulse A Technitrol Company EGSM900 Datasheet HTML 4Page - Pulse A Technitrol Company EGSM900 Datasheet HTML 5Page - Pulse A Technitrol Company EGSM900 Datasheet HTML 6Page - Pulse A Technitrol Company EGSM900 Datasheet HTML 7Page - Pulse A Technitrol Company EGSM900 Datasheet HTML 8Page - Pulse A Technitrol Company EGSM900 Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
5
Pulse Finland Oy
Takatie 6
90440 Kempele, Finland
Tel: +358 207 935 500
Fax: +358 207 935 501
Domicile: Kempele
Business ID: 1933992-8
firstnamelastname@pulseeng.com
www.pulseeng.com/antennas
Application Note: W3070 Ceramic Dual Band Monopole Antenna.
Confidential.
Preliminary (07/09)
© 2006. All Rights Reserved.
Ceramic Chip Antenna
Test Setup for Electrical Measurements
Recommended test board- layout for electrical characteristic measurement. Test
board outline size 95 x 40mm.
Ground cleared under antenna, clearance area 25 mm x 10 mm
Ground cleared under antenna, clearance area 40 mm x 10 mm
Antenna feeding point.
Transmission line should be designed to match 50
characteristic impedance, depending on PWB material
and thickness.
VIA- holes to the bottom-layer of the PWB.
Matching component locations.
Values depend on application and
surrounding mechanics / materials.
W3070 Ceramic chip antenna location.
Stub for PCN1800 band frequency tuning.
Length depends on application and
surrounding mechanics / materials.
Via- holes on ground clearance-
area edges.


Similar Part No. - EGSM900

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
EGSM900 PULSE-EGSM900 Datasheet
5Mb / 19P
   Ceramic Quad Band Monopole Antenna
logo
List of Unclassifed Man...
EGSM900DCS ETC1-EGSM900DCS Datasheet
253Kb / 16P
   QUAD-BAND GSM850/GSM900/DCS/PCS PCS
EGSM900PCS ETC1-EGSM900PCS Datasheet
253Kb / 16P
   QUAD-BAND GSM850/GSM900/DCS/PCS PCS
More results

Similar Description - EGSM900

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W3070 PULSE-W3070 Datasheet
1Mb / 17P
   Ceramic Dual Band Monopole Antenna
W3073 PULSE-W3073 Datasheet
5Mb / 19P
   Ceramic Quad Band Monopole Antenna
W3000 PULSE-W3000 Datasheet
5Mb / 28P
   Ceramic Monopole Antenna
logo
World Produts Inc.
WPANT30001-SB WPI-WPANT30001-SB_15 Datasheet
139Kb / 4P
   3G Penta-band Monopole Antenna
WPANT30001-SB WPI-WPANT30001-SB Datasheet
142Kb / 4P
   3G Penta-band Monopole Antenna
logo
Linx Technologies
ANT-490-CW-QW LINX-ANT-490-CW-QW Datasheet
742Kb / 8P
   Single-Band Connectorized Monopole Antenna
2019
logo
Pulse A Technitrol Comp...
W3404SMA PULSE-W3404SMA Datasheet
1Mb / 10P
   Wide Band LTE Monopole Antenna
logo
Harris Corporation
RF-398-01 HARRIS-RF-398-01 Datasheet
320Kb / 2P
   VHF LOW-BAND VERTICAL MONOPOLE ANTENNA
logo
Linx Technologies
ANT-450-CW-QW-SMA LINX-ANT-450-CW-QW-SMA Datasheet
1Mb / 8P
   Single-Band Monopole LTE/5G Antenna
2020
ANT-450-PW-QW-UFL LINX-ANT-450-PW-QW-UFL Datasheet
1Mb / 8P
   Single-Band Monopole LTE/5G Antenna
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com