Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5A3159YEPR Datasheet(PDF) 1 Page - Texas Instruments

Part # TS5A3159YEPR
Description  1 SPDT ANALOG SWITCH
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A3159YEPR Datasheet(HTML) 1 Page - Texas Instruments

  TS5A3159YEPR Datasheet HTML 1Page - Texas Instruments TS5A3159YEPR Datasheet HTML 2Page - Texas Instruments TS5A3159YEPR Datasheet HTML 3Page - Texas Instruments TS5A3159YEPR Datasheet HTML 4Page - Texas Instruments TS5A3159YEPR Datasheet HTML 5Page - Texas Instruments TS5A3159YEPR Datasheet HTML 6Page - Texas Instruments TS5A3159YEPR Datasheet HTML 7Page - Texas Instruments TS5A3159YEPR Datasheet HTML 8Page - Texas Instruments TS5A3159YEPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
TS5A3159
1 W SPDT ANALOG SWITCH
SCDS174A − AUGUST 2004 – REVISED SEPTEMBER 2004
Description
The TS5A3159 is a single-pole double throw (SPDT)
analog switch that is designed to operate from 1.65-V
to 5.5-V. The device offers a low ON-state resistance
and an excellent ON-resistance, matching with the
break-before-make feature to prevent signal distortion
during the transferring of a signal from one channel to
another. The device has an excellent total harmonic
distortion (THD) performance and consumes very low
power. These features make this device suitable for
portable audio applications.
Applications
D Cell Phones
D PDAs
D Portable Instrumentation
SOT-23 OR SC-70 PACKAGE
(TOP VIEW)
1
2
3
6
5
4
NO
GND
NC
COM
V+
IN
TS5A3159
FUNCTION TABLE
IN
NC TO COM
COM TO NC
NO TO COM
COM TO NO
L
ON
OFF
H
OFF
ON
Features
D Specified Break-Before-Make Switching
D Low ON-State Resistance (1 W)
D Control Inputs Are 5-V Tolerant
D Low Charge Injection
D Excellent ON-Resistance Matching
D Low Total Harmonic Distortion
D 1.65-V to 5.5-V Single-Supply Operation
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D ESD Performance Tested Per JESD 22
− 2000-V Human-Body Model
(A114-B, Class II)
− 1000-V Charged-Device Model (C101)
Summary of Characteristics
V+ = 5 V and TA = 25 °C
Configuration
2:1 Multiplexer/
Demultiplexer
(1
× SPDT)
Number of channels
1
ON-state resistance (ron)
1.1
ON-state resistance match (
∆ron)
0.1
ON-state resistance flatness (ron(flat))
0.15
Turn ON/turn OFF time (tON/tOFF)
20 ns/15 ns
Break-before-make time (tBBM)
12 ns
Charge injection (QC)
36 pC
Bandwidth (BW)
100 MHz
OFF isolation (OISO)
−65 dB at 1 MHz
Crosstalk (XTALK)
−65 dB at 1 MHz
Total harmonic distortion (THD)
0.01%
Leakage current (INO(OFF)/INC(OFF))
±20 nA
Package option
6-pin DBV, DCK, YEP, or
YZP
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2004, Texas Instruments Incorporated


Similar Part No. - TS5A3159YEPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3159 TI-TS5A3159 Datasheet
612Kb / 26P
[Old version datasheet]   1-R SPDT ANALOG SWITCH
TS5A3159 TI1-TS5A3159 Datasheet
712Kb / 28P
[Old version datasheet]   1 SPDT ANALOG SWITCH
TS5A3159 TI-TS5A3159 Datasheet
802Kb / 26P
[Old version datasheet]   1-W SPDT ANALOG SWITCH
TS5A3159 TI-TS5A3159 Datasheet
989Kb / 29P
[Old version datasheet]   TS5A3159 1-廓 SPDT Analog Switch
TS5A3159-EP TI-TS5A3159-EP Datasheet
364Kb / 22P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
More results

Similar Description - TS5A3159YEPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3159-Q1 TI-TS5A3159-Q1 Datasheet
919Kb / 25P
[Old version datasheet]   1- SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM4157 SGMICRO-SGM4157_15 Datasheet
317Kb / 11P
   SPDT 1 Analog Switch
logo
Global Mixed-mode Techn...
G3202 GMT-G3202 Datasheet
294Kb / 3P
   1 SPDT Analog Switch
G3202A GMT-G3202A Datasheet
679Kb / 2P
   1 SPDT Analog Switch
logo
Texas Instruments
TS5A3159 TI1-TS5A3159_14 Datasheet
712Kb / 28P
[Old version datasheet]   1 SPDT ANALOG SWITCH
TS5A3159-Q1 TI-TS5A3159-Q1_15 Datasheet
923Kb / 25P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
TS5A3159-EP TI-TS5A3159-EP Datasheet
364Kb / 22P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3205 GMT-G3205 Datasheet
100Kb / 1P
   Dual 1 SPDT Analog Switch
logo
Texas Instruments
TS5A3159-EP TI1-TS5A3159-EP_14 Datasheet
876Kb / 27P
[Old version datasheet]   1-W SPDT ANALOG SWITCH
TS5A3159-Q1 TI1-TS5A3159-Q1_14 Datasheet
961Kb / 26P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com