Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPT670F2J2 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # LPT670F2J2
Description  Standard SMD LED PLCC-2
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LPT670F2J2 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button LPT670F2J2 Datasheet HTML 3Page - Vishay Siliconix LPT670F2J2 Datasheet HTML 4Page - Vishay Siliconix LPT670F2J2 Datasheet HTML 5Page - Vishay Siliconix LPT670F2J2 Datasheet HTML 6Page - Vishay Siliconix LPT670F2J2 Datasheet HTML 7Page - Vishay Siliconix LPT670F2J2 Datasheet HTML 8Page - Vishay Siliconix LPT670F2J2 Datasheet HTML 9Page - Vishay Siliconix LPT670F2J2 Datasheet HTML 10Page - Vishay Siliconix LPT670F2J2 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
VLMH310., VLMO310., VLMY310., VLMG310., VLMP310.
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 04-Nov-15
7
Document Number: 84789
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 11 - Specific Luminous Intensity vs.
Forward Current/Duty Cycle
Fig. 12 - Relative Luminous Intensity vs. Forward Current
Fig. 13 - Relative Intensity vs. Wavelength
Fig. 14 - Forward Current vs. Forward Voltage
Fig. 15 - Relative Luminous Intensity vs. Ambient Temperature
Fig. 16 - Specific Luminous Intensity vs.
Forward Current/Duty Cycle
95 10259
soft orange
10
20
50
100
200
0
0.4
0.8
1.2
1.6
2.4
500
0.5
0.2
0.1
0.05
0.02
1
I F (mA)
tp/T
2.0
0.01
0.1
1
10
100
1
10
IF - Forward Current (mA)
95 9997
soft orange
95 10324
soft orange
570
590
610
630
650
0
0.2
0.4
0.6
0.8
1.2
670
λ - Wavelength (nm)
1.0
yellow
0.1
1
10
100
95 9987
VF - Forward Voltage (V)
5
2
1
03
4
yellow
0
0.4
0.8
1.6
1.2
2.0
95 9992
Tamb - Ambient Temperature (°C)
20
40
60
80
0
100
yellow
10
20
50
100
200
0
0.4
0.8
1.2
1.6
2.4
95 10260
500
0.5
0.2
0.1
0.05
0.02
1
I
F (mA)
t
p/T
2.0


Similar Part No. - LPT670F2J2

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
LPT670F2J2 TO-GRACE-LPT670F2J2 Datasheet
880Kb / 13P
   Standard SMD LED PLCC-2
More results

Similar Description - LPT670F2J2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMF3100 VISHAY-VLMF3100 Datasheet
194Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.4, 26-Sep-13
VLMS3100 VISHAY-VLMS3100 Datasheet
177Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.5, 31-Jul-15
VLMO31 VISHAY-VLMO31 Datasheet
174Kb / 7P
   Standard SMD LED PLCC-2
Rev. 1.5, 03-Aug-15
VLMP31 VISHAY-VLMP31 Datasheet
172Kb / 7P
   Standard SMD LED PLCC-2
Rev. 1.6, 03-Aug-15
VLMB31J2L2-GS08 VISHAY-VLMB31J2L2-GS08 Datasheet
167Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.1, 23-Oct-07
VLMF3100-GS08 VISHAY-VLMF3100-GS08 Datasheet
188Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.1, 31-Aug-07
VLME31Q2T1-GS08 VISHAY-VLME31Q2T1-GS08 Datasheet
191Kb / 9P
   Standard SMD LED PLCC-2
Rev. 1.1, 06-Sep-07
VLMH3100-GS08 VISHAY-VLMH3100-GS08 Datasheet
205Kb / 14P
   Standard SMD LED PLCC-2
Rev. 1.5, 16-May-08
VLMPG31L1M2 VISHAY-VLMPG31L1M2 Datasheet
172Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.0, 28-Feb-07
VLMS3100-GS08 VISHAY-VLMS3100-GS08 Datasheet
171Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.1, 30-Aug-07
VLMTG31N2S1-GS08 VISHAY-VLMTG31N2S1-GS08 Datasheet
170Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.2, 15-May-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com