Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRD6414AIQ Datasheet(PDF) 10 Page - Exar Corporation

Part # XRD6414AIQ
Description  CMOS 10-Bit, 20 MSPS, High Speed Analog-to-Digital Converter with 4:1 Input Analog Multiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRD6414AIQ Datasheet(HTML) 10 Page - Exar Corporation

Back Button XRD6414AIQ Datasheet HTML 6Page - Exar Corporation XRD6414AIQ Datasheet HTML 7Page - Exar Corporation XRD6414AIQ Datasheet HTML 8Page - Exar Corporation XRD6414AIQ Datasheet HTML 9Page - Exar Corporation XRD6414AIQ Datasheet HTML 10Page - Exar Corporation XRD6414AIQ Datasheet HTML 11Page - Exar Corporation XRD6414AIQ Datasheet HTML 12Page - Exar Corporation XRD6414AIQ Datasheet HTML 13Page - Exar Corporation XRD6414AIQ Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
XRD6414
10
Rev. 1.00
Figure 10. Crossplot Staircase Output
CLK = (15MSPS, trf = 15ns), VIN = 3V,
VREF = 2V
Figure 11. Analog MUX RON vs. Input Voltage
RON vs. VIN
VIN (Volts)
140
120
100
80
60
40
20
0
0
12345
AVDD = 5V
Figure 12. MUX Switching Time Waveform,
AVDD = 5V
6.0
5.0
4.0
3.0
2.0
1.0
0.0
–1.0
t(ns)
010
A0
AOUT
20
30
40
50
60
70
80
90


Similar Part No. - XRD6414AIQ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD6406 EXAR-XRD6406 Datasheet
363Kb / 12P
   CMOS 6 MSPS, 10-Bit, High Speed Analog-to-Digital Converter
XRD6406AID EXAR-XRD6406AID Datasheet
363Kb / 12P
   CMOS 6 MSPS, 10-Bit, High Speed Analog-to-Digital Converter
XRD6406AIP EXAR-XRD6406AIP Datasheet
363Kb / 12P
   CMOS 6 MSPS, 10-Bit, High Speed Analog-to-Digital Converter
XRD6440 EXAR-XRD6440 Datasheet
1Mb / 28P
   10-BIT 40MSPS CMOS ADC
XRD6440AIQ EXAR-XRD6440AIQ Datasheet
1Mb / 28P
   10-BIT 40MSPS CMOS ADC
More results

Similar Description - XRD6414AIQ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP8775 EXAR-MP8775 Datasheet
511Kb / 8P
   CMOS 20 MSPS, 8-Bit, High Speed Analog-to-Digital Converter
XRD6406 EXAR-XRD6406 Datasheet
363Kb / 12P
   CMOS 6 MSPS, 10-Bit, High Speed Analog-to-Digital Converter
logo
Texas Instruments
THS1007 TI-THS1007 Datasheet
246Kb / 36P
[Old version datasheet]   10-BIT, 4 ANALOG INPUT, 6-MSPS, SIMULATANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS10064 TI1-THS10064_09 Datasheet
510Kb / 42P
[Old version datasheet]   10-BIT, 4 ANALOG INPUT, 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1007 TI1-THS1007_14 Datasheet
329Kb / 34P
[Old version datasheet]   10-BIT, 4 ANALOG INPUT, 6-MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Cadeka Microcircuits LL...
SPT7851 CADEKA-SPT7851 Datasheet
225Kb / 9P
   10-Bit, 20 MSPS, 79mW Analog-to-DIgital Converter
logo
Texas Instruments
THS10082 TI-THS10082 Datasheet
263Kb / 34P
[Old version datasheet]   10 bit TWO ANALOG INPUT, 8 MSPS SIMULTANEOUS SAMPLING ANALOG TO DIGITAL CONVERTER
DAC900-Q1 TI1-DAC900-Q1 Datasheet
695Kb / 26P
[Old version datasheet]   10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
THS1009 TI-THS1009 Datasheet
235Kb / 31P
[Old version datasheet]   10-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
NXP Semiconductors
TDA8760 PHILIPS-TDA8760 Datasheet
195Kb / 28P
   10-bit high-speed analog-to-digital converter
1996 Sep 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com