Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL40810 Datasheet(PDF) 9 Page - Zarlink Semiconductor Inc

Part # ZL40810
Description  10-GHz Fixed Modulus 첨 8
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL40810 Datasheet(HTML) 9 Page - Zarlink Semiconductor Inc

Back Button ZL40810 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL40810 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL40810 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL40810 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL40810 Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL40810 Datasheet HTML 10Page - Zarlink Semiconductor Inc ZL40810 Datasheet HTML 11Page - Zarlink Semiconductor Inc ZL40810 Datasheet HTML 12Page - Zarlink Semiconductor Inc ZL40810 Datasheet HTML 13Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
ZL40810
Data Sheet
9
Zarlink Semiconductor Inc.
Figure 10 - Pout, Freq, Temp @ Vcc = 5V
Figure 11 - Pout, Freq, Temp @ Vcc = 5.25V
Frequency_sweep, Vcc = 5v
-15
-14
-13
-12
-11
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
0
2000000000
4000000000
6000000000
8000000000
10000000000
12000000000
14000000000
i/p frequency (MHz)
Device 1,Temperature = -40°C
Device 1,Temperature = 25°C
Device 1,Temperature = 85°C
Frequency_sweep, Vcc = 5.25v
-1.50E+01
-1.40E+01
-1.30E+01
-1.20E+01
-1.10E+01
-1.00E+01
-9.00E+00
-8.00E+00
-7.00E+00
-6.00E+00
-5.00E+00
-4.00E+00
-3.00E+00
-2.00E+00
-1.00E+00
0.00E+00
1.00E+00
2.00E+00
3.00E+00
4.00E+00
5.00E+00
0
2000000000
4000000000
6000000000
8000000000
10000000000
12000000000
14000000000
i/p frequency (MHz)
Device 1,Temperature = -40°C
Device 1,Temperature = 25°C
Device 1,Temperature = 85°C


Similar Part No. - ZL40810

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL4081 ZARLINK-ZL4081 Datasheet
341Kb / 15P
   13.5GHz Fixed Modulus Dividers
ZL40812 ZARLINK-ZL40812 Datasheet
525Kb / 13P
   10GHz Fixed Modulus 첨 16
ZL40812DCE ZARLINK-ZL40812DCE Datasheet
525Kb / 13P
   10GHz Fixed Modulus 첨 16
ZL40812DCF ZARLINK-ZL40812DCF Datasheet
525Kb / 13P
   10GHz Fixed Modulus 첨 16
ZL40813 ZARLINK-ZL40813 Datasheet
341Kb / 15P
   13.5GHz Fixed Modulus Dividers
More results

Similar Description - ZL40810

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL40804 ZARLINK-ZL40804_06 Datasheet
733Kb / 13P
   6 GHz Fixed Modulus 첨 4
SP8908 ZARLINK-SP8908 Datasheet
408Kb / 6P
   5GHZ 첨 8 Fixed Modulus Divider
logo
Mitel Networks Corporat...
SP8808 MITEL-SP8808 Datasheet
93Kb / 5P
   3.3GHz 첨 8 Fixed Modulus Divider
logo
Zarlink Semiconductor I...
ZL40812 ZARLINK-ZL40812 Datasheet
525Kb / 13P
   10GHz Fixed Modulus 첨 16
SP8808 ZARLINK-SP8808 Datasheet
441Kb / 5P
   3.3GHz 첨 Fixed Modulus Divider
SP8916 ZARLINK-SP8916 Datasheet
553Kb / 7P
   5GHZ 첨 16 Fixed Modulus Divider
logo
Mitel Networks Corporat...
SP8802 MITEL-SP8802 Datasheet
93Kb / 5P
   3.3GHz 첨 2 fixed Modulus Divider
logo
Zarlink Semiconductor I...
SP8804 ZARLINK-SP8804 Datasheet
558Kb / 6P
   3.3GHZ 첨 4 Fixed Modulus Divider
logo
Mitel Networks Corporat...
SP8804 MITEL-SP8804 Datasheet
94Kb / 5P
   3.3GHz 첨 4 fixed Modulus Divider
logo
Zarlink Semiconductor I...
SP8802 ZARLINK-SP8802 Datasheet
564Kb / 6P
   3.3GHZ 첨 2 Fixed Modulus Divider
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com