Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC001855 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # EC001855
Description  D-SUB cable - VS-15-DSUB-20-LI-5,0 - 1656288
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

EC001855 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  EC001855 Datasheet HTML 1Page - PHOENIX CONTACT EC001855 Datasheet HTML 2Page - PHOENIX CONTACT EC001855 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/1656288
12/14/2015   Page 1 / 3
D-SUB cable - VS-15-DSUB-20-LI-5,0 - 1656288
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Assembled D-SUB cable shielded, 15-pos., stranded (7-wire), cable color RAL 7000 (gray), IP20 degree of
protection, head 1 with socket shell 2 and straight cable outlet, head 2 with pin shell 2 and straight cable outlet,
length: 5 m
 
Key Commercial Data
Packing unit
1 pc
Weight per Piece (excluding packing)
324.1 g
Custom tariff number
85444290
Country of origin
China
Technical data
Dimensions
Length of cable
5 m
Ambient conditions
Degree of protection
IP20
General data
Number of positions
15
Signal type/category
Universal
Overvoltage category
III
Pollution degree
2
Characteristics head 1
Head type
Socket straight D-SUB 15
No. of positions (pin connector pattern)
15
Characteristics head 2
Head type
Plug straight D-SUB 15


Similar Part No. - EC001855

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
EC001855 PHOENIX-EC001855 Datasheet
326Kb / 5P
   Master cable - RCK-TGUM/BL12/ 5,0PUR-U
02/04/2022
EC001855 PHOENIX-EC001855 Datasheet
93Kb / 5P
   Connectors - SACC-MS-5SC M SCO
EC001855 PHOENIX-EC001855 Datasheet
120Kb / 9P
   Sensor/actuator cable - SAC-4P-M12MS/1,5-600 HD
09/11/2020
EC001855 PHOENIX-EC001855 Datasheet
295Kb / 8P
   Network cable - NBC-M8MSD/ 1,0-93C/M8MSD
EC001855 PHOENIX-EC001855 Datasheet
403Kb / 7P
   Power cable - SAC-5P- 3,0-PVC/M12FSK PE SH
02/03/2022
More results

Similar Description - EC001855

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1656314 PHOENIX-1656314 Datasheet
126Kb / 5P
   D-SUB cable - VS-25-DSUB-20-LI-5,0
09/11/2020
1656259 PHOENIX-1656259 Datasheet
73Kb / 3P
   D-SUB cable - VS-09-DSUB-20-LI-5,0 - 1656259
1656262 PHOENIX-1656262 Datasheet
114Kb / 5P
   D-SUB cable - VS-15-DSUB-20-LI-1,0
09/11/2020
1656275 PHOENIX-1656275 Datasheet
390Kb / 8P
   D-SUB cable - VS-15-DSUB-20-LI-2,0
1656291 PHOENIX-1656291 Datasheet
126Kb / 5P
   D-SUB cable - VS-25-DSUB-20-LI-1,0
09/11/2020
1656301 PHOENIX-1656301 Datasheet
126Kb / 5P
   D-SUB cable - VS-25-DSUB-20-LI-2,0
09/11/2020
1656233 PHOENIX-1656233 Datasheet
62Kb / 3P
   D-SUB cable - VS-09-DSUB-20-LI-1,0 - 1656233
1656246 PHOENIX-1656246 Datasheet
55Kb / 4P
   D-SUB cable - VS-09-DSUB-20-LI-2,0 - 1656246
1688214 PHOENIX-1688214 Datasheet
137Kb / 9P
   D-SUB contact support - VS-15-BU-DSUB-3P
09/11/2020
1688201 PHOENIX-1688201 Datasheet
62Kb / 3P
   D-SUB contact support - VS-15-ST-DSUB-3P
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com