Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2302298 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2302298
Description  The illustration shows a 15-position version
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2302298 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2302298 Datasheet HTML 1Page - PHOENIX CONTACT 2302298 Datasheet HTML 2Page - PHOENIX CONTACT 2302298 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CABLE-D50SUB/B/S/200/KONFEK/S Order No.: 2302298
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2302298
PHOENIX CONTACT Inc., USA
Page 2 / 3
http://www.phoenixcon.com
Mar 23, 2010
Number of positions
50
Number of positions, control side
50
Number of connectors, control side
1
Number of positions, module side
50
Number of connectors, modul side
1
Fixed cable length
2 m
Single wire, cross section
0.25 mm²
AWG
24
External diameter
13.5 mm
Shielding
Tinned copper-braided shield, approx. 85% covering
Insertion/withdrawal cycles
> 200
Width
66.2 mm
Length
40 mm
Certificates / Approvals
Certification
CUL, GOST, UL


Similar Part No. - 2302298

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2302298 PHOENIX-2302298 Datasheet
447Kb / 10P
   VARIOFACE system cable with D-SUB female connector and pin strip
2302298 PHOENIX-2302298 Datasheet
171Kb / 5P
   FLKM-D50 SUB/S/MKKDS
2302298 PHOENIX-2302298 Datasheet
447Kb / 10P
   VARIOFACE system cable with D-SUB female connector and pin strip
2302298 PHOENIX-2302298 Datasheet
171Kb / 5P
   FLKM-D50 SUB/B/MKKDS
2302298 PHOENIX-2302298 Datasheet
447Kb / 10P
   VARIOFACE system cable with D-SUB female connector and pin strip
More results

Similar Description - 2302298

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
13785 PHOENIX-13785 Datasheet
143Kb / 6P
   The illustration shows a combination as a 15-position version
3060157 PHOENIX-3060157 Datasheet
94Kb / 5P
   The illustration shows the 6-position version
5020438 PHOENIX-5020438 Datasheet
87Kb / 3P
   The illustration shows version SORTI 3/ 7
DEK-REL-5 PHOENIX-DEK-REL-5 Datasheet
126Kb / 5P
   The illustration shows the version DEK-REL- 24/O/1
1758018 PHOENIX-1758018 Datasheet
150Kb / 6P
   The figure shows a 10-position version of the product
1786543 PHOENIX-1786543 Datasheet
157Kb / 6P
   The figure shows a 10-position version of the product
DEK-OE-120AC PHOENIX-DEK-OE-120AC Datasheet
129Kb / 5P
   The illustration shows the version DEK-OE- 24DC/48DC/100
DEK-OE-12DC PHOENIX-DEK-OE-12DC Datasheet
131Kb / 5P
   The illustration shows the version DEK-OE- 24DC/48DC/100
REL-B110 PHOENIX-REL-B110 Datasheet
138Kb / 4P
   The illustration shows the version REL-SG 24/B 110
2861959 PHOENIX-2861959 Datasheet
171Kb / 5P
   The illustration shows the version IB IL 24 DI 16
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com