Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2302081 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2302081
Description  VARIOFACE system cable with D-SUB female connector and pin strip
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2302081 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2302081 Datasheet HTML 1Page - PHOENIX CONTACT 2302081 Datasheet HTML 2Page - PHOENIX CONTACT 2302081 Datasheet HTML 3Page - PHOENIX CONTACT 2302081 Datasheet HTML 4Page - PHOENIX CONTACT 2302081 Datasheet HTML 5Page - PHOENIX CONTACT 2302081 Datasheet HTML 6Page - PHOENIX CONTACT 2302081 Datasheet HTML 7Page - PHOENIX CONTACT 2302081 Datasheet HTML 8Page - PHOENIX CONTACT 2302081 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CABLE-D...SUB...
100008_en_06
PHOENIX CONTACT
2
3
Technical data
4
Color code with pin assignment for CABLE-D...SUB...
General data
Maximum permissible operating voltage
125 V AC/DC
Maximum permissible current carrying capacity per path
2 A
Maximum conductor resistance
0.09
Ω/m
Ambient temperature range
-20°C ... 50°C
Shield
Tinned copper braided shield, approximately 85% covering
Insertion/withdrawal cycles
> 200
Conductor cross-section
24 AWG/0.25 mm²
Outside diameter
9-pos.
15-pos.
25-pos.
37-pos.
50-pos.
7.5 mm
9 mm
10.5 mm
12 mm
13.5 mm
Dimensions of the D-SUB
connector
A
B
C
Dimensional drawing
9-pos.
35 mm
31.5 mm
15.5 mm
15-pos.
35 mm
40 mm
15.5 mm
25-pos.
38 mm
53.5 mm
15.5 mm
37-pos.
51 mm
70.5 mm
16 mm
50-pos.
51 mm
68 mm
18.5 mm
B
C
Number of
PIN
Conductor color
1White
(WH)
2Brown
(BN)
3Green
(GN)
4Yellow
(YE)
5Gray
(GY)
6Pink
(PK)
7Blue
(BU)
8Red
(RD)
9-pos.
9
Black
(BK)
10
Violet
(VT)
11
Gray/pink
(GY/PK)
12
Red/blue
(RD/BU)
13
White/green
(WH/GN)
14
Brown/green
(BN/GN)
15-pos.
15
White/yellow
(WH/YE)
16
Yellow/brown
(YE/BN)
17
White/gray
(WH/GY)
18
Gray/brown
(GY/BN)
19
White/pink
(WH/PK)
20
Pink/brown
(PK/BN)
21
White/blue
(WH/BU)
22
Brown/blue
(BN/BU)
23
White/red
(WH/RD)
24
Brown/red
(BN/RD)
25-pos.
25
White/black
(WH/BK)
Number of
PIN
Conductor color
26
Brown/black
(BN/BK)
27
Gray/green
(GY/GN)
28
Yellow/gray
(YE/GY)
29
Pink/green
(PK/GN)
30
Yellow/pink
(YE/PK)
31
Green/blue
(GN/BU)
32
Yellow/blue
(YE/BU)
33
Green/red
(GN/RD)
34
Yellow/red
(YE/RD)
35
Green/black
(GN/BK)
36
Yellow/black
(YE/BK)
37-pos.
37
Gray/blue
(GY/BU)
38
Pink/blue
(PK/BU)
39
Gray/red
(GY/RD)
40
Pink/red
(PK/RD)
41
Gray/black
(GY/BK)
42
Pink/black
(PK/BK)
43
Blue/black
(BU/BK)
44
Red/black
(RD/BK)
45
White/brown/black
(WH/BN/BK)
46
Yellow/green/black
(YE/GN/BK)
47
Gray/pink/black
(GY/PK/BK)
48
Blue/red/black
(BU/RD/BK)
49
White/green/black
(WH/GN/BK)
50-pos.
50
Green/brown/black
(GN/BN/BK)


Similar Part No. - 2302081

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2302081 PHOENIX-2302081 Datasheet
94Kb / 3P
   CABLE-D15SUB/B/S/200/KONFEK/S
2302081 PHOENIX-2302081 Datasheet
113Kb / 5P
   UM 25-D15SUB/S/FRONT/Q
2302081 PHOENIX-2302081 Datasheet
447Kb / 10P
   VARIOFACE system cable with D-SUB female connector and pin strip
2302081 PHOENIX-2302081 Datasheet
447Kb / 10P
   VARIOFACE system cable with D-SUB female connector and pin strip
2302081 PHOENIX-2302081 Datasheet
447Kb / 10P
   VARIOFACE system cable with D-SUB female connector and pin strip
More results

Similar Description - 2302081

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2926153 PHOENIX-2926153 Datasheet
447Kb / 10P
   VARIOFACE system cable with D-SUB female connector and pin strip
2926425 PHOENIX-2926425 Datasheet
447Kb / 10P
   VARIOFACE system cable with D-SUB female connector and pin strip
2299987 PHOENIX-2299987 Datasheet
447Kb / 10P
   VARIOFACE system cable with D-SUB female connector and pin strip
2302052 PHOENIX-2302052 Datasheet
447Kb / 10P
   VARIOFACE system cable with D-SUB female connector and pin strip
2305499 PHOENIX-2305499 Datasheet
447Kb / 10P
   VARIOFACE system cable with D-SUB female connector and pin strip
2926069 PHOENIX-2926069 Datasheet
447Kb / 10P
   VARIOFACE system cable with D-SUB female connector and pin strip
100018 PHOENIX-100018 Datasheet
310Kb / 8P
   VARIOFACE System Cable With Flat-Ribbon Cable Connector
logo
SUYIN USA, INC.
070210FR SUYIN-USA-070210FR Datasheet
132Kb / 1P
   D-SUB 15 PIN FEMALE CONNECTOR
logo
Assmann Electronics Inc...
AB915 ASSMANN-AB915 Datasheet
69Kb / 1P
   D-Sub 9-Pin Female to D-Sub 25-pin Female
logo
PHOENIX CONTACT
103490 PHOENIX-103490 Datasheet
229Kb / 4P
   VIP - VARIOFACE Professional System cables with molded FLK connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com