Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2302094 Datasheet(PDF) 10 Page - PHOENIX CONTACT

Part # 2302094
Description  VARIOFACE system cable with D-SUB female connector and pin strip
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2302094 Datasheet(HTML) 10 Page - PHOENIX CONTACT

Back Button 2302094 Datasheet HTML 2Page - PHOENIX CONTACT 2302094 Datasheet HTML 3Page - PHOENIX CONTACT 2302094 Datasheet HTML 4Page - PHOENIX CONTACT 2302094 Datasheet HTML 5Page - PHOENIX CONTACT 2302094 Datasheet HTML 6Page - PHOENIX CONTACT 2302094 Datasheet HTML 7Page - PHOENIX CONTACT 2302094 Datasheet HTML 8Page - PHOENIX CONTACT 2302094 Datasheet HTML 9Page - PHOENIX CONTACT 2302094 Datasheet HTML 10Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
CABLE-D...SUB...
100008_en_06
10
PHOENIX CONTACT GmbH & Co. KG • 32823 Blomberg • Germany • Phone: + 49 5235 3-00
PHOENIX CONTACT • P.O.Box 4100 • Harrisburg • PA 17111-0100 • USA • Phone: +717-944-1300
www.phoenixcontact.com
Ordering example for round cable assembled with pin strip at one end and open end at the other end
Shielded 50-pos. round cable, assembled with a 50-pos. D-SUB pin strip and one open end, 10.50 m long:
1 pcs.
2900913/CABLE-D-50SUB-M-OE-0,25-S/10,50
5.6
Unassembled shielded system cable
Assembly: None
Ordering example for unassembled round cable
Shielded 25-pos. round cable, not assembled, 35 m long:
1 pcs.
2302340/CABLE D-SUB-S/25S/C00/35,00
Assembled round cable, with 50-pos. D-SUB pin strip
and one open end in variable lengths
50
Variable
CABLE-D-50SUB-M-OE-0,25-S/...
1
2900913
2
1
1
Please specify cable length, see ordering example
(Minimum length: 0.2 m)
2
Version order number
Description
Number of
positions
Cable
length
Type
Order No.
Pcs./
Pkt.
Special lengths can be defined using an order
key, see ordering example on page 10.
Description
Number of
positions
Cable
length
Type
Order No.
Pcs./
Pkt.
Round cable, 9-pos., not assembled, in variable lengths
9
Variable
CABLE D-SUB-S/09S/C00/...
1
2302340
2
1
Round cable, 15-pos., not assembled, in variable lengths
15
Variable
CABLE D-SUB-S/15S/C00/...
1
2302340
2
1
Round cable, 25-pos., not assembled, in variable lengths
25
Variable
CABLE D-SUB-S/25S/C00/...
1
2302340
2
1
Round cable, 37-pos., not assembled, in variable lengths
37
Variable
CABLE D-SUB-S/37S/C00/...
1
2302340
2
1
Round cable, 50-pos., not assembled, in variable lengths
50
Variable
CABLE D-SUB-S/50S/C00/...
1
2302340
2
1
1
Please specify cable length, see ordering example
(Minimum length: 0.2 m)
2
Version order number


Similar Part No. - 2302094

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2302094 PHOENIX-2302094 Datasheet
55Kb / 4P
   Cable - CABLE-D15SUB/B/S/300/KONFEK/S - 2302094
2302094 PHOENIX-2302094 Datasheet
113Kb / 5P
   UM 25-D15SUB/S/FRONT/Q
2302094 PHOENIX-2302094 Datasheet
447Kb / 10P
   VARIOFACE system cable with D-SUB female connector and pin strip
2302094 PHOENIX-2302094 Datasheet
447Kb / 10P
   VARIOFACE system cable with D-SUB female connector and pin strip
2302094 PHOENIX-2302094 Datasheet
447Kb / 10P
   VARIOFACE system cable with D-SUB female connector and pin strip
More results

Similar Description - 2302094

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2926153 PHOENIX-2926153 Datasheet
447Kb / 10P
   VARIOFACE system cable with D-SUB female connector and pin strip
2926425 PHOENIX-2926425 Datasheet
447Kb / 10P
   VARIOFACE system cable with D-SUB female connector and pin strip
2305541 PHOENIX-2305541 Datasheet
447Kb / 10P
   VARIOFACE system cable with D-SUB female connector and pin strip
2299987 PHOENIX-2299987 Datasheet
447Kb / 10P
   VARIOFACE system cable with D-SUB female connector and pin strip
2302052 PHOENIX-2302052 Datasheet
447Kb / 10P
   VARIOFACE system cable with D-SUB female connector and pin strip
2926069 PHOENIX-2926069 Datasheet
447Kb / 10P
   VARIOFACE system cable with D-SUB female connector and pin strip
100018 PHOENIX-100018 Datasheet
310Kb / 8P
   VARIOFACE System Cable With Flat-Ribbon Cable Connector
logo
SUYIN USA, INC.
070210FR SUYIN-USA-070210FR Datasheet
132Kb / 1P
   D-SUB 15 PIN FEMALE CONNECTOR
logo
Assmann Electronics Inc...
AB915 ASSMANN-AB915 Datasheet
69Kb / 1P
   D-Sub 9-Pin Female to D-Sub 25-pin Female
logo
PHOENIX CONTACT
103490 PHOENIX-103490 Datasheet
229Kb / 4P
   VIP - VARIOFACE Professional System cables with molded FLK connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com