Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2302340 Datasheet(PDF) 9 Page - PHOENIX CONTACT

Part # 2302340
Description  VARIOFACE system cable with D-SUB female connector and pin strip
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2302340 Datasheet(HTML) 9 Page - PHOENIX CONTACT

Back Button 2302340 Datasheet HTML 2Page - PHOENIX CONTACT 2302340 Datasheet HTML 3Page - PHOENIX CONTACT 2302340 Datasheet HTML 4Page - PHOENIX CONTACT 2302340 Datasheet HTML 5Page - PHOENIX CONTACT 2302340 Datasheet HTML 6Page - PHOENIX CONTACT 2302340 Datasheet HTML 7Page - PHOENIX CONTACT 2302340 Datasheet HTML 8Page - PHOENIX CONTACT 2302340 Datasheet HTML 9Page - PHOENIX CONTACT 2302340 Datasheet HTML 10Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CABLE-D...SUB...
100008_en_06
PHOENIX CONTACT
9
5.5
Shielded system cable with D-SUB pin strip and
one open end
Assembly: D-SUB pin strip at one end,
open end at the other end according to IEC 807-2/
DIN 41652 (1:1 connection)
Cable outlet: Straight
Metal-plated housing
Screw connection: 2 UNC 4-40 screws
Special lengths can be defined using an order
key, see ordering example on page 10.
Description
Number of
positions
Cable
length
Type
Order No.
Pcs./
Pkt.
Assembled round cable, with 9-pos. D-SUB pin strip
and one open end in fixed lengths
90.5 m
1.0 m
1.5 m
2.0 m
3.0 m
4.0 m
6.0 m
CABLE-D- 9SUB/M/OE/0,25/S/0,5M
CABLE-D- 9SUB/M/OE/0,25/S/1,0M
CABLE-D- 9SUB/M/OE/0,25/S/1,5M
CABLE-D- 9SUB/M/OE/0,25/S/2,0M
CABLE-D- 9SUB/M/OE/0,25/S/3,0M
CABLE-D- 9SUB/M/OE/0,25/S/4,0M
CABLE-D- 9SUB/M/OE/0,25/S/6,0
2926360
2926373
2926386
2926399
2926409
2926412
2926425
1
1
1
1
1
1
1
Assembled round cable, with 9-pos. D-SUB pin strip
and one open end in variable lengths
9
Variable
CABLE-D- 9SUB-M-OE-0,25-S/...
1
2900909
2
1
Assembled round cable, with 15-pos. D-SUB pin strip
and one open end in fixed lengths
15
0.5 m
1.0 m
1.5 m
2.0 m
3.0 m
4.0 m
6.0 m
CABLE-D-15SUB/M/OE/0,25/S/0,5M
CABLE-D-15SUB/M/OE/0,25/S/1,0M
CABLE-D-15SUB/M/OE/0,25/S/1,5M
CABLE-D-15SUB/M/OE/0,25/S/2,0M
CABLE-D-15SUB/M/OE/0,25/S/3,0M
CABLE-D-15SUB/M/OE/0,25/S/4,0M
CABLE-D-15SUB/M/OE/0,25/S/6,0M
2926438
2926441
2926454
2926467
2926470
2926483
2926496
1
1
1
1
1
1
1
Assembled round cable, with 15-pos. D-SUB pin strip
and one open end in variable lengths
15
Variable
CABLE-D-15SUB-M-OE-0,25-S/...
1
2900910
2
1
Assembled round cable, with 25-pos. D-SUB pin strip
and one open end in fixed lengths
25
0.5 m
1.0 m
1.5 m
2.0 m
3.0 m
4.0 m
6.0 m
CABLE-D-25SUB/M/OE/0,25/S/0,5M
CABLE-D-25SUB/M/OE/0,25/S/1,0M
CABLE-D-25SUB/M/OE/0,25/S/1,5M
CABLE-D-25SUB/M/OE/0,25/S/2,0M
CABLE-D-25SUB/M/OE/0,25/S/3,0M
CABLE-D-25SUB/M/OE/0,25/S/4,0M
CABLE-D-25SUB/M/OE/0,25/S/6,0M
2926506
2926519
2926522
2926535
2926548
2926551
2926564
1
1
1
1
1
1
1
Assembled round cable, with 25-pos. D-SUB pin strip
and one open end in variable lengths
25
Variable
CABLE-D-25SUB-M-OE-0,25-S/...
1
2900911
2
1
Assembled round cable, with 37-pos. D-SUB pin strip
and one open end in fixed lengths
37
0.5 m
1.0 m
1.5 m
2.0 m
3.0 m
4.0 m
6.0 m
CABLE-D-37SUB/M/OE/0,25/S/0,5M
CABLE-D-37SUB/M/OE/0,25/S/1,0M
CABLE-D-37SUB/M/OE/0,25/S/1,5M
CABLE-D-37SUB/M/OE/0,25/S/2,0M
CABLE-D-37SUB/M/OE/0,25/S/3,0M
CABLE-D-37SUB/M/OE/0,25/S/4,0M
CABLE-D-37SUB/M/OE/0,25/S/6,0M
2926577
2926580
2926593
2926603
2926616
2926629
2926632
1
1
1
1
1
1
1
Assembled round cable, with 37-pos. D-SUB pin strip
and one open end in variable lengths
37
Variable
CABLE-D-37SUB-M-OE-0,25-S/...
1
2900912
2
1
Assembled round cable, with 50-pos. D-SUB pin strip
and one open end in fixed lengths
50
0.5 m
1.0 m
1.5 m
2.0 m
3.0 m
4.0 m
6.0 m
CABLE-D-50SUB/M/OE/0,25/S/0,5M
CABLE-D-50SUB/M/OE/0,25/S/1,0M
CABLE-D-50SUB/M/OE/0,25/S/1,5M
CABLE-D-50SUB/M/OE/0,25/S/2,0M
CABLE-D-50SUB/M/OE/0,25/S/3,0M
CABLE-D-50SUB/M/OE/0,25/S/4,0M
CABLE-D-50SUB/M/OE/0,25/S/6,0M
2926645
2926658
2926661
2926674
2926687
2926690
2926700
1
1
1
1
1
1
1


Similar Part No. - 2302340

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2302340 PHOENIX-2302340 Datasheet
125Kb / 5P
   FLKM-D37 SUB/B/ZFKDS
2302340 PHOENIX-2302340 Datasheet
447Kb / 10P
   VARIOFACE system cable with D-SUB female connector and pin strip
2302340 PHOENIX-2302340 Datasheet
118Kb / 5P
   UM 45-D37SUB/B/ZFKDS
2302340 PHOENIX-2302340 Datasheet
168Kb / 5P
   FLKM-D25 SUB/B/LA
2302340 PHOENIX-2302340 Datasheet
171Kb / 5P
   FLKM-D50 SUB/S/MKKDS
More results

Similar Description - 2302340

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2926153 PHOENIX-2926153 Datasheet
447Kb / 10P
   VARIOFACE system cable with D-SUB female connector and pin strip
2926425 PHOENIX-2926425 Datasheet
447Kb / 10P
   VARIOFACE system cable with D-SUB female connector and pin strip
2305541 PHOENIX-2305541 Datasheet
447Kb / 10P
   VARIOFACE system cable with D-SUB female connector and pin strip
2299987 PHOENIX-2299987 Datasheet
447Kb / 10P
   VARIOFACE system cable with D-SUB female connector and pin strip
2302052 PHOENIX-2302052 Datasheet
447Kb / 10P
   VARIOFACE system cable with D-SUB female connector and pin strip
2305499 PHOENIX-2305499 Datasheet
447Kb / 10P
   VARIOFACE system cable with D-SUB female connector and pin strip
100018 PHOENIX-100018 Datasheet
310Kb / 8P
   VARIOFACE System Cable With Flat-Ribbon Cable Connector
logo
SUYIN USA, INC.
070210FR SUYIN-USA-070210FR Datasheet
132Kb / 1P
   D-SUB 15 PIN FEMALE CONNECTOR
logo
Assmann Electronics Inc...
AB915 ASSMANN-AB915 Datasheet
69Kb / 1P
   D-Sub 9-Pin Female to D-Sub 25-pin Female
logo
PHOENIX CONTACT
103490 PHOENIX-103490 Datasheet
229Kb / 4P
   VIP - VARIOFACE Professional System cables with molded FLK connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com