Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6622MA Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6622MA
Description  Dual Wideband, Low Noise, 160MHz, Operational Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6622MA Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMH6622MA Datasheet HTML 1Page - National Semiconductor (TI) LMH6622MA Datasheet HTML 2Page - National Semiconductor (TI) LMH6622MA Datasheet HTML 3Page - National Semiconductor (TI) LMH6622MA Datasheet HTML 4Page - National Semiconductor (TI) LMH6622MA Datasheet HTML 5Page - National Semiconductor (TI) LMH6622MA Datasheet HTML 6Page - National Semiconductor (TI) LMH6622MA Datasheet HTML 7Page - National Semiconductor (TI) LMH6622MA Datasheet HTML 8Page - National Semiconductor (TI) LMH6622MA Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
±2.5V Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 2.5V, V= −2.5V, V
CM = 0V, AV = +2, RF = 500Ω,
R
L = 100Ω. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
I
S
Supply Current (per amplifier)
No Load
4.1
5.8
6.4
mA
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note 2: Human body model, 1.5k
Ω in series with 100pF. Machine model, 0Ω in series with 200pF.
Note 3: Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in exceeding the
maximum allowed junction temperature of 150˚C.
Note 4: The maximum power dissipation is a function of TJ(MAX), θJA and TA. The maximum allowable power dissipation at any ambient temperature is PD =
(TJ(MAX) −TA)/θJA. All numbers apply for packages soldered directly onto a PC board.
Note 5: Typical values represent the most likely parametric norm.
Note 6: All limits are guaranteed by testing or statistical analysis.
Note 7: Offset voltage average drift is determined by dividing the change in VOS at temperature extremes into the total temperature change.
Note 8: Slew rate is the slowest of the rising and falling slew rates.
Note 9: Short circuit test is a momentary test. Output short circuit duration is infinite for VS ±2.5V, at room temperature and below. For VS > ±2.5V, allowable short
circuit duration is 1.5ms.
www.national.com
5


Similar Part No. - LMH6622MA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6622MA TI1-LMH6622MA Datasheet
1Mb / 33P
[Old version datasheet]   LMH6622 Dual Wideband, Low Noise, 160 MHz, Operational Amplifiers
LMH6622MA/NOPB TI1-LMH6622MA/NOPB Datasheet
1Mb / 33P
[Old version datasheet]   LMH6622 Dual Wideband, Low Noise, 160 MHz, Operational Amplifiers
LMH6622MAX/NOPB TI1-LMH6622MAX/NOPB Datasheet
1Mb / 33P
[Old version datasheet]   LMH6622 Dual Wideband, Low Noise, 160 MHz, Operational Amplifiers
More results

Similar Description - LMH6622MA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6622 TI1-LMH6622 Datasheet
1Mb / 33P
[Old version datasheet]   LMH6622 Dual Wideband, Low Noise, 160 MHz, Operational Amplifiers
logo
STMicroelectronics
MC33078 STMICROELECTRONICS-MC33078 Datasheet
99Kb / 9P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
November 1997
logo
Unisonic Technologies
MC33078 UTC-MC33078 Datasheet
147Kb / 6P
   DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
BCD Semiconductor Manuf...
AZ4580 BCDSEMI-AZ4580 Datasheet
177Kb / 14P
   DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4560F ROHM-BA4560F Datasheet
252Kb / 5P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
logo
Panasonic Semiconductor
AN6555 PANASONIC-AN6555 Datasheet
35Kb / 4P
   Low Noise Dual Operational Amplifiers
logo
STMicroelectronics
LM833 STMICROELECTRONICS-LM833 Datasheet
45Kb / 5P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
December 1997
logo
Advanced Analog Technol...
AZ4558A AAT-AZ4558A Datasheet
221Kb / 10P
   DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
NE5532 TI-NE5532_10 Datasheet
488Kb / 14P
[Old version datasheet]   DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
AZ4580 ETC-AZ4580 Datasheet
234Kb / 10P
   DUAL LOW NOISE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com