Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2302201 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2302201
Description  VARIOFACE system cable with D-SUB female connector and pin strip
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2302201 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2302201 Datasheet HTML 1Page - PHOENIX CONTACT 2302201 Datasheet HTML 2Page - PHOENIX CONTACT 2302201 Datasheet HTML 3Page - PHOENIX CONTACT 2302201 Datasheet HTML 4Page - PHOENIX CONTACT 2302201 Datasheet HTML 5Page - PHOENIX CONTACT 2302201 Datasheet HTML 6Page - PHOENIX CONTACT 2302201 Datasheet HTML 7Page - PHOENIX CONTACT 2302201 Datasheet HTML 8Page - PHOENIX CONTACT 2302201 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© PHOENIX CONTACT 2010-03-25
100008_en_06
INTERFACE
CABLE-D...SUB...
Data sheet
1Description
The pre-assembled and shielded D-SUB cables can be used
as control and signal cables in environments prone to
interference. When used with VARIOFACE interface
modules (see INTERFACE catalog), they enable quick and
easy connection between the control and field level.
Currents of up to 2 A can be transmitted on each signal path
thanks to the large conductor cross-sections.
Five configuration versions are available:
D-SUB female connector at one end;
D-SUB pin strip at the other end
D-SUB female connector at both ends
D-SUB pin strip at both ends
D-SUB female connector at one end;
open cable end at the other end
D-SUB pin strip at one end;
open cable end at the other end
Various D-SUB cables are available as preferred types in fixed
lengths. In addition, cables of any length can be ordered using
version codes.
Cables are tested for short circuit, polarity reversal, and
open circuit, which ensures they are working properly and
prevents time-consuming troubleshooting during startup.
2Table of contents
1
Description .............................................. 1
2
Table of contents..................................... 1
3
Technical data ......................................... 2
4
Color code with pin assignment for
CABLE-D...SUB... ........................................... 2
5
Ordering data .......................................... 3
5.1
Shielded system cable with D-SUB
female connector and pin strip ................. 3
5.2
Shielded system cable with two
D-SUB female connectors........................ 5
5.3
Shielded system cable with two
D-SUB pin strips ...................................... 6
5.4
Shielded system cable with D-SUB
female connector and one open end ........ 7
5.5
Shielded system cable with D-SUB
pin strip and one open end ....................... 9
5.6
Unassembled shielded
system cable .......................................... 10
Make sure you always use the latest documentation.
It can be downloaded at www.phoenixcontact.net/catalog.
This data sheet is valid for all products listed on page 3 and onwards:
VARIOFACE system cable with D-SUB female
connector and pin strip


Similar Part No. - 2302201

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2302201 PHOENIX-2302201 Datasheet
94Kb / 3P
   CABLE-D37SUB/B/S/100/KONFEK/S
2302201 PHOENIX-2302201 Datasheet
138Kb / 5P
   FLKMS-D37 SUB/S (1-37)
2302201 PHOENIX-2302201 Datasheet
447Kb / 10P
   VARIOFACE system cable with D-SUB female connector and pin strip
2302201 PHOENIX-2302201 Datasheet
124Kb / 5P
   FLKM-D37 SUB/S/ZFKDS
2302201 PHOENIX-2302201 Datasheet
447Kb / 10P
   VARIOFACE system cable with D-SUB female connector and pin strip
More results

Similar Description - 2302201

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2926153 PHOENIX-2926153 Datasheet
447Kb / 10P
   VARIOFACE system cable with D-SUB female connector and pin strip
2926425 PHOENIX-2926425 Datasheet
447Kb / 10P
   VARIOFACE system cable with D-SUB female connector and pin strip
2305541 PHOENIX-2305541 Datasheet
447Kb / 10P
   VARIOFACE system cable with D-SUB female connector and pin strip
2299987 PHOENIX-2299987 Datasheet
447Kb / 10P
   VARIOFACE system cable with D-SUB female connector and pin strip
2302052 PHOENIX-2302052 Datasheet
447Kb / 10P
   VARIOFACE system cable with D-SUB female connector and pin strip
2305499 PHOENIX-2305499 Datasheet
447Kb / 10P
   VARIOFACE system cable with D-SUB female connector and pin strip
100018 PHOENIX-100018 Datasheet
310Kb / 8P
   VARIOFACE System Cable With Flat-Ribbon Cable Connector
logo
SUYIN USA, INC.
070210FR SUYIN-USA-070210FR Datasheet
132Kb / 1P
   D-SUB 15 PIN FEMALE CONNECTOR
logo
Assmann Electronics Inc...
AB915 ASSMANN-AB915 Datasheet
69Kb / 1P
   D-Sub 9-Pin Female to D-Sub 25-pin Female
logo
PHOENIX CONTACT
103490 PHOENIX-103490 Datasheet
229Kb / 4P
   VIP - VARIOFACE Professional System cables with molded FLK connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com