Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1FLM Datasheet(PDF) 3 Page - Vishay Siliconix

Part # S1FLM
Description  Standard Recovery Rectifier, High Voltage Surface Mount
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S1FLM Datasheet(HTML) 3 Page - Vishay Siliconix

  S1FLM Datasheet HTML 1Page - Vishay Siliconix S1FLM Datasheet HTML 2Page - Vishay Siliconix S1FLM Datasheet HTML 3Page - Vishay Siliconix S1FLM Datasheet HTML 4Page - Vishay Siliconix S1FLM Datasheet HTML 5Page - Vishay Siliconix S1FLM Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
S1FLB, S1FLD, S1FLG, S1FLJ, S1FLK, S1FLM
www.vishay.com
Vishay Semiconductors
Rev.1.0, 26-Aug-13
3
Document Number: 81820
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Typical Instantaneous Forward Characteristics
Fig. 3 - Typical Instantaneous Reverse Characteristics
Fig. 4 - Capacitance vs. Reverse Voltage
0
0.6
0.8
1.2
1.0
0
20
40
60
80
100
120
140
160
Ambient Temperature (°C)
0.4
0.2
Resistive or inductive load
3.0 mm x 3.0 mm
40 µm
thick copper pad areas
17375
100
1000
600
700
800
900
1000
1100
InstantaneousForward Voltage (mV)
TJ = 150 °C
TJ =25 °C
TJ = 100 °C
17376
InstantaneousReverse Voltage (V)
0
100
200
300
400
500
600
700
800
900
0.01
0.1
10
1
100
TJ = 150 °C
TJ = 125 °C
TJ = 100 °C
TJ = 75 °C
TJ = 50 °C
TJ = 25 °C
17377
V R (V)
0
5
10
15
20
25
30
35
40
10
9
8
7
6
5
4
3
2
1
0
17378


Similar Part No. - S1FLM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S1FLM VISHAY-S1FLM Datasheet
106Kb / 6P
   Standard Recovery Rectifier, High Voltage Surface-Mount
01-Jan-2022
S1FLM-M VISHAY-S1FLM-M Datasheet
107Kb / 7P
   Standard Recovery Rectifier, High Voltage Surface Mount
Rev.1.0, 26-Aug-13
S1FLM-M VISHAY-S1FLM-M Datasheet
110Kb / 7P
   Standard Recovery Rectifier, High Voltage Surface Mount
Rev.1.5, 26-Feb-2021
S1FLM-M VISHAY-S1FLM-M Datasheet
111Kb / 7P
   Standard Recovery Rectifier, High Voltage Surface Mount
01-Jan-2022
More results

Similar Description - S1FLM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S07B-M VISHAY-S07B-M_V01 Datasheet
108Kb / 6P
   Standard Recovery Rectifier High Voltage Surface-Mount
01-Jan-2022
S07B VISHAY-S07B_V01 Datasheet
108Kb / 6P
   Standard Recovery Rectifier High Voltage Surface Mount
01-Jan-2022
S1FLB-M VISHAY-S1FLB-M Datasheet
107Kb / 7P
   Standard Recovery Rectifier, High Voltage Surface Mount
Rev.1.0, 26-Aug-13
S1FLX-M VISHAY-S1FLX-M Datasheet
110Kb / 7P
   Standard Recovery Rectifier, High Voltage Surface Mount
Rev.1.5, 26-Feb-2021
S07M-M-08 VISHAY-S07M-M-08 Datasheet
90Kb / 5P
   Standard Recovery Rectifier High Voltage Surface Mount
Rev. 1.2, 01-Aug-11
S1FLB-M VISHAY-S1FLB-M_V01 Datasheet
111Kb / 7P
   Standard Recovery Rectifier, High Voltage Surface Mount
01-Jan-2022
S07J-M-08 VISHAY-S07J-M-08 Datasheet
90Kb / 5P
   Standard Recovery Rectifier High Voltage Surface Mount
Rev. 1.2, 01-Aug-11
S1FLB VISHAY-S1FLB_V01 Datasheet
106Kb / 6P
   Standard Recovery Rectifier, High Voltage Surface-Mount
01-Jan-2022
logo
PACELEADER INDUSTRIAL
S1AB PACELEADER-S1AB Datasheet
253Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
FM4001-M PACELEADER-FM4001-M Datasheet
268Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com