Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI2374DS Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI2374DS
Description  N-Channel 20 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI2374DS Datasheet(HTML) 3 Page - Vishay Siliconix

  SI2374DS Datasheet HTML 1Page - Vishay Siliconix SI2374DS Datasheet HTML 2Page - Vishay Siliconix SI2374DS Datasheet HTML 3Page - Vishay Siliconix SI2374DS Datasheet HTML 4Page - Vishay Siliconix SI2374DS Datasheet HTML 5Page - Vishay Siliconix SI2374DS Datasheet HTML 6Page - Vishay Siliconix SI2374DS Datasheet HTML 7Page - Vishay Siliconix SI2374DS Datasheet HTML 8Page - Vishay Siliconix SI2374DS Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Si2374DS
www.vishay.com
Vishay Siliconix
S14-0768-Rev. A, 14-Apr-14
3
Document Number: 62947
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TJ = 25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
5
10
15
20
25
0
0.5
1
1.5
2
V
DS - Drain-to-Source Voltage (V)
V
GS = 5V thru 2V
V
GS = 1.5 V
V
GS = 1.8 V
0.01
0.02
0.03
0.04
0.05
0
5
10
15
20
25
I
D - Drain Current (A)
V
GS = 1.8 V
V
GS =4.5V
V
GS = 2.5 V
0
2
4
6
8
0
3
6
9
12
15
Q
g - Total Gate Charge (nC)
V
DS = 16 V
V
DS = 10 V
V
DS = 5 V
I
D = 4.5 A
0
1
2
3
4
5
0
0.3
0.6
0.9
1.2
1.5
V
GS - Gate-to-Source Voltage (V)
T
C = 25 °C
T
C = 125 °C
T
C = - 55 °C
0
250
500
750
1000
0
5
10
15
20
V
DS - Drain-to-Source Voltage (V)
C
iss
C
oss
C
rss
0.6
0.85
1.1
1.35
1.6
- 50
- 25
0
25
50
75
100
125
150
T
J - Junction Temperature (°C)
V
GS = 4.5 V, 4A / 2.5V, 3A
V
GS = 1.8 V, 2A


Similar Part No. - SI2374DS

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
SI2374DS TFUNK-SI2374DS Datasheet
254Kb / 10P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
221Kb / 9P
   N-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI2374DS VISHAY-SI2374DS_V01 Datasheet
221Kb / 9P
   N-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI2374DS

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com