Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C20ALGR6100ZASK Datasheet(PDF) 3 Page - Kemet Corporation

Part # C20ALGR6100ZASK
Description  C44P/C20A Series, 330 - 1,000 VAC, 700 - 2,300 VDC, for PFC and AC Filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C20ALGR6100ZASK Datasheet(HTML) 3 Page - Kemet Corporation

  C20ALGR6100ZASK Datasheet HTML 1Page - Kemet Corporation C20ALGR6100ZASK Datasheet HTML 2Page - Kemet Corporation C20ALGR6100ZASK Datasheet HTML 3Page - Kemet Corporation C20ALGR6100ZASK Datasheet HTML 4Page - Kemet Corporation C20ALGR6100ZASK Datasheet HTML 5Page - Kemet Corporation C20ALGR6100ZASK Datasheet HTML 6Page - Kemet Corporation C20ALGR6100ZASK Datasheet HTML 7Page - Kemet Corporation C20ALGR6100ZASK Datasheet HTML 8Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3050_C44P_RADIAL • 9/20/2016
3
Power and AC Film Capacitors – Aluminum Can Power Film Capacitors
C44P/C20A Series, 250 – 1,000 VAC, 400 – 1,400 VDC, for PFC and AC Filter
General Technical Data
Reference Standards
IEC 61071
UL810 approved
Dielectric
Polypropylene film
Non-inductive type winding
Climatic Category
25/70/56 – IEC 60068-1
Maximum hot spot temperature
+80°C
Endurance Test IEC 61071
+70°C @ Case Temperature
Installation
Whatever position
Tinned brass deck with self estinguish UL94 V0 plastic insulators
Electrical Characteristics
Rated Voltage
Urms = (see table) VAC
Surge Voltage
Us = (see table) VDC
Capacitance Tolerance
±5% or ±10%
Dissipation Factor PP typical
(tgδ0)
≤ 0.0002 at 25°C
Relative Humidity
Annual average ≤ 80% at 24°C
On 30 days/year permanently 100%. on other days occasionally
90%.
Dewing not admitted
Capacitance deviation in
temperature range (-40 +50°C)
±1.5% maximum on capacitance value at 20°C
Life Expectancy
Life Expectancy
100,000 hours @ V
RMS with THS ≤ 75°C
Capacitance drop at end of life
- 5% (typical)
Failure Rate IEC 61709
See FIT Graph
Test Methods
Test voltage term to term (Utt)
1.5 x V
RMS for 10 seconds at 25°C
Test voltage term to case (Utc)
3,600 V ~ 50 Hz for 10 seconds (C44P)
6,000 V ~ 50 Hz for 10 seconds (C20A)
Damp Heat
IEC 60068-2-78
Change of Temperature
IEC 60068-2-14
Vibration Strength
IEC 60068-2-6
NOTICE: Care should be taken to ensure that there still is electrical clearance of 15 mm between terminations and other live or earthed parts above the
capacitor, in case of safety device activation.


Similar Part No. - C20ALGR6100ZASK

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C20ALGR6100AASK KEMET-C20ALGR6100AASK Datasheet
545Kb / 9P
   Aluminum Can Power Film Capacitors
More results

Similar Description - C20ALGR6100ZASK

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C44HLGP6100AASJ KEMET-C44HLGP6100AASJ Datasheet
457Kb / 8P
   C44H Series, 330 - 440 VAC, 700 - 1,000 VDC, for PFC and AC Filter
C44PLGR6400RASJ KEMET-C44PLGR6400RASJ Datasheet
108Kb / 1P
   C44P-R, Film, Metallized Polypropylene, AC Filter, 400 uF, 5%, 330 VAC, 700 VDC
C44PLGR6600RBSK KEMET-C44PLGR6600RBSK Datasheet
108Kb / 1P
   C44P-R, Film, Metallized Polypropylene, AC Filter, 600 uF, 10%, 330 VAC, 700 VDC
C44PLGR6100RASJ KEMET-C44PLGR6100RASJ Datasheet
108Kb / 1P
   C44P-R, Film, Metallized Polypropylene, AC Filter, 100 uF, 5%, 330 VAC, 700 VDC
C44PLGR6600RASJ KEMET-C44PLGR6600RASJ Datasheet
109Kb / 1P
   C44P-R, Film, Metallized Polypropylene, AC Filter, 600 uF, 5%, 330 VAC, 700 VDC
C44PLGR6200RASJ KEMET-C44PLGR6200RASJ Datasheet
109Kb / 1P
   C44P-R, Film, Metallized Polypropylene, AC Filter, 200 uF, 5%, 330 VAC, 700 VDC
C44PLGR6320RASJ KEMET-C44PLGR6320RASJ Datasheet
109Kb / 1P
   C44P-R, Film, Metallized Polypropylene, AC Filter, 320 uF, 5%, 330 VAC, 700 VDC
C44PLGR6500RASK KEMET-C44PLGR6500RASK Datasheet
108Kb / 1P
   C44P-R, Film, Metallized Polypropylene, AC Filter, 500 uF, 10%, 330 VAC, 700 VDC
C44PLGR6300RASJ KEMET-C44PLGR6300RASJ Datasheet
109Kb / 1P
   C44P-R, Film, Metallized Polypropylene, AC Filter, 300 uF, 5%, 330 VAC, 700 VDC
C44PLGR6500RBSK KEMET-C44PLGR6500RBSK Datasheet
109Kb / 1P
   C44P-R, Film, Metallized Polypropylene, AC Filter, 500 uF, 10%, 330 VAC, 700 VDC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com