Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMF90CIJ Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMF90CIJ
Description  4th-Order Elliptic Notch Filter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMF90CIJ Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMF90CIJ Datasheet HTML 6Page - National Semiconductor (TI) LMF90CIJ Datasheet HTML 7Page - National Semiconductor (TI) LMF90CIJ Datasheet HTML 8Page - National Semiconductor (TI) LMF90CIJ Datasheet HTML 9Page - National Semiconductor (TI) LMF90CIJ Datasheet HTML 10Page - National Semiconductor (TI) LMF90CIJ Datasheet HTML 11Page - National Semiconductor (TI) LMF90CIJ Datasheet HTML 12Page - National Semiconductor (TI) LMF90CIJ Datasheet HTML 13Page - National Semiconductor (TI) LMF90CIJ Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Pin Descriptions
W (Pin 1)
This three-level logic input sets the width of
the notch Notch width is fc2–fc1 (see Figure
1 ) When W is tied to V
a
(pin 14) GND (pin
13) or V
b
(pin 8) the notch width is 055 f0
026 f0 or 0127 f0 respectively
R (Pin 2)
This three-level logic input sets the ratio of
the clock frequency (fCLK) to the center fre-
quency (f0) When R is tied to V
a
GND or
V
b
the clock-to-center-frequency ratio is
33331 501 or 1001 respectively
LD (Pin 3)
This three-level logic input sets the division
factor of the clock frequency divider When
LD is tied to V
a
GND or V
b
the division
factor is 716 596 or 2 respectively
XTAL2 (Pin 4) This is the output of the internal crystal os-
cillator When using the internal oscillator
the crystal should be tied between XTAL2
and XTAL1 (The capacitors are internal
no external capacitors are needed for the
oscillator to operate) When not using the
internal oscillator this pin should be left
open
XTAL1 (Pin 5) This is the crystal oscillator input When us-
ing the internal oscillator the crystal should
be tied between XTAL1 and XTAL2 XTAL1
can also be used as an input for an external
clock signal swinging from V
a
to V
b
The
frequency of the crystal or the external
clock will be divided internally by the clock
divider as determined by the programming
voltage on pin 3
CLK (Pin 6)
This is the filter clock pin The clock signal
appearing on this pin is the filter clock
(fCLK) When using the internal crystal oscil-
lator or an external clock signal applied to
pin 5 while pin 7 is tied to V
a
the CLK pin is
the output of the divider and can be used to
drive other LMF90s with its rail-to-rail output
swing When not using the internal crystal
oscillator or an external clock on pin 5 the
CLK pin can be used as a CMOS or TTL
clock input provided that pin 7 is tied to
GND or V
b
For best performance the duty
cycle of a clock signal applied to this pin
should be near 50% especially at higher
clock frequencies
XLS (Pin 7)
This is a three-level logic pin When XLS is
tied to V
a
the crystal oscillator and fre-
quency divider are enabled and CLK (pin 6)
is an output When XLS is tied to GND (pin
13) the crystal oscillator and frequency di-
vider are disabled and pin 6 is an input for a
clock swinging between V
b
and V
a
When
XLS is tied to V
b
the crystal oscillator and
frequency divider are disabled and pin 6 is a
TTL level clock input for a clock signal
swinging between GND and V
a
or between
V
b
and GND
V
b
(Pin 8)
This is the negative power supply pin It
should be bypassed with at least a 01 mF
capacitor
For
single-supply
operation
connect this pin to system ground
VOUT (Pin 9)
This is the filter output
D (Pin 10)
This two-level logic input is used to set the
depth of the notch (the attenuation at f0)
When D is tied to GND or V
b
the typical
notch depth is 48 dB or 39 dB respective-
ly Note however that the notch depth is
also dependent on the width setting (pin
1) See the Electrical Characteristics for
tested limits
VIN2 (Pin 11)
This is the input to the difference amplifier
section of the notch filter
VIN1 (Pin 12)
This is the input to the internal bandpass
filter This pin is normally connected to pin
11 For wide bandwidth applications an
anti-aliasing filter can be inserted between
pin 11 and pin 12
GND (Pin 13)
This is the analog ground reference for the
LMF90 In split supply applications GND
should
be
connected
to
the
system
ground When operating the LMF90 from a
single positive power supply voltage pin
13 should be connected to a ‘‘clean’’ refer-
ence voltage midway between V
a
and
V
b
V
a
(Pin 14)
This is the positive power supply pin It
should be bypassed with at least a 01 mF
capacitor
10 Definition of Terms
Amax the maximum amount of gain variation within the fil-
ter’s passband (See
Figure 1 ) For the LMF90 AMax is
nominally equal to 025 dB
Amin the minimum attenuation within the notch’s stopband
(See
Figure 1 ) This parameter is adjusted by programming
voltage applied to pin 10 (D)
Bandwidth (BW) or Passband Width
the difference in fre-
quency between the notch filter’s two cutoff frequencies
Cutoff Frequency
for a notch filter one of the two fre-
quencies fC1 and fC2 that define the edges of the pass-
band At these two frequencies the filter has a gain equal to
the passband gain
fCLK the frequency of the clock signal that appears at the
CLK pin This frequency determines the filter’s center fre-
quency Depending on the programming voltage on pin 2
(R) fCLK will be either 3333 50 or 100 times the center
frequency of the notch
f0 or fNotch the center frequency of the notch filter This
frequency is measured by finding the two frequencies for
which the gain b3 dB relative to the passband gain and
calculating their geometrical mean
Passband
for a notch filter frequencies above the upper
cutoff frequency (fC2 in Figure 1 ) and below the lower cutoff
frequency (fC1 in Figure 1 )
10


Similar Part No. - LMF90CIJ

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LMF LEIDITECH-LMF Datasheet
1Mb / 9P
   Sealed Power Inductors
logo
National Semiconductor ...
LMF100 NSC-LMF100 Datasheet
868Kb / 28P
   High Performance Dual Switched Capacitor Filter
logo
Texas Instruments
LMF100 TI1-LMF100 Datasheet
2Mb / 42P
[Old version datasheet]   Dual High-Performance Switched Capacitor Filters
logo
National Semiconductor ...
LMF100CCN NSC-LMF100CCN Datasheet
868Kb / 28P
   High Performance Dual Switched Capacitor Filter
LMF100CIWM NSC-LMF100CIWM Datasheet
868Kb / 28P
   High Performance Dual Switched Capacitor Filter
More results

Similar Description - LMF90CIJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MF8 NSC-MF8 Datasheet
383Kb / 24P
   4th-Order Switched Capacitor Bandpass Filter
logo
Linear Technology
LTC1069-1 LINER-LTC1069-1_15 Datasheet
147Kb / 10P
   Low Power, 8th Order Progressive Elliptic, Lowpass Filter
LTC1069-1 LINER-LTC1069-1 Datasheet
240Kb / 8P
   Low Power, 8th Order Progressive Elliptic, Lowpass Filter
LTC1563-2 LINER-LTC1563-2_1 Datasheet
311Kb / 20P
   Active RC, 4th Order Lowpass Filter Family
LTC1563-2 LINER-LTC1563-2_15 Datasheet
317Kb / 20P
   Active RC, 4th Order Lowpass Filter Family
LTC1064-1 LINER-LTC1064-1 Datasheet
528Kb / 8P
   Low Noise,8th Order Clock Sweepable Elliptic Lowpass Filter?
LTC1563-2 LINER-LTC1563-2 Datasheet
146Kb / 12P
   Active RC, 4th Order Lowpass Filter Family
LTC1563-3 LINER-LTC1563-3_15 Datasheet
317Kb / 20P
   Active RC, 4th Order Lowpass Filter Family
LTC1064-1 LINER-LTC1064-1_15 Datasheet
181Kb / 8P
   Low Noise, 8th Order, Clock Sweepable Elliptic Lowpass Filter
LTC1064-1 LINER-LTC1064-1_09 Datasheet
175Kb / 8P
   Low Noise, 8th Order, Clock Sweepable Elliptic Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com