Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C44AZGR6100ZASK Datasheet(PDF) 7 Page - Kemet Corporation

Part # C44AZGR6100ZASK
Description  C44P/C20A Series, 330 - 1,000 VAC, 700 - 2,300 VDC, for PFC and AC Filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C44AZGR6100ZASK Datasheet(HTML) 7 Page - Kemet Corporation

  C44AZGR6100ZASK Datasheet HTML 1Page - Kemet Corporation C44AZGR6100ZASK Datasheet HTML 2Page - Kemet Corporation C44AZGR6100ZASK Datasheet HTML 3Page - Kemet Corporation C44AZGR6100ZASK Datasheet HTML 4Page - Kemet Corporation C44AZGR6100ZASK Datasheet HTML 5Page - Kemet Corporation C44AZGR6100ZASK Datasheet HTML 6Page - Kemet Corporation C44AZGR6100ZASK Datasheet HTML 7Page - Kemet Corporation C44AZGR6100ZASK Datasheet HTML 8Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3050_C44P_RADIAL • 9/20/2016
7
Power and AC Film Capacitors – Aluminum Can Power Film Capacitors
C44P/C20A Series, 250 – 1,000 VAC, 400 – 1,400 VDC, for PFC and AC Filter
Environmental Compliance
As an environmentally conscious company, KEMET is working continuously with improvements concerning the environmental
effects of both our capacitors and their production.
In Europe (RoHS Directive) and in some other geographical areas like China, legislation has been put in place to prevent the
use of some hazardous materials, like Lead (Pb), in electronic equipment. All products in this catalog are produced to help
our customers' obligations to guarantee their products to fulfill these legislative requirements. The only material of concern
in our products has been Lead (Pb), which has been removed from all designs to fulfill the requirement of containing less
than 0.1% of Lead in any homogeneous material.
KEMET will closely follow any changes in legislation world wide and makes any necessary changes in its products, whenever
needed.
Some customer segments like Medical, Military and Automotive Electronics may still require the use of Lead in electrode
coatings. To clarify the situation and distinguish products from each other, a special symbol is used on the packaging labels
for RoHS compatible capacitors.
Because of customer requirements there may appear additional markings like LF = Lead Free or LFW = Lead Free Wires on
the label.
All KEMET power film products are RoHS Compliant.
Materials & Environment
The selection of materials used by KEMET for the production of capacitors is the result of extensive experience and
constant attention to environmental protection. KEMET selects its suppliers according to ISO 9001 standards and carries out
statistical analysis on the materials purchased before acceptance. All materials are, to the company's present knowledge,
non-toxic and free from Cadmium, Mercury, Chrome and compounds, PCB (Polychlorine Triphenyl), Bromide and Chlorine
Dioxins Bromurate Clorurate, CFC and HCFC and Asbestos.
Green Products
All KEMET power film products are ROHS Compliant.
Insulation Resistance
When the capacitor temperature increases, the insulation resistance decreases. This is due to increased electron activity.
Low insulation resistance can also be the result of moisture trapped in the windings, caused by a prolonged exposure to
excessive humidity.


Similar Part No. - C44AZGR6100ZASK

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C44A KEMET-C44A Datasheet
384Kb / 5P
   ALUMINIUM CASE CAPACITORS GENERAL PURPOSE APPLICATION SCREW TERMINALS
C44AFFP5200ZE0J KEMET-C44AFFP5200ZE0J Datasheet
76Kb / 1P
   Film, Metallized Polypropylene, Power, C44A, 20 uF, 5%, 400 V, 250 V
C44AFFP5250ZA0J KEMET-C44AFFP5250ZA0J Datasheet
76Kb / 1P
   Film, Metallized Polypropylene, Power, C44A, 25 uF, 5%, 400 V, 250 V
C44AFFP5500ZE0J KEMET-C44AFFP5500ZE0J Datasheet
79Kb / 1P
   C44A, Film, Metallized Polypropylene, Power, 50 uF, 5%, 250 VAC, 400 VDC
C44AFGP5750ZA0J KEMET-C44AFGP5750ZA0J Datasheet
76Kb / 1P
   Film, Metallized Polypropylene, Power, C44A, 75 uF, 5%, 400 V, 250 V
More results

Similar Description - C44AZGR6100ZASK

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C44HLGP6100AASJ KEMET-C44HLGP6100AASJ Datasheet
457Kb / 8P
   C44H Series, 330 - 440 VAC, 700 - 1,000 VDC, for PFC and AC Filter
C44PLGR6400RASJ KEMET-C44PLGR6400RASJ Datasheet
108Kb / 1P
   C44P-R, Film, Metallized Polypropylene, AC Filter, 400 uF, 5%, 330 VAC, 700 VDC
C44PLGR6600RBSK KEMET-C44PLGR6600RBSK Datasheet
108Kb / 1P
   C44P-R, Film, Metallized Polypropylene, AC Filter, 600 uF, 10%, 330 VAC, 700 VDC
C44PLGR6100RASJ KEMET-C44PLGR6100RASJ Datasheet
108Kb / 1P
   C44P-R, Film, Metallized Polypropylene, AC Filter, 100 uF, 5%, 330 VAC, 700 VDC
C44PLGR6600RASJ KEMET-C44PLGR6600RASJ Datasheet
109Kb / 1P
   C44P-R, Film, Metallized Polypropylene, AC Filter, 600 uF, 5%, 330 VAC, 700 VDC
C44PLGR6200RASJ KEMET-C44PLGR6200RASJ Datasheet
109Kb / 1P
   C44P-R, Film, Metallized Polypropylene, AC Filter, 200 uF, 5%, 330 VAC, 700 VDC
C44PLGR6320RASJ KEMET-C44PLGR6320RASJ Datasheet
109Kb / 1P
   C44P-R, Film, Metallized Polypropylene, AC Filter, 320 uF, 5%, 330 VAC, 700 VDC
C44PLGR6500RASK KEMET-C44PLGR6500RASK Datasheet
108Kb / 1P
   C44P-R, Film, Metallized Polypropylene, AC Filter, 500 uF, 10%, 330 VAC, 700 VDC
C44PLGR6300RASJ KEMET-C44PLGR6300RASJ Datasheet
109Kb / 1P
   C44P-R, Film, Metallized Polypropylene, AC Filter, 300 uF, 5%, 330 VAC, 700 VDC
C44PLGR6500RBSK KEMET-C44PLGR6500RBSK Datasheet
109Kb / 1P
   C44P-R, Film, Metallized Polypropylene, AC Filter, 500 uF, 10%, 330 VAC, 700 VDC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com