Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C44AZGR6100ZASK Datasheet(PDF) 6 Page - Kemet Corporation

Part # C44AZGR6100ZASK
Description  C44P/C20A Series, 330 - 1,000 VAC, 700 - 2,300 VDC, for PFC and AC Filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C44AZGR6100ZASK Datasheet(HTML) 6 Page - Kemet Corporation

  C44AZGR6100ZASK Datasheet HTML 1Page - Kemet Corporation C44AZGR6100ZASK Datasheet HTML 2Page - Kemet Corporation C44AZGR6100ZASK Datasheet HTML 3Page - Kemet Corporation C44AZGR6100ZASK Datasheet HTML 4Page - Kemet Corporation C44AZGR6100ZASK Datasheet HTML 5Page - Kemet Corporation C44AZGR6100ZASK Datasheet HTML 6Page - Kemet Corporation C44AZGR6100ZASK Datasheet HTML 7Page - Kemet Corporation C44AZGR6100ZASK Datasheet HTML 8Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3050_C44P_RADIAL • 9/20/2016
6
Power and AC Film Capacitors – Aluminum Can Power Film Capacitors
C44P/C20A Series, 250 – 1,000 VAC, 400 – 1,400 VDC, for PFC and AC Filter
Marking
Dissipation Factor
Dissipation factor is a complex function involved with the inefficiency of the capacitor. The tgδ may change up and down
with increased temperature. For more information, please refer to Performance Characteristics.
Sealing
Hermetically Sealed Capacitors
When the temperature increases, the pressure inside the capacitor increases. If the internal pressure is high enough, it can
cause a breach in the capacitor which can result in leakage, impregnation, filling fluid or moisture susceptibility.
Resin Encased/Wrap & Fill Capacitors
The resin seals on resin encased and wrap and fill capacitors will withstand short-term exposure to high humidity
environments without degradation. Resins and plastic tapes will form a pseudo-impervious barrier to humidity and
chemicals. These case materials are somewhat porous and through osmosis can cause contaminants to enter the capacitor.
The second area of contaminated absorption is the lead-wire/resin interface. Since resins cannot bond 100% to tinned wires,
there can be a path formed up to the lead wire into the capacitor section. Aqueous cleaning of circuit boards can aggravate
this condition.
Barometric Pressure
The altitude at which hermetically sealed capacitors are operated controls the voltage rating of the capacitor. As the
barometric pressure decreases, the susceptibility to terminal arc-over increases. Non-hermetic capacitors can be affected
by internal stresses due to pressure changes. This can be in the form of capacitance changes or dielectric arc-over as well
as low insulation resistance. Heat transfer can also be affected by altitude operation. Heat generated in operation cannot be
dissipated properly and can result in high RI2 losses and eventual failure.
Radiation
Radiation capabilities of capacitors must be taken into consideration. Electrical degradation in the form of dielectric
embitterment can take place causing shorts or opens.


Similar Part No. - C44AZGR6100ZASK

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C44A KEMET-C44A Datasheet
384Kb / 5P
   ALUMINIUM CASE CAPACITORS GENERAL PURPOSE APPLICATION SCREW TERMINALS
C44AFFP5200ZE0J KEMET-C44AFFP5200ZE0J Datasheet
76Kb / 1P
   Film, Metallized Polypropylene, Power, C44A, 20 uF, 5%, 400 V, 250 V
C44AFFP5250ZA0J KEMET-C44AFFP5250ZA0J Datasheet
76Kb / 1P
   Film, Metallized Polypropylene, Power, C44A, 25 uF, 5%, 400 V, 250 V
C44AFFP5500ZE0J KEMET-C44AFFP5500ZE0J Datasheet
79Kb / 1P
   C44A, Film, Metallized Polypropylene, Power, 50 uF, 5%, 250 VAC, 400 VDC
C44AFGP5750ZA0J KEMET-C44AFGP5750ZA0J Datasheet
76Kb / 1P
   Film, Metallized Polypropylene, Power, C44A, 75 uF, 5%, 400 V, 250 V
More results

Similar Description - C44AZGR6100ZASK

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C44HLGP6100AASJ KEMET-C44HLGP6100AASJ Datasheet
457Kb / 8P
   C44H Series, 330 - 440 VAC, 700 - 1,000 VDC, for PFC and AC Filter
C44PLGR6400RASJ KEMET-C44PLGR6400RASJ Datasheet
108Kb / 1P
   C44P-R, Film, Metallized Polypropylene, AC Filter, 400 uF, 5%, 330 VAC, 700 VDC
C44PLGR6600RBSK KEMET-C44PLGR6600RBSK Datasheet
108Kb / 1P
   C44P-R, Film, Metallized Polypropylene, AC Filter, 600 uF, 10%, 330 VAC, 700 VDC
C44PLGR6100RASJ KEMET-C44PLGR6100RASJ Datasheet
108Kb / 1P
   C44P-R, Film, Metallized Polypropylene, AC Filter, 100 uF, 5%, 330 VAC, 700 VDC
C44PLGR6600RASJ KEMET-C44PLGR6600RASJ Datasheet
109Kb / 1P
   C44P-R, Film, Metallized Polypropylene, AC Filter, 600 uF, 5%, 330 VAC, 700 VDC
C44PLGR6200RASJ KEMET-C44PLGR6200RASJ Datasheet
109Kb / 1P
   C44P-R, Film, Metallized Polypropylene, AC Filter, 200 uF, 5%, 330 VAC, 700 VDC
C44PLGR6320RASJ KEMET-C44PLGR6320RASJ Datasheet
109Kb / 1P
   C44P-R, Film, Metallized Polypropylene, AC Filter, 320 uF, 5%, 330 VAC, 700 VDC
C44PLGR6500RASK KEMET-C44PLGR6500RASK Datasheet
108Kb / 1P
   C44P-R, Film, Metallized Polypropylene, AC Filter, 500 uF, 10%, 330 VAC, 700 VDC
C44PLGR6300RASJ KEMET-C44PLGR6300RASJ Datasheet
109Kb / 1P
   C44P-R, Film, Metallized Polypropylene, AC Filter, 300 uF, 5%, 330 VAC, 700 VDC
C44PLGR6500RBSK KEMET-C44PLGR6500RBSK Datasheet
109Kb / 1P
   C44P-R, Film, Metallized Polypropylene, AC Filter, 500 uF, 10%, 330 VAC, 700 VDC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com