Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LE3-006-160-NM Datasheet(PDF) 3 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # LE3-006-160-NM
Description  Cable assembly
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

LE3-006-160-NM Datasheet(HTML) 3 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  LE3-006-160-NM Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG LE3-006-160-NM Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG LE3-006-160-NM Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG LE3-006-160-NM Datasheet HTML 4Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Technical Data Sheet Draft
Micro RF
Cable assembly
LE3-006-XXX-NM
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Email : info@rosenberger.de
Page
3 / 4
Mechanical data
Mating cycles
≥ 25
Mating force
≤ 45 N
Unmating force
≥ 2 N
Mated height
2.4 mm
Environmental data
Temperature range
-40°C to +90°C
Storage temperature
-40°C to +90°C
RoHS
compliant
Cable load
Micro coax cable E3 (RTK008).
Center conductor AWG 36
Picture on data sheet shows an assembly example
After mating do not apply higher forces than defined in the
picture below.
max. 2N
max. 2N
max. 4N


Similar Part No. - LE3-006-160-NM

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
LE3-006-100 ROSENBERGER-LE3-006-100 Datasheet
667Kb / 4P
   Cable assembly
More results

Similar Description - LE3-006-160-NM

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CNX-410 VCC-CNX-410 Datasheet
1Mb / 1P
   Cable Assembly
logo
Marl International Limi...
CNX-310 MARL-CNX-310 Datasheet
25Kb / 1P
   CABLE ASSEMBLY
CNX-440 MARL-CNX-440 Datasheet
1Mb / 1P
   CABLE ASSEMBLY
logo
JFW Industries, Inc.
016-850-XX JFW-016-850-XX Datasheet
26Kb / 1P
   CABLE ASSEMBLY
logo
Pasternack Enterprises,...
PE34319LF PASTERNACK-PE34319LF Datasheet
300Kb / 1P
   Cable ASSEMBLY
logo
Marl International Limi...
CNX-310 MARL-CNX-310_15 Datasheet
25Kb / 1P
   CABLE ASSEMBLY
CNX-410 MARL-CNX-410_15 Datasheet
1Mb / 1P
   CABLE ASSEMBLY
logo
Rosenberger Hochfrequen...
LH1-053-80-NM ROSENBERGER-LH1-053-80-NM Datasheet
72Kb / 2P
   CABLE ASSEMBLY
LA2-020-3000 ROSENBERGER-LA2-020-3000 Datasheet
164Kb / 2P
   Cable assembly
LD5-216-XXXX-Y-Y ROSENBERGER-LD5-216-XXXX-Y-Y Datasheet
122Kb / 2P
   CABLE ASSEMBLY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com